Part Number Hot Search : 
MMBD353 BB121 74HC366 BTB12 FSF05H60 BTB12 PSB2197 PT2399
Product Description
Full Text Search
 

To Download 74LVC244ATTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVC244A
LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
s s s
s
s s
s
s
s
s
5V TOLERANT INPUTS HIGH SPEED: tPD = 5.9ns (MAX.) at VCC = 3V POWER DOWN PROTECTION ON INPUTS AND OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) at VCC = 3V PCI BUS LEVELS GUARANTEED AT 24 mA BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 1.65V to 3.6V (1.2V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 244 LATCH-UP PERFORMANCE EXCEEDS 500mA (JESD 17) ESD PERFORMANCE: HBM > 2000V (MIL STD 883 method 3015); MM > 200V
SOP
TSSOP
ORDER CODES
PACKAGE SOP TSSOP TUBE 74LVC244AM T&R 74LVC244AMTR 74LVC244ATTR
DESCRIPTION The 74LVC244A is a low voltage CMOS OCTAL BUS BUFFER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for 1.65 to 3.6 VCC operations and low power and low noise applications.
It can be interfaced to 5V signal environment for inputs in mixed 3.3/5V system. G control output governs four BUS BUFFERs. This device is designed to be used with 3 state memory address drivers, etc. It has more speed performance at 3.3V than 5V AC/ACT family, combined with a lower power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
February 2002
.
1/9
74LVC244A
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No 1 2, 4, 6, 8 9, 7, 5, 3 11, 13, 15, 17 18, 16, 14, 12 19 10 20 SYMBOL 1G 1A1 to 1A4 2Y1 to 2Y4 2A1 to 2A4 1Y1 to 1Y4 2G GND VCC NAME AND FUNCTION Output Enable Input Data Inputs Data Outputs Data Inputs Data Outputs Output Enable Input Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS G L L H
X : Don't care Z : High Impedance
OUTPUT An L H X Yn L H Z
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage (High Impedance or VCC = 0V) DC Output Voltage (High or Low State) (note 1) DC Input Diode Current DC Output Diode Current (note 2) DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 50 - 50 50 100 -65 to +150 300 Unit V V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current per Supply Pin
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) IO absolute maximum rating must be observed 2) VO < GND
2/9
74LVC244A
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO VO IOH, IOL IOH, IOL IOH, IOL IOH, IOL Top dt/dv Supply Voltage (note 1) Input Voltage Output Voltage (High Impedance or VCC = 0V) Output Voltage (High or Low State) High or Low Level Output Current (VCC = 3.0 to 3.6V) High or Low Level Output Current (VCC = 2.7 to 3.0V) High or Low Level Output Current (VCC = 2.3 to 2.7V) High or Low Level Output Current (VCC = 1.65 to 2.3V) Operating Temperature Input Rise and Fall Time (note 2) Parameter Value 1.65 to 3.6 0 to 5.5 0 to 5.5 0 to VCC 24 12 8 4 -55 to 125 0 to 10 Unit V V V V mA mA mA mA C ns/V
1) Truth Table guaranteed: 1.2V to 3.6V 2) VIN from 0.8V to 2V at VCC = 3.0V
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 1.65 to 1.95 2.3 to 2.7 2.7 to 3.6 1.65 to 3.6 1.65 2.3 2.7 3.0 3.0 VOL Low Level Output Voltage 1.65 to 3.6 1.65 2.3 2.7 3.0 II Ioff IOZ Input Leakage Current Power Off Leakage Current High Impedance Output Leakage Current Quiescent Supply Current ICC incr. per Input 3.6 0 3.6 IO=-100 A IO=-4 mA IO=-8 mA IO=-12 mA IO=-18 mA IO=-24 mA IO=100 A IO=4 mA IO=8 mA IO=12 mA IO=24 mA VI = 0 to 5.5V VI or VO = 5.5V VI = VIH orVIL VO = 0 to 5.5V VI = VCC or GND 3.6 2.7 to 3.6 VI or VO = 3.6 to 5.5V VIH = VCC-0.6V VCC-0.2 1.2 1.7 2.2 2.4 2.2 0.2 0.45 0.7 0.4 0.55 5 10 5 -40 to 85 C Min. 0.65VCC 1.7 2 0.35VCC 0.7 0.8 VCC-0.2 1.2 1.7 2.2 2.4 2.2 0.2 0.45 0.7 0.4 0.55 5 10 5 A A A V V Max. Value -55 to 125 C Min. 0.65VCC 1.7 2 0.35VCC 0.7 0.8 V V Max. Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
VOH
ICC
10 10 500
10 10 500 A A 3/9
ICC
74LVC244A
DYNAMIC SWITCHING CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 3.3 CL = 50pF VIL = 0V, VIH = 3.3V Value TA = 25 C Min. Typ. 0.8 -0.8 Max. V Unit
VOLP VOLV
Dynamic Low Level Quiet Output (note 1)
1) Number of output defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the LOW state.
AC ELECTRICAL CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) CL (pF) 30 30 50 50 30 30 50 50 30 30 50 50 RL () 1000 500 500 500 1000 500 500 500 1000 500 500 500 ts = tr (ns) 2.0 2.0 2.5 2.5 2.0 2.0 2.5 2.5 2.0 2.0 2.5 2.5 -40 to 85 C Min. Max. 9.0 7.9 6.9 5.9 11 9.6 8.6 7.6 9.0 7.8 6.8 6.5 1 Value -55 to 125 C Min. Max. 12 10.5 8.3 7.1 14.3 12.5 10.3 9.1 11.7 10.1 8.2 7.8 1 Unit
tPLH tPHL
Propagation Delay Time
tPZL tPZH
tPLZ tPHZ
tOSLH tOSHL
1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 Output Enable Time 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 Output Disable Time 1.65 to 1.95 2.3 to 2.7 2.7 3.0 to 3.6 Output To Output 2.7 to 3.6 Skew Time (note1, 2)
1.5 1
ns
1 1
ns
2 2
ns
ns
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - t PLHn|, tOSHL = | tPHLm - tPHLn| 2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) Value TA = 25 C Min. fIN = 10MHz Typ. 4 1.8 2.5 3.3 28 30 34 Max. pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x f IN + ICC/n (per circuit)
4/9
74LVC244A
TEST CIRCUIT
RT = ZOUT of pulse generator (typically 50)
TEST CIRCUIT AND WAVEFORM SYMBOL VALUE
Symbol 1.65 to 1.95V CL R L = R1 VS VIH VM VOH VX VY tr = tr 30pF 1000 2 x VCC VCC VCC/2 VCC VOL + 0.15V VOH - 0.15V <2.0ns 2.3 to 2.7V 30pF 500 2 x VCC VCC VCC/2 VCC VOL + 0.15V VOH - 0.15V <2.0ns VCC 2.7V 50pF 500 6V 2.7V 1.5V 3.0V VOL + 0.3V VOH - 0.3V <2.5ns 3.0 to 3.6V 50pF 500 6V 2.7V 1.5V 3.0V VOL + 0.3V VOH - 0.3V <2.5ns
5/9
74LVC244A
WAVEFORM 1: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
6/9
74LVC244A
SO-20 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.020 13.00 10.65 0.35 0.23 0.5 45 (typ.) 0.496 0.393 0.050 0.450 0.300 0.050 0.029 0.512 0.419 0.1 TYP MAX. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 MIN. TYP. MAX. 0.104 0.008 0.096 0.019 0.012 inch
PO13L
7/9
74LVC244A
TSSOP20 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 6.4 6.2 4.3 6.5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 6.6 6.6 4.48 0.002 0.031 0.007 0.004 0.252 0.244 0.169 0.256 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0089 0.260 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0087225C
8/9
74LVC244A
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of 74LVC244ATTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X