Part Number Hot Search : 
MAS1016B K100207 MAS1016B MJE4352 SOE339 SDA113C XC4000E 30000
Product Description
Full Text Search
 

To Download 74LCX16374TTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCX16374
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
s s
s
s
s s
s
s
s
s
5V TOLERANT INPUTS AND OUTPUTS HIGH SPEED : fMAX = 150MHz (MIN.) at VCC = 3V POWER DOWN PROTECTION ON INPUTS AND OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) at VCC = 3V PCI BUS LEVELS GUARANTEED AT 24 mA BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2.0V to 3.6V (1.5V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 16374 LATCH-UP PERFORMANCE EXCEEDS 500mA (JESD 17) ESD PERFORMANCE: HBM > 2000V (MIL STD 883 method 3015); MM > 200V
TSSOP
ORDER CODES
PACKAGE TSSOP TUBE T&R 74LCX16374TTR
PIN CONNECTION
DESCRIPTION The 74LCX16374 is a low voltage CMOS 16 BIT D-TYPE FLIP-FLOP with 3 STATE OUTPUTS NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and high speed 3.3V applications; it can be interfaced to 5V signal environment for both inputs and outputs. These 16 bit D-TYPE flip-flops are controlled by two clock inputs (nCK) and two output enable inputs(nOE). On the positive transition of the (nCK), the nQ outputs will be set to the logic state that were setup at the nD inputs. While the (nOE) input is low, the 8 outputs (nQ) will be in a normal state (high or low logic level) and while high level the outputs will be in a high impedance state. Any output control does not affect the internal operation of flip flops; that is, the old data can be retained or the new data can be entered even while the outputs are off. It has same speed performance at 3.3V than 5V AC/ACT family, combined with a lower power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
February 2003 1/10
74LCX16374
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No 1 SYMBOL 1OE NAME AND FUNCTION
IEC LOGIC SYMBOLS
3 State Output Enable Input (Active LOW) 2, 3, 5, 6, 8, 9, 1Q0 to 1Q7 3-State Outputs 11, 12 13, 14, 16, 17, 2Q0 to 2Q7 3-State Outputs 19, 20, 22, 23 24 2OE 3 State Output Enable Input (Active LOW) 25 2CK Latch Enable Input 36, 35, 33, 32, 2D0 to 2D7 Data Inputs 30, 29, 27, 26 47, 46, 44, 43, 1D0 to 1D7 Data Inputs 41, 40, 38, 37 48 1CK Latch Enable Input 4, 10, 15, 21, GND Ground (0V) 28, 34, 39, 45 7, 18, 31, 42 VCC Positive Supply Voltage
TRUTH TABLE
INPUTS OE H L L L
X : Don`t Care Z : High Impedance
OUTPUT D X X L H Q Z NO CHANGE* L H
CK X
2/10
74LCX16374
LOGIC DIAGRAM
This logic diagram has not to be used to estimate propagation delays
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO VO IIK IOK IO ICC IGND Tstg TL Supply Voltage DC Input Voltage DC Output Voltage (OFF State) DC Output Voltage (High or Low State) (note 1) DC Input Diode Current DC Output Diode Current (note 2) DC Output Current DC Supply Current per Supply Pin DC Ground Current per Supply Pin Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 50 - 50 50 100 100 -65 to +150 300 Unit V V V V mA mA mA mA mA C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) IO absolute maximum rating must be observed 2) VO < GND
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO VO IOH, IOL IOH, IOL Top dt/dv Supply Voltage (note 1) Input Voltage Output Voltage (OFF State) Output Voltage (High or Low State) High or Low Level Output Current (VCC = 3.0 to 3.6V) High or Low Level Output Current (VCC = 2.7V) Operating Temperature Input Rise and Fall Time (note 2) Parameter Value 2.0 to 3.6 0 to 5.5 0 to 5.5 0 to VCC 24 12 -55 to 125 0 to 10 Unit V V V V mA mA C ns/V
1) Truth Table guaranteed: 1.5V to 3.6V 2) VIN from 0.8V to 2V at VCC = 3.0V
3/10
74LCX16374
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) -40 to 85 C Min. 2.0 2.7 to 3.6 0.8 2.7 to 3.6 2.7 3.0 VOL Low Level Output Voltage 2.7 to 3.6 2.7 3.0 II Ioff IOZ Input Leakage Current Power Off Leakage Current High Impedance Output Leakage Current Quiescent Supply Current ICC incr. per Input 2.7 to 3.6 0 2.7 to 3.6 IO=-100 A IO=-12 mA IO=-18 mA IO=-24 mA IO=100 A IO=12 mA IO=16 mA IO=24 mA VI = 0 to 5.5V VI or VO = 5.5V VI = VIH or VIL VO = 0 to VCC VI = VCC or GND VI or VO= 3.6 to 5.5V VIH = VCC - 0.6V VCC-0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5 10 5 20 20 500 VCC-0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5 10 5 20 20 500 A A A A A V V 0.8 V Max. Value -55 to 125 C Min. 2.0 Max. V Unit
VIH VIL VOH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
ICC ICC
2.7 to 3.6 2.7 to 3.6
DYNAMIC SWITCHING CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 3.3 CL = 50pF VIL = 0V, VIH = 3.3V Value TA = 25 C Min. Typ. 0.8 -0.8 Max. V Unit
VOLP VOLV
Dynamic Low Level Quiet Output (note 1)
1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the LOW state.
4/10
74LCX16374
AC ELECTRICAL CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 2.7 3.0 to 3.6 2.7 3.0 to 3.6 2.7 3.0 to 3.6 2.7 3.0 to 3.6 2.7 3.0 to 3.6 2.7 3.0 to 3.6 3.0 to 3.6 3.0 to 3.6 50 50 50 50 500 500 500 500 2.5 2.5 2.5 2.5 50 500 2.5 50 500 2.5 CL (pF) 50 50 RL () 500 500 ts = tr (ns) 2.5 2.5 -40 to 85 C Min. 1.5 1.5 1.5 1.5 1.5 1.5 2.5 2.5 1.5 1.5 3.0 3.0 170 1.0 Max. 6.5 6.2 6.3 6.1 6.2 6.0 Value -55 to 125 C Min. 1.5 1.5 1.5 1.5 1.5 1.5 2.5 2.5 1.5 1.5 3.0 3.0 150 1.0 ns ns MHz ns ns Max. 6.5 6.2 6.3 6.1 6.2 6.0 ns ns ns Unit
tPLH tPHL tPZL tPZH
Propagation Delay Time Output Enable Time to HIGH and LOW level Output Disable Time from HIGH and LOW level Set-Up Time, HIGH or LOW level (Dn to CK) Hold Time, HIGH or LOW level (Dn to CK) CK Pulse Width, HIGH or LOW Clock Pulse Frequency Output To Output Skew Time (note1, 2)
tPLZ tPHZ
tS
th
tW fMAX tOSLH tOSHL
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|) 2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 3.3 3.3 3.3 VIN = 0 to VCC VIN = 0 to VCC fIN = 10MHz VIN = 0 or VCC Value TA = 25 C Min. Typ. 7 8 20 Max. pF pF pF Unit
CIN COUT CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit)
5/10
74LCX16374
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL = 50 pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open 6V GND
WAVEFORM 1 : PROPAGATION DELAYS, SETUP AND HOLD TIMES, MAXIMUM CLOCK FREQUENCY (f=1MHz; 50% duty cycle)
6/10
74LCX16374
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
WAVEFORM 3 : PULSE WIDTH (f=1MHz; 50% duty cycle)
7/10
74LCX16374
TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.50 6.0 0.5 BSC 8 0.75 0 0.020 0.17 0.09 12.4 8.1 BSC 6.2 0.236 0.0197 BSC 8 0.030 0.05 0.9 0.27 0.20 12.6 0.0067 0.0035 0.488 0.318 BSC 0.244 TYP MAX. 1.2 0.15 0.002 0.035 0.011 0.0079 0.496 MIN. TYP. MAX. 0.047 0.006 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7065588C
8/10
74LCX16374
Tape & Reel TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.7 13.1 1.5 3.9 11.9 12.8 20.2 60 30.4 8.9 13.3 1.7 4.1 12.1 0.343 0.516 0.059 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.350 0.524 0.067 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch
9/10
74LCX16374
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of 74LCX16374TTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X