Part Number Hot Search : 
1100P NTE7159 AD7312LF AZ494DM TLE4252G B2403 092315 6N60N
Product Description
Full Text Search
 

To Download 74LCX06SJX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCX06 Low Voltage Hex Inverter/Buffer with Open Drain Outputs
October 1999 Revised February 2005
74LCX06 Low Voltage Hex Inverter/Buffer with Open Drain Outputs
General Description
The LCX06 contains six inverters/buffers. The inputs tolerate voltages up to 7V allowing the interface of 5V systems to 3V systems. The outputs of the LCX06 are open drain and can be connected to other open drain outputs to implement active LOW wire AND or active HIGH wire OR functions. The 74LCX06 is fabricated with advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.
Features
s 5V tolerant inputs s 2.3V-3.6V VCC specifications provided s 3.7 ns tPD max (VCC
3.3V), 10 PA ICC max 3.0V)
s Power down high impedance inputs and outputs s 24 mA output drive (VCC s Implements patented noise/EMI reduction circuitry s Latch-up performance exceeds 500 mA s Functionally compatible with 74 series 05 s ESD performance:
Human body model ! 2000V Machine model ! 200V
Ordering Code:
Order Number 74LCX06M 74LCX06MX_NL (Note 1) 74LCX06SJ 74LCX06MTC 74LCX06MTCX_NL (Note 1) Package Number M14A M14A M14D MTC14 MTC14 Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B. Note 1: "_NL" indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Pin Names An On Description Inputs Outputs
(c) 2005 Fairchild Semiconductor Corporation
DS500237
www.fairchildsemi.com
74LCX06
Absolute Maximum Ratings(Note 2)
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Value Conditions Units V V Output in HIGH or LOW State (Note 3) VI GND VO GND VO ! VCC V mA mA mA mA mA
0.5 to 7.0 0.5 to 7.0 0.5 to 7.0 50 50 50 50 r100 r100 65 to 150
qC
Recommended Operating Conditions
Symbol VCC VI VO IOL Supply Voltage Input Voltage Output Voltage Output Current Parameter
(Note 4) Min Operating Data Retention 2.0 1.5 0 0 VCC VCC VCC 3.0V 3.6V 2.7V 3.0V 2.3V 2.7V Max 3.6 3.6 5.5 5.5 Units V V V mA
24 12 8 40
85 10 0
TA
Free-Air Operating Temperature Input Edge Rate, VIN 0.8V-2.0V, VCC 3.0V
qC
ns/V
't/'V
Note 2: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 3: IO Absolute Maximum Rating must be observed. Note 4: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL VOL Parameter HIGH Level Input Voltage LOW Level Input Voltage LOW Level Output Voltage IOL IOL IOL IOL IOL II IOFF ICC Input Leakage Current Power-Off Leakage Current Quiescent Supply Current Increase in ICC per Input Off State Current Conditions VCC (V) 2.3 2.7 2.7 3.6 2.3 2.7 2.7 3.6 TA
40qC to 85qC
Max
Units
Min 1.7 2.0
V 0.7 0.8 0.2 0.6 0.4 0.4 0.55 V V
100 PA
8 mA 12 mA 16 mA 24 mA 5.5V
2.3 3.6 2.3 2.7 3.0 3.0 2.3 3.6 0 2.3 3.6 2.3 3.6 2.3 3.6 2 - 3.6
0 d VI d 5.5V VI or VO VI VIH VO V CC or GND VCC 0.6V 5.5
r5.0
10 10
PA PA PA PA PA
3.6V d VI d 5.5V
r10
500 10
'ICC
IOHZ
www.fairchildsemi.com
2
74LCX06
AC Electrical Characteristics
TA Symbol Parameter VCC 3.3V r 0.3V
40qC to 85qC, RL
VCC CL Min 1.0 1.0 2.7V 50 pF Max 4.1 4.1
500: VCC 2.5V r 0.2V Units
CL 50 pF Min tPZL tPLZ Propagation Delay Time 0.8 0.8 Max 3.7 3.7
CL 30 pF Min 0.8 0.8 Max 3.5 3.5 ns
Dynamic Switching Characteristics
Symbol VOLP VOLV Parameter Quiet Output Dynamic Peak VOL Quiet Output Dynamic Valley VOL CL CL CL CL 50 pF, VIH 30 pF, VIH 50 pF, VIH 30 pF, VIH Conditions 3.3V, VIL 2.5V, VIL 3.3V, VIL 2.5V, VIL 0V 0V 0V 0V VCC (V) 3.3 2.5 3.3 2.5 TA 25qC Units V V Typical 0.9 0.7
0.8 0.6
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance Parameter VCC VCC VCC Open, VI 3.3V, VI 3.3V, VI Conditions 0V or VCC 0V or VCC 0V or VCC, f 10 MHz Typical 7 8 25 Units pF pF pF
3
www.fairchildsemi.com
74LCX06
AC Loading and Waveforms Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance)
Test tPLH, tPHL tPZL, tPLZ tPZH,tPHZ Switch OPEN 6V at VCC 3.3 r 0.3V VCC x 2 at VCC 2.5 r 0.2V GND
3-STATE Output High Enable and Disable TImes for Logic
trise and tfall
FIGURE 2. Waveforms (Input Pulse Characteristics; f = 1MHz, t r = tf = 3ns)
Symbol Vmi Vmo Vx Vy VCC 3.3V r 0.3V 1.5V 1.5V VOL 0.3V VOH 0.3V 2.7V 1.5V 1.5V VOL 0.3V VOH 0.3V 2.5V r 0.2V VCC/2 VCC/2 VOL 0.15V VOH 0.15V
www.fairchildsemi.com
4
74LCX06
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M14A
5
www.fairchildsemi.com
74LCX06
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
www.fairchildsemi.com
6
74LCX06 Low Voltage Hex Inverter/Buffer with Open Drain Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LCX06SJX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X