Part Number Hot Search : 
2N2855 12ETD KA5M0280 DTU40N10 2931C 2SC6040 IDTQS TLHG4201
Product Description
Full Text Search
 

To Download 74FST312506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74FST3125 4-Bit Bus Switch
The ON Semiconductor 74FST3125 is a quad, high performance switch. The device is CMOS TTL compatible when operating between 4 and 5.5 Volts. The device exhibits extremely low RON and adds nearly zero propagation delay. The device adds no noise or ground bounce to the system. The device consists of four independent 1-bit switches with separate Output/Enable (OE) pins. Port A is connected to Port B when OE is low. If OE is high, the switch is high Z.
Features
14 1 SOIC-14 D SUFFIX CASE 751A 1 14 14 1 TSSOP-14 DT SUFFIX CASE 948G 1 16 1 QSOP-16 QS SUFFIX CASE 492 A Location L, WL Y W, WW Week Pin OE1, OE2, OE3, OE4 1A, 2A, 3A, 4A 1B, 2B, 3B, 4B NC = = = = 16 S3125 ALYW 1 Assembly Wafer Lot Year Work Description Bus Switch Enables Bus A Bus B Not Connected FST 3125 ALYW
http://onsemi.com MARKING DIAGRAMS
14 FST3125 AWLYWW
* * * * * * * *
RON t 4 W Typical Less Than 0.25 ns-Max Delay Through Switch Nearly Zero Standby Current No Circuit Bounce Control Inputs are TTL/CMOS Compatible Pin-For-Pin Compatible With QS3125, FST3125, CBT3125 All Popular Packages: QSOP-16, TSSOP-14, SOIC-14 All Devices in Package TSSOP are Inherently Pb-Free*
OE1 1A 1B OE2 2A 2B GND
1 2 3 4 5 6 7
14 13 12 11 10 9 8
VCC OE4 4A 4B OE3 3A 3B
Figure 1. Pin Assignment for SOIC and TSSOP
NC OE1 1A 1B OE2 2A 2B GND
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VCC OE4 4A 4B OE3 3A 3B NC
PIN NAMES
Figure 2. Pin Assignment for QSOP
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. 1 Publication Order Number: 74FST3125/D
(c) Semiconductor Components Industries, LLC, 2006
June, 2006 - Rev. 3
74FST3125
OE1 1
1A OE2
2 4
3
1B
2A OE3
5 10
6
2B
3A OE4
9 13
8
3B
4A
12
11
4B
Figure 3. Logic Diagram
TRUTH TABLE
Inputs OE L H Outputs A, B A=B Z
ORDERING INFORMATION
Device Order Number 74FST3125D 74FST3125DR2 74FST3125DT 74FST3125DTR2 74FST3125QS 74FST3125QSR Package SOIC-14 SOIC-14 TSSOP* (Pb-Free) TSSOP* (Pb-Free) QSOP-16 QSOP-16 Shipping 55 Units / Rail 2500 Units / Tape & Reel 96 Units / Rail 2500 Units / Tape & Reel 96 Units / Rail 2500 Units / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
74FST3125
MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG TL TJ qJA DC Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Range Lead Temperature, 1 mm from Case for 10 Seconds Junction Temperature Under Bias Thermal Resistance (Note 1) SOIC TSSOP QSOP VI t GND VO t GND Parameter Value *0.5 to )7.0 *0.5 to )7.0 *0.5 to )7.0 *50 *50 128 $100 $100 *65 to )150 260 )150 125 170 200 Level 1 Oxygen Index: 28 to 34 Human Body Model (Note 2) Machine Model (Note 3) Above VCC and Below GND at 85_C (Note 4) UL 94 V-0 @ 0.125 in u2000 u200 $500 V mA Unit V V V mA mA mA mA mA _C _C _C _C/W
MSL FR VESD ILatchup
Moisture Sensitivity Flammability Rating ESD Withstand Voltage Latchup Performance
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Measured with minimum pad spacing on an FR4 board, using 10 mm-by-1 inch, 2-ounce copper trace with no air flow. 2. Tested to EIA/JESD22-A114-A. 3. Tested to EIA/JESD22-A115-A. 4. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO TA Dt/DV Supply Voltage Input Voltage Output Voltage Operating Free-Air Temperature Input Transition Rise or Fall Rate Switch Control Input Switch I/O Parameter Operating, Data Retention Only (Note ) (HIGH or LOW State) Min 4.0 0 0 *40 0 0 Max 5.5 5.5 VCC )85 5 DC Unit V V V _C ns/V
5. Unused control inputs may not be left open. All control inputs must be tied to a high- or low-logic input voltage level.
http://onsemi.com
3
74FST3125
DC ELECTRICAL CHARACTERISTICS
VCC Symbol VIK VIH VIL II IOZ RON Parameter Clamp Diode Resistance High-Level Input Voltage Low-Level Input Voltage Input Leakage Current OFF-STATE Leakage Current Switch On Resistance (Note 6) 0 v VIN v 5.5 V 0 v A, B v VCC VIN = 0 V, IIN = 64 mA VIN = 0 V, IIN = 30 mA VIN = 2.4 V, IIN = 15 mA VIN = 2.4 V, IIN = 15 mA ICC DICC Quiescent Supply Current Increase In ICC per Input VIN = VCC or GND, IOUT = 0 One input at 3.4 V, Other inputs at VCC or GND IIN = *18mA Conditions (V) 4.5 4.0 to 5.5 4.0 to 5.5 5.5 5.5 4.5 4.5 4.5 4.0 5.5 5.5 4 4 8 11 2.0 0.8 $1.0 $1.0 7 7 15 20 3 2.5 mA mA TA = *40_C to )85_C Min Typ* Max *1.2 Unit V V V mA mA W
*Typical values are at VCC = 5.0 V and TA = 25_C. 6. Measured by the voltage drop between A and B pins at the indicated current through the switch.
AC ELECTRICAL CHARACTERISTICS
Limits TA = *40_C to )85_C VCC = 4.5 to 5.5 V Symbol tPHL, tPLH tPZH, tPZL tPHZ, tPLZ Parameter Prop Delay Bus to Bus (Note 7) Output Enable Time Output Disable Time Conditions VI = OPEN VI = 7 V for tPZL VI = OPEN for tPZH VI = 7 V for tPLZ VI = OPEN for tPHZ Figures 4 and 5 4 and 5 4 and 5 1.0 1.5 Min Max 0.25 5.0 5.3 VCC = 4.0 V Min Max 0.25 5.5 5.6 Unit ns ns ns
7. This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On resistance of the switch and the 50 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
CAPACITANCE (Note 8)
Symbol CIN CI/O Parameter Control Pin Input Capacitance Input/Output Capacitance VCC = 5.0 V VCC, OE = 5.0 V Conditions Typ 3 5 Max Unit pF pF
8. TA = )25_C, f = 1 MHz, Capacitance is characterized but not tested.
http://onsemi.com
4
74FST3125
AC Loading and Waveforms
VI FROM OUTPUT UNDER TEST 500 W
CL*
500 W
NOTES: 1. Input driven by 50 W source terminated in 50 W. 2. CL includes load and stray capacitance. *CL = 50 pF
Figure 4. AC Test Circuit
tf = 2.5 nS 90 % SWITCH INPUT 1.5 V 10 % tPLH 1.5 V 90 % 1.5 V
tf = 2.5 nS Vmi 10 % tPLH
3.0 V
GND VOH
OUTPUT
1.5 V VOL
Figure 5. Propagation Delays
tf = 2.5 nS tf = 2.5 nS ENABLE INPUT 90 % 1.5 V 10 % tPZL OUTPUT 1.5 V tPZH 10 % 90 % 1.5 V GND tPZL 3.0 V
VOL + 0.3 V VOL tPHZL VOH
1.5 V OUTPUT
VOH - 0.3 V
Figure 6. Enable/Disable Delays http://onsemi.com
5
74FST3125
PACKAGE DIMENSIONS
SOIC-14 D SUFFIX CASE 751A-03 ISSUE G
-A-
14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
G
C
R X 45 _
F
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
-T-
SEATING PLANE
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
TSSOP-14 DT SUFFIX CASE 948G-01 ISSUE O
14X K REF NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. DIM A B C D F G H J J1 K K1 L M MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.50 0.60 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.020 0.024 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V N
S
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K
0.15 (0.006) T U
S
J J1
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
http://onsemi.com
6
EC CE ECC CE ECC CEC
A -V-
K1
SECTION N-N -W-
74FST3125
PACKAGE DIMENSIONS
QSOP-16 QS SUFFIX CASE 492-01 ISSUE O
-A- R
Q H x 45_ U RAD. 0.013 X 0.005 DP. MAX
MOLD PIN MARK
-B-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. THE BOTTOM PACKAGE SHALL BE BIGGER THAN THE TOP PACKAGE BY 4 MILS (NOTE: LEAD SIDE ONLY). BOTTOM PACKAGE DIMENSION SHALL FOLLOW THE DIMENSION STATED IN THIS DRAWING. 4. PLASTIC DIMENSIONS DOES NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 6 MILS PER SIDE. 5. BOTTOM EJECTOR PIN WILL INCLUDE THE COUNTRY OF ORIGIN (COO) AND MOLD CAVITY I.D. INCHES DIM MAX MIN A 0.189 0.196 B 0.150 0.157 C 0.061 0.068 D 0.008 0.012 F 0.016 0.035 G 0.025 BSC H 0.008 0.018 J 0.0098 0.0075 K 0.004 0.010 L 0.230 0.244 M 0_ 8_ N 0_ 7_ P 0.007 0.011 Q 0.020 DIA R 0.025 0.035 U 0.025 0.035 V 0_ 8_ MILLIMETERS MAX MIN 4.80 4.98 3.81 3.99 1.55 1.73 0.20 0.31 0.41 0.89 0.64 BSC 0.20 0.46 0.249 0.191 0.10 0.25 5.84 6.20 0_ 8_ 0_ 7_ 0.18 0.28 0.51 DIA 0.64 0.89 0.64 0.89 0_ 8_
RAD. 0.005-0.010 TYP L 0.25 (0.010)
M
G T P DETAIL E
C
K -T-
SEATING PLANE M
V N 8 PL
D 16 PL 0.25 (0.010) TB
S
A
S
M
J
F DETAIL E
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
7
74FST3125/D


▲Up To Search▲   

 
Price & Availability of 74FST312506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X