Part Number Hot Search : 
WMS7120 PAA150F DMC16249 M168F AAT4608 1SMC40CA 05E21 UPD17120
Product Description
Full Text Search
 

To Download 74F368SJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74F366*74F368 Hex Inverter Buffer with 3-STATE Outputs
April 1988 Revised August 1999
74F366*74F368 Hex Inverter Buffer with 3-STATE Outputs
Features
s 3-STATE buffer outputs sink 64 mA s High-speed s Bus-oriented s High impedance npn base inputs for reduced loading
Ordering Code:
Order Number 74F366SC 74F366PC 74F368SC 74F368SJ 74F368PC Package Number M16A N16E M16A M16D N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagrams
74F366 74F368
(c) 1999 Fairchild Semiconductor Corporation
DS009521
www.fairchildsemi.com
74F366*74F368
Logic Symbols
IEEE/IEC 74F366 IEEE/IEC 74F368
Unit Loading/Fan Out
Pin Names OE1, OE2 In On, On Description Output Enable Input (Active LOW) Input Outputs U.L. HIGH/LOW 1.0/0.033 1.0/0.033 600/106.6 (80) Input IIH/IIL Output IOH/IOL 20 A/-20 A 20 A/-20 A -12 mA/64 mA (48 mA)
Function Tables
74F366 Inputs OE1 L L X H OE2 L L H X I L H X X Output O H L Z Z
L = LOW Voltage Level H X = Immaterial Z = High Impedance
74F368 Inputs OE L L H I L H X Output O H L Z
= HIGH Voltage Level
www.fairchildsemi.com
2
74F366*74F368
Absolute Maximum Ratings(Note 1)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 2) Input Current (Note 2) Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output Current Applied to Output in LOW State (Max) twice the rated IOL (mA) -0.5V to VCC -0.5V to +5.5V -65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage 0C to +70C +4.5V to +5.5V
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VIH VIL VCD VOH VOL IIH IBVI IIL IOZH IOZL IOS ICEX IZZ ICCH ICCL ICCZ Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Current Input HIGH Current Breakdown Test Input LOW Current Output Leakage Current Output Leakage Current Output Short-Circuit Current Output HIGH Leakage Current Bus Drainage Test Power Supply Current Power Supply Current Power Supply Current 20 49 35 -100 -20 50 -50 -225 250 500 25 62 48 A A A mA A A mA mA mA Max Max Max Max Max 0.0V Max Max Max VIN = 0.5V VOUT = 2.7V VOUT = 0.5V VOUT = 0V VOUT = VCC VOUT = 5.25V VO = HIGH VO = LOW VO = HIGH Z 20 100 A A Max Max VIN = 2.7V VIN = 7.0V 10% VCC 0.55 V Min IOL = 64 mA 10% VCC 2.0 Min 2.0 0.8 -1.2 Typ Max Units V V V V Min Min VCC Conditions Recognized as a HIGH Signal Recognized as a LOW Signal IIN = -18 mA IOH = -15 mA
AC Electrical Characteristics
TA = +25C Symbol Parameter Min tPLH tPHL tPZH tPZL tPZH tPZL tPHZ tPLZ Disable Time Enable Time (74F368) Enable Time (74F366) Propagation Delay 2.5 1.0 2.5 2.5 2.5 3.0 2.0 2.0 VCC = +5.0V CL = 50 pF Typ 4.0 1.8 4.2 4.2 4.2 5.6 3.3 4.1 Max 6.5 5.0 9.5 9.0 7.5 8.5 6.5 6.5 TA = 0C to +70C CL = 50 pF CL = 50 pF Min 2.0 1.0 2.5 2.5 2.0 3.0 2.0 2.0 Max 7.5 5.5 10.0 9.5 8.5 9.0 7.0 7.0 ns ns ns ns Units
3
www.fairchildsemi.com
74F366*74F368
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
www.fairchildsemi.com
4
74F366*74F368 Hex Inverter Buffer with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 5 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74F368SJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X