Part Number Hot Search : 
FP35R12W 1205D 7808P SI7460DP LR014 12PD517 ON2604 MAX9317
Product Description
Full Text Search
 

To Download 74AUP1G14GW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AUP1G14
Low-power Schmitt-trigger inverter
Rev. 01 -- 20 July 2005 Product data sheet
1. General description
The 74AUP1G14 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. This device ensures a very low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for partial Power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. The 74AUP1G14 provides a single inverting Schmitt-trigger which accepts standard input signals. It is capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. The inputs switch at different points for positive and negative-going signals. The difference between the positive voltage V(th)LH and the negative voltage V(th)HL is defined as the input hysteresis voltage Vhys.
2. Features
s Wide supply voltage range from 0.8 V to 3.6 V s High noise immunity s ESD protection: x HBM JESD22-A114-C exceeds 2000 V x MM JESD22-A115-A exceeds 200 V x CDM JESD22-C101-C exceeds 1000 V s Low static power consumption; ICC = 0.9 A (maximum) s Latch-up performance exceeds 100 mA per JESD 78 Class II s Inputs accept voltages up to 3.6 V s Low noise overshoot and undershoot < 10 % of VCC s IOFF circuitry provides partial Power-down mode operation s Multiple package options s Specified from -40 C to +85 C and -40 C to +125 C
3. Applications
s Wave and pulse shaper s Astable multivibrator s Monostable multivibrator
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
4. Quick reference data
Table 1: Quick reference data GND = 0 V; Tamb = 25 C; tr = tf 3 ns. Symbol Parameter Conditions CL = 5 pF; RL = 1 M; VCC = 0.8 V CL = 5 pF; RL = 1 M; VCC = 1.1 V to 1.3 V CL = 5 pF; RL = 1 M; VCC = 1.4 V to 1.6 V CL = 5 pF; RL = 1 M; VCC = 1.65 V to 1.95 V CL = 5 pF; RL = 1 M; VCC = 2.3 V to 2.7 V CL = 5 pF; RL = 1 M; VCC = 3.0 V to 3.6 V Ci CPD input capacitance power dissipation capacitance VCC = 1.8 V; f = 10 MHz VCC = 3.3 V; f = 10 MHz
[1] [2] [1] [2]
Min 3.0 2.6 2.2 2.0 1.9 -
Typ 20.3 5.9 4.3 3.7 3.1 2.8 0.8 4.6 6.1
Max 11.7 7.6 6.2 4.8 4.0 -
Unit ns ns ns ns ns ns pF pF pF
tPHL, tPLH propagation delay A to Y
[1]
CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs. The condition is VI = GND to VCC.
[2]
5. Ordering information
Table 2: Ordering information Package Temperature range Name 74AUP1G14GW 74AUP1G14GM -40 C to +125 C -40 C to +125 C TSSOP5 XSON6 Description plastic thin shrink small outline package; 5 leads; body width 1.25 mm Version SOT353-1 Type number
plastic extremely thin small outline package; no leads; SOT886 6 terminals; body 1 x 1.45 x 0.5 mm
6. Marking
Table 3: Marking Marking code pF pF Type number 74AUP1G14GW 74AUP1G14GM
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
2 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
7. Functional diagram
2
A
Y
4
2
mna024
4
mna023
Fig 1. Logic symbol
Fig 2. IEC logic symbol
A
Y
mna025
Fig 3. Logic diagram
8. Pinning information
8.1 Pinning
14
n.c. n.c. A 1 2 5 VCC 1 6 VCC
A
2
5
n.c.
14
GND 3 4 Y 4
001aab655
GND
3
Y
001aab656
Transparent top view
Fig 4. Pin configuration SOT353-1 (TSSOP5)
Fig 5. Pin configuration SOT886 (XSON6)
8.2 Pin description
Table 4: Symbol n.c. A GND Y n.c. VCC Pin description Pin TSSOP5 1 2 3 4 5 XSON6 1 2 3 4 5 6 not connected data input A ground (0 V) data output Y not connected supply voltage Description
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
3 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
9. Functional description
9.1 Function table
Table 5: Input A L H
[1] H = HIGH voltage level; L = LOW voltage level.
Function table [1] Output Y H L
10. Limiting values
Table 6: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC IIK VI IOK VO IO ICC IGND Tstg Ptot
[1] [2]
Parameter supply voltage input clamping current input voltage output clamping current output voltage output current quiescent supply current ground current storage temperature total power dissipation
Conditions VI < 0 V
[1]
Min -0.5 -0.5 [1] [1]
Max +4.6 -50 +4.6 50
Unit V mA V mA
VO > VCC or VO < 0 V active mode Power-down mode VO = 0 V to VCC
-0.5 -0.5 -65
VCC + 0.5 V +4.6 20 +50 -50 +150 250 V mA mA mA C mW
Tamb = -40 C to +125 C
[2]
-
The input and output voltage ratings may be exceeded if the input and output current ratings are observed. For TSSOP5 packages: above 87.5 C the value of Ptot derates linearly with 4.0 mW/K. For XSON6 packages: above 45 C the value of Ptot derates linearly with 2.4 mW/K.
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
4 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
11. Recommended operating conditions
Table 7: VCC VI VO Tamb Recommended operating conditions Conditions Min 0.8 0 active mode Power-down mode; VCC = 0 V ambient temperature 0 0 -40 Max 3.6 3.6 VCC 3.6 Unit V V V V supply voltage input voltage output voltage Symbol Parameter
+125 C
12. Static characteristics
Table 8: Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = 25 C VOH HIGH-state output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-state output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V ILI IOFF IOFF ICC ICC Ci Co
9397 750 14676
Conditions
Min
Typ
Max
Unit
VCC - 0.1 1.11 1.32 2.05 1.9 2.72 2.6 -
0.8 1.7
0.1 0.3 x VCC 0.31 0.31 0.31 0.44 0.31 0.44 0.1 0.2 0.2 0.5 40 -
V V V V V V V V V V V V V V V V A A A A A pF pF
0.75 x VCC -
input leakage current power-off leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V
additional power-off leakage VI or VO = 0 V to 3.6 V; current VCC = 0 V to 0.2 V quiescent supply current additional quiescent supply current input capacitance output capacitance VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V VI = GND or VCC; VCC = 0 V to 3.6 V VO = GND; VCC = 0 V
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
5 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
Table 8: Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = -40 C to +85 C VOH HIGH-state output voltage VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-state output voltage VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V ILI IOFF IOFF ICC ICC input leakage current power-off leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V 0.1 0.3 x VCC 0.37 0.35 0.33 0.45 0.33 0.45 0.5 0.5 0.6 0.9 50 V V V V V V V V A A A A A VCC - 0.1 0.7 x VCC 1.03 1.30 1.97 1.85 2.67 2.55 V V V V V V V V Conditions Min Typ Max Unit
additional power-off leakage VI or VO = 0 V to 3.6 V; current VCC = 0 V to 0.2 V quiescent supply current additional quiescent supply current HIGH-state output voltage VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V VI = VIH or VIL IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V
Tamb = -40 C to +125 C VOH VCC - 0.11 0.6 x VCC 0.93 1.17 1.77 1.67 2.40 2.30 V V V V V V V V
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
6 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
Table 8: Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VOL LOW-state output voltage Conditions VI = VIH or VIL IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V ILI IOFF IOFF ICC ICC input leakage current power-off leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V 0.11 0.41 0.39 0.36 0.50 0.36 0.50 0.75 0.75 0.75 1.4 75 V V V V V V V A A A A A 0.33 x VCC V Min Typ Max Unit
additional power-off leakage VI or VO = 0 V to 3.6 V; current VCC = 0 V to 0.2 V quiescent supply current additional quiescent supply current VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V
13. Dynamic characteristics
Table 9: Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7 Symbol tPHL, tPLH Parameter propagation delay A to Y Conditions see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V Tamb = 25 C; CL = 10 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 3.5 3.0 2.7 2.4 2.4 23.9 6.7 5.0 4.3 3.6 3.4 13.4 8.7 7.0 5.5 4.6 ns ns ns ns ns ns 3.0 2.6 2.2 2.0 1.9 20.3 5.9 4.3 3.7 3.1 2.8 11.7 7.6 6.2 4.8 4.0 ns ns ns ns ns ns Min Typ
[1]
Max
Unit
Tamb = 25 C; CL = 5 pF
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
7 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
Table 9: Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7 Symbol tPHL, tPLH Parameter propagation delay A to Y Conditions see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V Tamb = 25 C; CL = 30 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V Tamb = 25 C CPD power dissipation capacitance f = 10 MHz VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[1] [2] All typical values are measured at nominal VCC. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs. The condition is VI = GND to VCC.
[2] [3]
Min
Typ
[1]
Max
Unit
Tamb = 25 C; CL = 15 pF 3.9 3.3 3.0 2.8 2.7 27.3 7.5 5.5 4.7 4.1 3.8 14.0 9.7 7.9 5.9 5.0 ns ns ns ns ns ns
5.1 4.3 3.9 3.6 3.5
37.7 9.8 7.1 6.0 5.2 4.9
17.8 12.3 10.1 7.4 6.3
ns ns ns ns ns ns
-
3.4 3.9 4.2 4.6 5.4 6.1
-
pF pF pF pF pF pF
[3]
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
8 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
Table 10: Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7 Symbol CL = 5 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 10 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 15 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 30 pF tPHL, tPLH propagation delay A to Y see Figure 6 VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V 4.5 3.8 3.4 3.3 3.2 20.5 14.7 12.0 8.8 7.3 4.5 3.8 3.4 3.3 3.2 22.6 16.2 13.2 9.7 8.1 ns ns ns ns ns 2.8 2.9 2.6 2.5 2.4 17.3 11.5 9.4 7.4 6.1 2.8 2.9 2.6 2.5 2.4 19.1 12.7 10.4 8.2 6.8 ns ns ns ns ns 2.5 2.2 2.3 2.1 2.1 15.8 10.3 8.4 6.8 5.6 2.5 2.2 2.3 2.1 2.1 17.4 11.4 9.3 7.5 6.2 ns ns ns ns ns 2.2 1.8 1.9 1.7 1.7 13.6 8.9 7.3 5.9 4.9 2.2 1.8 1.9 1.7 1.7 15.0 9.8 8.1 6.5 5.4 ns ns ns ns ns Parameter Conditions -40 C to +85 C Min Max -40 C to +125 C Min Max Unit
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
9 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
14. Waveforms
VI A input GND t PHL VOH Y output VOL VM
mna640
VM
t PLH
Measurement points are given in Table 11. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 6. The data input (A) to output (Y) propagation delays Table 11: VCC 0.8 V to 3.6 V Measurement points Output VM 0.5 x VCC Input VM 0.5 x VCC VI VCC tr = tf 3.0 ns
Supply voltage
VCC
VEXT
5 k
PULSE GENERATOR
VI
VO
DUT
RT CL RL
001aac521
Test data is given in Table 12. Definitions for test circuit: RL = Load resistor CL = Load capacitance including jig and probe capacitance RT = Termination resistance should be equal to the output impedance Zo of the pulse generator
Fig 7. Load circuitry for switching times Table 12: VCC 0.8 V to 3.6 V
[1]
Test data Load CL RL
[1]
Supply voltage
VEXT tPLH, tPHL tPZH, tPHZ GND tPZL, tPLZ 2 x VCC
5 pF, 10 pF, 5 k or 1 M open 15 pF and 30 pF
For measuring enable and disable times RL = 5 k, for measuring propagation delays, setup and hold times and pulse width RL = 1 M.
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
10 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
15. Transfer characteristics
Table 13: Transfer characteristics Voltages are referenced to GND (ground = 0 V; for test circuit see Figure 7 Symbol V(th)LH Parameter Conditions Min Typ Max Unit Tamb = 25 C positive-going see Figure 8 and Figure 9 threshold voltage VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V V(th)HL negative-going see Figure 8 and Figure 9 threshold voltage VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V Vhys hysteresis voltage (V(th)LH - V(th)HL) see Figure 8, Figure 9, Figure 10 and Figure 11 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V Tamb = -40 C to +85 C V(th)LH positive-going see Figure 8 and Figure 9 threshold voltage VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V V(th)HL negative-going see Figure 8 and Figure 9 threshold voltage VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V
9397 750 14676
0.30 0.53 0.74 0.91 1.37 1.88 0.10 0.26 0.39 0.47 0.69 0.88
-
0.60 0.90 1.11 1.29 1.77 2.29 0.60 0.65 0.75 0.84 1.04 1.24
V V V V V V V V V V V V
0.07 0.08 0.18 0.27 0.53 0.79
-
0.50 0.46 0.56 0.66 0.92 1.31
V V V V V V
0.30 0.53 0.74 0.91 1.37 1.88 0.10 0.26 0.39 0.47 0.69 0.88
-
0.60 0.90 1.11 1.29 1.77 2.29 0.60 0.65 0.75 0.84 1.04 1.24
V V V V V V V V V V V V
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
11 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
Table 13: Transfer characteristics ...continued Voltages are referenced to GND (ground = 0 V; for test circuit see Figure 7 Symbol Vhys Parameter hysteresis voltage (V(th)LH - V(th)HL) Conditions see Figure 8, Figure 9, Figure 10 and Figure 11 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V Tamb = -40 C to +125 C V(th)LH positive-going see Figure 8 and Figure 9 threshold voltage VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V V(th)HL negative-going see Figure 8 and Figure 9 threshold voltage VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V Vhys hysteresis voltage (V(th)LH - V(th)HL) see Figure 8, Figure 9, Figure 10 and Figure 11 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V 0.07 0.08 0.18 0.27 0.53 0.79 0.50 0.46 0.56 0.66 0.92 1.31 V V V V V V 0.30 0.53 0.74 0.91 1.37 1.88 0.10 0.26 0.39 0.47 0.69 0.88 0.62 0.92 1.13 1.31 1.80 2.32 0.60 0.65 0.75 0.84 1.04 1.24 V V V V V V V V V V V V 0.07 0.08 0.18 0.27 0.53 0.79 0.50 0.46 0.56 0.66 0.92 1.31 V V V V V V Min Typ Max Unit
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
12 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
16. Waveforms transfer characteristics
VO
VI
V(th)LH V(th)HL Vhys
VO
mna208
Vhys V(th)HL V(th)LH
VI
mna207
V(th)LH and V(th)HL limits at 70 % and 20 %.
Fig 8. Transfer characteristic
Fig 9. Definition of V(th)LH, V(th)HL and Vhys
1.2 ICC (mA) 0.8
001aad025
0.4
0 0 0.4 0.8 1.2 1.6 VI (V) 2.0
Fig 10. Typical transfer characteristics; VCC = 1.8 V
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
13 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
4 ICC (mA) 3
001aad026
2
1
0 0 1 2 VI (V) 3
Fig 11. Typical transfer characteristics; VCC = 3.0 V
17. Application information
The slow input rise and fall times cause additional power dissipation, this can be calculated using the following formula: Pad = fi x (tr x ICC(AV) + tf x ICC(AV)) x VCC where: Pad = additional power dissipation (W); fi = input frequency (MHz); tr = input rise time (ns); 10 % to 90 %; tf = input fall time (ns); 90 % to 10 %; ICC(AV) = average additional supply current (A). Average ICC differs with positive or negative input transitions, as shown in Figure 12. An example of a relaxation circuit using the 74AUP1G14 is shown in Figure 13.
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
14 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
1.2 ICC (mA) 0.8
001aad027
(1)
0.4
(2)
0 0.8
1.8
2.8 VCC (V)
3.8
(1) Positive-going edge. (2) Negative-going edge.
Fig 12. Average ICC as a function of VCC
R
C
mna035
1 1 f = --- ---------------T a x RC
Average values for variable a are given in Table 14.
Fig 13. Relaxation oscillator Table 14: 1.1 V 1.5 V 1.8 V 2.8 V 3.3 V Variable values Variable a 1.28 1.22 1.24 1.34 1.45
Supply voltage
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
15 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
18. Package outline
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm SOT353-1
D
E
A X
c y HE vMA
Z
5
4
A2 A1 (A3) A
1
e e1 bp
3
wM detail X
Lp L
0
1.5 scale
3 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.1 0 A2 1.0 0.8 A3 0.15 bp 0.30 0.15 c 0.25 0.08 D(1) 2.25 1.85 E(1) 1.35 1.15 e 0.65 e1 1.3 HE 2.25 2.0 L 0.425 Lp 0.46 0.21 v 0.3 w 0.1 y 0.1 Z(1) 0.60 0.15 7 0
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT353-1 REFERENCES IEC JEDEC MO-203 JEITA SC-88A EUROPEAN PROJECTION ISSUE DATE 00-09-01 03-02-19
Fig 14. Package outline SOT353-1 (TSSOP5)
9397 750 14676 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
16 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
b 1 2 3 4x L1 L
(2)
e
6 e1
5 e1
4
6x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 1.5 1.4 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT886 REFERENCES IEC JEDEC MO-252 JEITA EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
Fig 15. Package outline SOT886 (XSON6)
9397 750 14676 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
17 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
19. Abbreviations
Table 15: Acronym CMOS TTL HBM ESD MM CDM Abbreviations Description Complementary Metal Oxide Semiconductor Transistor Transistor Logic Human Body Model ElectroStatic Discharge Machine Model Charged Device Model
20. Revision history
Table 16: Revision history Release date 20050720 Data sheet status Product data sheet Change notice Doc. number 9397 750 14676 Supersedes Document ID 74AUP1G14_1
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
18 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
21. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
22. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
24. Trademarks
Notice -- All referenced brands, product names, service names and trademarks are the property of their respective owners.
23. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
25. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14676
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 20 July 2005
19 of 20
Philips Semiconductors
74AUP1G14
Low-power Schmitt-trigger inverter
26. Contents
1 2 3 4 5 6 7 8 8.1 8.2 9 9.1 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 4 Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 5 Static characteristics. . . . . . . . . . . . . . . . . . . . . 5 Dynamic characteristics . . . . . . . . . . . . . . . . . . 7 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Transfer characteristics. . . . . . . . . . . . . . . . . . 11 Waveforms transfer characteristics . . . . . . . . 13 Application information. . . . . . . . . . . . . . . . . . 14 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 16 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 18 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 19 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Contact information . . . . . . . . . . . . . . . . . . . . 19
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 20 July 2005 Document number: 9397 750 14676
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of 74AUP1G14GW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X