Part Number Hot Search : 
AHV8401 F1100ELF 5SDF07F4 MMBT2 ZT55C9V1 E3E1E MM5ZB43H MDT10P
Product Description
Full Text Search
 

To Download 74ALS139N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74ALS139 Dual 1-of-4 decoder/demultiplexer
Product specification IC05 Data Handbook 1991 Feb 08
Philips Semiconductors
Philips Semiconductors
Product specification
Dual 1-of-4 decoder/demultiplexer
74ALS139
FEATURES
* Demultiplexing capability * Two independent 1-of-4 decoders * Multi-function capability
DESCRIPTION
The 74ALS139 is a dual 1-of-4 decoder/demultiplexer. This device has two independent decoders, each accepting two binary weighted inputs (A0n, A1n) and providing four mutually exclusive active-Low outputs (Q0n-Q3n). Each decoder has an active-Low enable (E). When E is High, every output is forced High. The enable can be used as the data input for a 1-of-4 demultiplexer application. TYPICAL SUPPLY CURRENT (TOTAL) 4mA
PIN CONFIGURATION
Ea A0a A1a Q0a Q1a Q2a Q3a GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC Eb A0b A1b Q0b Q1b Q2b Q3b
SF00129
TYPE 74ALS139
TYPICAL PROPAGATION DELAY 6.0ns
ORDERING INFORMATION
ORDER CODE DESCRIPTION COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C 74ALS139N 74ALS139D DRAWING NUMBER
16-pin plastic DIP 16-pin plastic SO
SOT38-4 SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS A0n, A1n Ea, Eb Q0n, Q1n Address inputs Enable inputs (active-Low) Data outputs DESCRIPTION 74ALS (U.L.) HIGH/LOW 1.0/1.0 1.0/1.0 20/80 LOAD VALUE HIGH/LOW 20A/0.1mA 20A/0.1mA 0.4mA/8mA
NOTE: One (1.0) ALS unit load is defined as: 20A in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
1 2 3 15 14 13
IEC/IEEE SYMBOL
DEMUX
0 3 1 0 G 3 0 1 2 5 6 7 12 11 10
2
4
Ea
A0a
A1a
Eb
A0b
A1b
DECODER a Q0a Q1a Q2a Q3a Q0b
DECODER b Q1b Q2b Q3b
1 14 13
3
4 VCC = Pin 16 GND = Pin 8
5
6
7
12
11
10
9 15 9
SF00130
SF00131
1991 Feb 08
2
853-1426 01670
Philips Semiconductors
Product specification
Dual 1-of-4 decoder/demultiplexer
74ALS139
LOGIC DIAGRAM
Ea 1 A0a A1a 2 3 Eb 15 A0b A1b 14 13
FUNCTION TABLE
INPUTS E H L L L L A0 X L H L H A1 X L L H H Q0 H L H H H OUTPUTS Q1 H H L H H Q2 H H H L H Q3 H H H H L
H = High voltage level L = Low voltage level X = Don't care
4 Q0a VCC= Pin 16 GND = Pin 8
5 Q1a
6 Q2a
7 Q3a
12 11 Q1b Q0b
10 9 Q2b Q3b
SF00132
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL VCC VIN IIN VOUT IOUT Tamb Tstg Supply voltage Input voltage Input current Voltage applied to output in High output state Current applied to output in Low output state Operating free-air temperature range Storage temperature range PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to VCC 16 0 to +70 -65 to +150 UNIT V V mA V mA C C
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VIH VIL IIk IOH IOL Tamb Supply voltage High-level input voltage Low-level input voltage Input clamp current High-level output current Low-level output current Operating free-air temperature range 0 PARAMETER MIN 4.5 2.0 0.8 -18 -0.4 8 +70 NOM 5.0 MAX 5.5 V V V mA mA mA C UNIT
1991 Feb 08
3
Philips Semiconductors
Product specification
Dual 1-of-4 decoder/demultiplexer
74ALS139
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL VOH VO OL VIK II IIH IIL IO ICC PARAMETER High-level output voltage Low-level Low level output voltage Input clamp voltage Input current at maximum input voltage High-level input current Low-level input current Output current3 TEST CONDITIONS1 MIN VCC10%, VIL = MAX, VIH = MIN, IOH = -0.4mA VCC = MIN, VIL = MAX, , , VIH = MIN VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX, VO = 2.25V VCC = MAX -30 4.0 IOL = 4mA IOL = 8mA VCC - 2 0.25 0.35 -0.73 0.40 0.50 -1.5 0.1 20 -0.1 -112 7.0 LIMITS TYP2 UNIT MAX V V V V mA A mA mA mA
Supply current (total)
NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. The output conditions have been chosen to produce a current that closely approximate one half of the true short-circuit output current, IOS.
AC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITION Tamb = 0C to +70C VCC = +5.0V 10% CL = 50pF, RL = 500 MIN tPLH tPHL tPLH tPHL Propagation delay An to Qn Propagation delay En to Qn Waveform 1, 2 Waveform 2 3.0 3.0 3.0 3.0 MAX 10.0 12.0 8.0 8.0 ns ns UNIT
AC WAVEFORMS
For all waveforms, VM = 1.3V.
An
VM tPHL
VM tPLH
An, En
VM tPHL
VM tPLH
Qn
VM
VM
Qn
VM
VM
SF00133
SF00134
Waveform 1. Propagation Delay for Inverting Outputs
Waveform 2. Propagation Delay for Non-inverting Outputs
1991 Feb 08
4
Philips Semiconductors
Product specification
Dual 1-of-4 decoder/demultiplexer
74ALS139
TEST CIRCUIT AND WAVEFORMS
VCC NEGATIVE PULSE VIN PULSE GENERATOR RT D.U.T. VOUT 90% VM 10% tTHL (tff) CL RL tw VM 10% tTLH (tr ) 0.3V 90% AMP (V)
tTLH (tr ) 90%
tTHL (tf ) AMP (V) 90% VM tw 10% 0.3V
Test Circuit for Totem-pole Outputs
POSITIVE PULSE 10%
VM
DEFINITIONS: RL = Load resistor; see AC electrical characteristics for value. CL = Load capacitance includes jig and probe capacitance; see AC electrical characteristics for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
Input Pulse Definition INPUT PULSE REQUIREMENTS Family Amplitude VM 74ALS 3.5V 1.3V Rep.Rate 1MHz tw 500ns tTLH 2.0ns tTHL 2.0ns
SC00005
1991 Feb 08
5
Philips Semiconductors
Product specification
Dual 1-of-4 decoder/demultiplexer
74ALS139
DIP16: plastic dual in-line package; 16 leads (300 mil)
SOT38-4
1991 Feb 08
6
Philips Semiconductors
Product specification
Dual 1-of-4 decoder/demultiplexer
74ALS139
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
1991 Feb 08
7
Philips Semiconductors
Product specification
Dual 1-of-4 decoder/demultiplexer
74ALS139
DEFINITIONS
Data Sheet Identification
Objective Specification
Product Status
Formative or in Design
Definition
This data sheet contains the design target or goal specifications for product development. Specifications may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains Final Specifications. Philips Semiconductors reserves the right to make changes at any time without notice, in order to improve design and supply the best possible product.
Preliminary Specification
Preproduction Product
Product Specification
Full Production
Philips Semiconductors and Philips Electronics North America Corporation reserve the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. LIFE SUPPORT APPLICATIONS Philips Semiconductors and Philips Electronics North America Corporation Products are not designed for use in life support appliances, devices, or systems where malfunction of a Philips Semiconductors and Philips Electronics North America Corporation Product can reasonably be expected to result in a personal injury. Philips Semiconductors and Philips Electronics North America Corporation customers using or selling Philips Semiconductors and Philips Electronics North America Corporation Products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors and Philips Electronics North America Corporation for any damages resulting from such improper use or sale. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1997 All rights reserved. Printed in U.S.A.
Philips Semiconductors
1991 Feb 08 8


▲Up To Search▲   

 
Price & Availability of 74ALS139N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X