Part Number Hot Search : 
29410 28F128J3 SMR5110 P4KA39A HSP45240 ESD0521C 74ALS12 46000
Product Description
Full Text Search
 

To Download 74AHCT2G126 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
Rev. 02 -- 21 September 2004 Product data sheet
1. General description
The 74AHC2G126; AHCT2G126 is a high-speed Si-gate CMOS device. The 74AHC2G126; AHCT2G126 provides a dual non-inverting buffer/line driver with 3-state output. The 3-state output is controlled by the output enable input (OE). A LOW at pin nOE causes the output to assume a high-impedance OFF-state.
2. Features
s Symmetrical output impedance s High noise immunity s ESD protection: x HBM EIA/JESD22-A114-B exceeds 2000 V x MM EIA/JESD22-A115-A exceeds 200 V x CDM EIA/JESD22-C101 exceeds 1000 V. s Low power dissipation s Balanced propagation delays s Multiple package options s Specified from -40 C to +85 C and from -40 C to +125 C.
3. Quick reference data
Table 1: Quick reference data GND = 0 V; Tamb = 25 C; tr = tf 3.0 ns. Symbol tPHL, tPLH CI CPD Parameter propagation delay nA to nY input capacitance power dissipation capacitance CL = 50 pF; fi = 1 MHz
[1] [2]
Conditions CL = 15 pF; VCC = 5 V
Min -
Typ 3.4 1.5 10
Max 5.5 10 -
Unit ns pF pF
Type 74AHC2G126
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
Table 1: Quick reference data ...continued GND = 0 V; Tamb = 25 C; tr = tf 3.0 ns. Symbol tPHL, tPLH CI CPD Parameter propagation delay nA to nY input capacitance power dissipation capacitance CL = 50 pF; fi = 1 MHz
[1] [2]
Conditions CL = 15 pF; VCC = 5 V
Min -
Typ 3.4 1.5 10
Max 5.5 10 -
Unit ns pF pF
Type 74AHCT2G126
[1]
CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = total load switching outputs; (CL x VCC2 x fo) = sum of the outputs. The condition is VI = GND to VCC.
[2]
4. Ordering information
Table 2: Ordering information Package Temperature range 74AHC2G126DP 74AHCT2G126DP 74AHC2G126DC 74AHCT2G126DC 74AHC2G126GM 74AHCT2G126GM -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C -40 C to +125 C Name TSSOP8 TSSOP8 VSSOP8 VSSOP8 XSON8 XSON8 Description Version plastic thin shrink small outline package; 8 leads; SOT505-2 body width 3 mm; lead length 0.5 mm plastic thin shrink small outline package; 8 leads; SOT505-2 body width 3 mm; lead length 0.5 mm plastic very thin shrink small outline package; 8 leads; body width 2.3 mm plastic very thin shrink small outline package; 8 leads; body width 2.3 mm SOT765-1 SOT765-1 Type number
plastic extremely thin small outline package; SOT833-1 no leads; 8 terminals; body 0.95 x 1.95 x 0.5 mm plastic extremely thin small outline package; SOT833-1 no leads; 8 terminals; body 0.95 x 1.95 x 0.5 mm
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
2 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
5. Marking
Table 3: Marking Marking code A26 C26 A26 C26 A26 C26 Type number 74AHC2G126DP 74AHCT2G126DP 74AHC2G126DC 74AHCT2G126DC 74AHC2G126GM 74AHCT2G126GM
6. Functional diagram
2 1 5 7
1A 1OE 2A 2OE
1Y 6 2Y 3
2 1 5 3 7 1 EN1 6
mna946
mna947
Fig 1. Logic symbol.
Fig 2. IEC logic symbol.
A
Y
OE
mna127
Fig 3. Logic diagram.
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
3 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
7. Pinning information
7.1 Pinning
126
1OE 1OE 1A 2Y GND 1 2 3 4
001aab648
1
8
VCC
8 7
VCC 2OE 1Y 2A
1A
2
7
2OE
126
6 5
2Y
3
6
1Y
GND
4
5
2A
001aab647
Transparent top view
Fig 4. Pin configuration TSSOP8 and VSSOP8.
Fig 5. Pin configuration XSON8.
7.2 Pin description
Table 4: Symbol 1OE 1A 2Y GND 2A 1Y 2OE VCC Pin description Pin 1 2 3 4 5 6 7 8 Description output enable input (active HIGH) data input data output ground (0 V) data input data output output enable input (active HIGH) supply voltage
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
4 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
8. Functional description
8.1 Function table
Table 5: Input nOE H H L
[1] H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF-state.
Function table [1] Output nA L H X nY L H Z
9. Limiting values
Table 6: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC VI IIK IOK IO ICC, IGND Tstg Ptot
[1]
Parameter supply voltage input voltage input diode current output diode current
Conditions
Min -0.5 -0.5
Max +7.0 +7.0 -20 20 25 75 +150 250
Unit V V mA mA mA mA C mW
VI < -0.5 V VO < -0.5 V or VO > VCC + 0.5 V
[1]
-65
output source or sink VO > -0.5 V or VO < VCC + 0.5 V current VCC or GND current storage temperature power dissipation Tamb = -40 C to +125 C
-
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
10. Recommended operating conditions
Table 7: Symbol VCC VI VO Tamb tr, tf Recommended operating conditions Parameter supply voltage input voltage output voltage operating ambient temperature input rise and fall times see Section 11 and Section 12 per device VCC = 3.3 V 0.3 V VCC = 5.0 V 0.5 V Conditions Min 2.0 0 0 -40 Typ 5.0 +25 Max 5.5 5.5 VCC +125 100 20 Unit V V V C ns/V ns/V
Type 74AHC2G126
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
5 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
Recommended operating conditions ...continued Parameter supply voltage input voltage output voltage operating ambient temperature input rise and fall times see Section 11 and Section 12 per device VCC = 5.0 V 0.5 V Conditions Min 4.5 0 0 -40 Typ 5.0 +25 Max 5.5 5.5 VCC +125 20 Unit V V V C ns/V
Table 7: Symbol VCC VI VO Tamb tr, tf
Type 74AHCT2G126
11. Static characteristics
Table 8: Static characteristics type 74AHC2G126 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol VIH Parameter HIGH-level input voltage Conditions VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VIL LOW-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VOH HIGH-level output voltage VI = VIH or VIL IO = -50 A; VCC = 2.0 V IO = -50 A; VCC = 3.0 V IO = -50 A; VCC = 4.5 V IO = -4.0 mA; VCC = 3.0 V IO = -8.0 mA; VCC = 4.5 V VOL LOW-level output voltage VI = VIH or VIL IO = 50 A; VCC = 2.0 V IO = 50 A; VCC = 3.0 V IO = 50 A; VCC = 4.5 V IO = 4.0 mA; VCC = 3.0 V IO = 8.0 mA; VCC = 4.5 V IOZ ILI ICC CI 3-state OFF-state current input leakage current quiescent supply current input capacitance VI = VCC or GND; VCC = 5.5 V VI = VCC or GND; VCC = 5.5 V VI = VCC or GND; IO = 0 A; VCC = 5.5 V 0 0 0 1.5 0.1 0.1 0.1 0.36 0.36 0.25 0.1 1.0 10 V V V V V A A A pF 1.9 2.9 4.4 2.58 3.94 2.0 3.0 4.5 V V V V V Min 1.5 2.1 3.85 Typ Max 0.5 0.9 1.65 Unit V V V V V V Tamb = 25 C
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
6 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
Table 8: Static characteristics type 74AHC2G126 ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol VIH Parameter HIGH-level input voltage Conditions VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VIL LOW-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VOH HIGH-level output voltage VI = VIH or VIL IO = -50 A; VCC = 2.0 V IO = -50 A; VCC = 3.0 V IO = -50 A; VCC = 4.5 V IO = -4.0 mA; VCC = 3.0 V IO = -8.0 mA; VCC = 4.5 V VOL LOW-level output voltage VI = VIH or VIL IO = 50 A; VCC = 2.0 V IO = 50 A; VCC = 3.0 V IO = 50 A; VCC = 4.5 V IO = 4.0 mA; VCC = 3.0 V IO = 8.0 mA; VCC = 4.5 V IOZ ILI ICC CI VIH 3-state OFF-state current input leakage current quiescent supply current input capacitance HIGH-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VIL LOW-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VOH HIGH-level output voltage VI = VIH or VIL IO = -50 A; VCC = 2.0 V IO = -50 A; VCC = 3.0 V IO = -50 A; VCC = 4.5 V IO = -4.0 mA; VCC = 3.0 V IO = -8.0 mA; VCC = 4.5 V 1.9 2.9 4.4 2.40 3.70 V V V V V VI = VCC or GND; VCC = 5.5 V VI = VCC or GND; VCC = 5.5 V VI = VCC or GND; IO = 0 A; VCC = 5.5 V 1.5 2.1 3.85 0.1 0.1 0.1 0.44 0.44 2.5 1.0 10 10 0.5 0.9 1.65 V V V V V A A A pF V V V V V V 1.9 2.9 4.4 2.48 3.8 V V V V V Min 1.5 2.1 3.85 Typ Max 0.5 0.9 1.65 Unit V V V V V V Tamb = -40 C to +85 C
Tamb = -40 C to +125 C
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
7 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
Table 8: Static characteristics type 74AHC2G126 ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol VOL Parameter LOW-level output voltage Conditions VI = VIH or VIL IO = 50 A; VCC = 2.0 V IO = 50 A; VCC = 3.0 V IO = 50 A; VCC = 4.5 V IO = 4.0 mA; VCC = 3.0 V IO = 8.0 mA; VCC = 4.5 V IOZ ILI ICC CI 3-state OFF-state current input leakage current quiescent supply current input capacitance VI = VCC or GND; VCC = 5.5 V VI = VCC or GND; VCC = 5.5 V VI = VCC or GND; IO = 0 A; VCC = 5.5 V 0.1 0.1 0.1 0.55 0.55 10 2.0 40 10 V V V V V A A A pF Min Typ Max Unit
Table 9: Static characteristics type 74AHCT2G126 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol VIH VIL VOH Parameter HIGH-level input voltage LOW-level input voltage HIGH-level output voltage Conditions VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V VI = VIH or VIL IO = -50 A; VCC = 4.5 V IO = -8.0 mA; VCC = 4.5 V VOL LOW-level output voltage VI = VIH or VIL IO = 50 A; VCC = 4.5 V IO = 8.0 mA; VCC = 4.5 V IOZ ILI ICC ICC 3-state OFF-state current input leakage current quiescent supply current VI = VCC or GND; VCC = 5.5 V VI = VIH or VIL; VCC = 5.5 V VI = VCC or GND; IO = 0 A; VCC = 5.5 V 0 0.1 0.36 0.25 0.1 1.0 1.35 V V A A A mA 4.4 3.94 4.5 4.5 V V Min 2.0 Typ Max 0.8 Unit V V Tamb = 25 C
additional quiescent VI = 3.4 V; other inputs at VCC or supply current per GND; IO = 0 A; VCC = 5.5 V input pin input capacitance HIGH-level input voltage LOW-level input voltage VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V
CI VIH VIL
2.0 -
1.5 -
10 0.8
pF V V
Tamb = -40 C to +85 C
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
8 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
Table 9: Static characteristics type 74AHCT2G126 ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol VOH Parameter HIGH-level output voltage Conditions VI = VIH or VIL IO = -50 A; VCC = 4.5 V IO = -8.0 mA; VCC = 4.5 V VOL LOW-level output voltage VI = VIH or VIL IO = 50 A; VCC = 4.5 V IO = 8.0 mA; VCC = 4.5 V IOZ ILI ICC ICC 3-state OFF-state current input leakage current quiescent supply current VI = VCC or GND; VCC = 5.5 V VI = VIH or VIL; VCC = 5.5 V VI = VCC or GND; IO = 0 A; VCC = 5.5V 0.1 0.44 2.5 1.0 10 1.5 V V A A A mA 4.4 3.8 V V Min Typ Max Unit
additional quiescent VI = 3.4 V; other inputs at VCC or supply current per GND; IO = 0 A; VCC = 5.5 V input pin input capacitance HIGH-level input voltage LOW-level input voltage HIGH-level output voltage VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V VI = VIH or VIL IO = -50 A; VCC = 4.5 V IO = -8.0 mA; VCC = 4.5 V VI = VIH or VIL IO = 50 A; VCC = 4.5 V IO = 8.0 mA; VCC = 4.5 V VI = VCC or GND; VCC = 5.5 V VI = VIH or VIL; VCC = 5.5 V VI = VCC or GND; IO = 0 A; VCC = 5.5 V
CI VIH VIL VOH
2.0 -
-
10 0.8
pF V V
Tamb = -40 C to +125 C
4.4 3.70 -
-
0.1 0.55 10 2.0 40 1.5
V V V V A A A mA
VOL
LOW-level output voltage
IOZ ILI ICC ICC
3-state OFF-state current input leakage current quiescent supply current
additional quiescent VI = 3.4 V; other inputs at VCC or supply current per GND; IO = 0 A; VCC = 5.5 V input pin input capacitance
CI
-
-
10
pF
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
9 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
12. Dynamic characteristics
Table 10: Dynamic characteristics type 74AHC2G126 GND = 0 V; tr = tf 3.0 ns; see Figure 8. Symbol tPHL, tPLH Parameter propagation delay nA to nY Test conditions see Figure 6 VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF tPZH, tPZL propagation delay nOE to nY see Figure 7 VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF tPHZ, tPLZ propagation delay nOE to nY see Figure 7; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF CPD power dissipation capacitance propagation delay nA to nY CL = 50 pF; fi = 1 MHz
[1] [2] [1] [2] [3] [4] [1] [2] [1] [2] [1] [2] [1] [2]
Min
Typ
Max
Unit
Tamb = 25 C 4.7 3.4 6.6 4.8 5.0 3.6 6.9 4.9 6.0 4.1 8.3 5.7 10 8.0 5.5 11.5 7.5 8.0 5.1 11.5 7.5 9.7 6.8 13.2 8.8 ns ns ns ns ns ns ns ns ns ns ns ns pF
Tamb = -40 C to +85 C tPHL, tPLH see Figure 6 VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF tPZH, tPZL propagation delay nOE to nY see Figure 7 VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF tPHZ, tPLZ propagation delay nOE to nY see Figure 7; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF 1.0 1.0 1.0 1.0 11.5 8.0 15.0 10.0 ns ns ns ns 1.0 1.0 1.0 1.0 9.5 6.0 13.0 9.0 ns ns ns ns 1.0 1.0 1.0 1.0 9.5 6.5 13.0 8.5 ns ns ns ns
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
10 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
Table 10: Dynamic characteristics type 74AHC2G126 ...continued GND = 0 V; tr = tf 3.0 ns; see Figure 8. Symbol tPHL, tPLH Parameter propagation delay nA to nY Test conditions see Figure 6 VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF tPZH, tPZL propagation delay nOE to nY see Figure 7 VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF tPHZ, tPLZ propagation delay nOE to nY see Figure 7; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF
[1] [2] [3] Typical values are measured at VCC = 3.3 V. Typical values are measured at VCC = 5.0 V. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = total load switching outputs; (CL x VCC2 x fo) = sum of the outputs. The condition is VI = GND to VCC.
Min
Typ
Max
Unit
Tamb = -40 C to +125 C 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 11.5 7.0 14.5 9.5 11.5 6.5 14.5 9.5 12.5 8.5 16.5 11.0 ns ns ns ns ns ns ns ns ns ns ns ns
[4]
Table 11: Dynamic characteristics type 74AHCT2G126 GND = 0 V; tr = tf 3.0 ns; VCC = 4.5 V to 5.5 V; see Figure 8 Symbol tPHL, tPLH Parameter propagation delay nA to nY Test conditions see Figure 6 CL = 15 pF CL = 50 pF tPZH, tPZL propagation delay nOE to nY see Figure 7 CL = 15 pF CL = 50 pF tPHZ, tPLZ propagation delay nOE to nY see Figure 7 CL = 15 pF CL = 50 pF 4.5 6.1 6.8 8.8 ns ns 3.9 5.1 5.1 7.5 ns ns 3.4 4.8 5.5 7.5 ns ns Min Typ Max Unit Tamb = 25 C [1]
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
11 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
Table 11: Dynamic characteristics type 74AHCT2G126 ...continued GND = 0 V; tr = tf 3.0 ns; VCC = 4.5 V to 5.5 V; see Figure 8 Symbol CPD Parameter power dissipation capacitance propagation delay nA to nY Test conditions CL = 50 pF; fi = 1 MHz
[2] [3]
Min -
Typ 10
Max -
Unit pF
Tamb = -40 C to +85 C tPHL, tPLH see Figure 6 CL = 15 pF CL = 50 pF tPZH, tPZL propagation delay nOE to nY see Figure 7 CL = 15 pF CL = 50 pF tPHZ, tPLZ propagation delay nOE to nY see Figure 7 CL = 15 pF CL = 50 pF Tamb = -40 C to +125 C tPHL, tPLH propagation delay nA to nY see Figure 6 CL = 15 pF CL = 50 pF tPZH, tPZL propagation delay nOE to nY see Figure 7 CL = 15 pF CL = 50 pF tPHZ, tPLZ propagation delay nOE to nY see Figure 7 CL = 15 pF CL = 50 pF
[1] [2] Typical values are measured at VCC = 5.0 V. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = total load switching outputs; (CL x VCC2 x fo) = sum of the outputs. The condition is VI = GND to VCC.
1.0 1.0 1.0 1.0 1.0 1.0
-
6.5 8.5 6.0 9.0 8.0 10.0
ns ns ns ns ns ns
1.0 1.0 1.0 1.0 1.0 1.0
-
7.0 9.5 6.5 9.5 8.5 11.0
ns ns ns ns ns ns
[3]
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
12 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
13. Waveforms
VI nA input GND tPHL VOH nY output VOL VM
mna230
VM
tPLH
Measurement points are given in Table 12.
Fig 6. The input (nA) to output (nY) propagation delays. Table 12: Type 74AHC2G126 74AHCT2G126 Measurement points Input VI GND to VCC VM 50 % VCC Output VM 50 % VCC 50 % VCC VX VOL + 0.3 V VOL + 0.3 V VY VOL - 0.3 V VOL - 0.3 V
GND to 3.0 V 1.5 V
VI nOE input GND t PLZ VCC output LOW-to-OFF OFF-to-LOW VOL t PHZ VOH output HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled outputs enabled
mna949
VM
t PZL
VM VX t PZH VY VM
Measurement points are given in Table 12.
Fig 7. The 3-state enable and disable times.
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
13 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
S1 VCC VI D.U.T. RT CL
mna232
RL = 1000
VCC open GND
PULSE GENERATOR
VO
Switch positions: tPLH, tPHL: open tPLZ, tPZL: VCC tPHZ, tPZH: GND Definitions for test circuit: CL = Load capacitance including jig and probe capacitance (see Section 12 for the value). RL = Load resistor. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig 8. Load circuitry for switching times.
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
14 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
14. Package outline
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm SOT505-2
D
E
A
X
c y HE vMA
Z
8
5
A pin 1 index
A2 A1
(A3)
Lp L
1
e bp
4
wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.00 A2 0.95 0.75 A3 0.25 bp 0.38 0.22 c 0.18 0.08 D(1) 3.1 2.9 E(1) 3.1 2.9 e 0.65 HE 4.1 3.9 L 0.5 Lp 0.47 0.33 v 0.2 w 0.13 y 0.1 Z(1) 0.70 0.35 8 0
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT505-2 REFERENCES IEC JEDEC --JEITA EUROPEAN PROJECTION ISSUE DATE 02-01-16
Fig 9. Package outline SOT505-2 (TSSOP8).
9397 750 13736 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
15 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
D
E
A X
c y HE vMA
Z
8
5
Q A pin 1 index A2 A1 (A3) Lp L
1
e bp
4
wM
detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1 A1 0.15 0.00 A2 0.85 0.60 A3 0.12 bp 0.27 0.17 c 0.23 0.08 D(1) 2.1 1.9 E(2) 2.4 2.2 e 0.5 HE 3.2 3.0 L 0.4 Lp 0.40 0.15 Q 0.21 0.19 v 0.2 w 0.13 y 0.1 Z(1) 0.4 0.1 8 0
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT765-1 REFERENCES IEC JEDEC MO-187 JEITA EUROPEAN PROJECTION
ISSUE DATE 02-06-07
Fig 10. Package outline SOT765-1 (VSSOP8).
9397 750 13736 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
16 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
XSON8: plastic extremely thin small outline package; no leads; 8 terminals; body 0.95 x 1.95 x 0.5 mm
SOT833-1
1
2
3
b 4 4x L
(2)
L1
e
8 e1
7 e1
6 e1
5
8x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 2.0 1.9 E 1.0 0.9 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT833-1 REFERENCES IEC --JEDEC MO-252 JEITA --EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
Fig 11. Package outline SOT833-1 (XSON8).
9397 750 13736 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
17 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
15. Revision history
Table 13: Revision history Release date Data sheet status 20040921 Product data sheet Product data sheet Change notice Order number 9397 750 13736 9397 750 12698 Supersedes 74AHC_AHCT2G126_1 Document ID 74AHC_AHCT2G126_2 Modification: 74AHC_AHCT2G126_1
*
Addition of SOT833-1 and Ordering information.
20040304
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
18 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
16. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
17. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
18. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
19. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 13736
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 -- 21 September 2004
19 of 20
Philips Semiconductors
74AHC2G126; 74AHCT2G126
Dual buffer/line driver; 3-state
20. Contents
1 2 3 4 5 6 7 7.1 7.2 8 8.1 9 10 11 12 13 14 15 16 17 18 19 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 Pinning information . . . . . . . . . . . . . . . . . . . . . . 4 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 Functional description . . . . . . . . . . . . . . . . . . . 5 Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 Recommended operating conditions. . . . . . . . 5 Static characteristics. . . . . . . . . . . . . . . . . . . . . 6 Dynamic characteristics . . . . . . . . . . . . . . . . . 10 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 15 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 18 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 19 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Contact information . . . . . . . . . . . . . . . . . . . . 19
(c) Koninklijke Philips Electronics N.V. 2004
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 21 September 2004 Document number: 9397 750 13736
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of 74AHCT2G126

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X