Part Number Hot Search : 
MJ80203 30PBF RQK06 FL6000 00402 BSX59 D3305 20080
Product Description
Full Text Search
 

To Download 74AHCT1G126GW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
Rev. 06 -- 25 May 2007 Product data sheet
1. General description
74AHC1G126 and 74AHCT1G126 are high-speed Si-gate CMOS devices. They provide one non-inverting buffer/line driver with 3-state output. The 3-state output is controlled by the output enable input pin (OE). A LOW at pin OE causes the output to assume a high-impedance OFF-state. The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V. The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2. Features
I I I I I I Symmetrical output impedance High noise immunity Low power dissipation Balanced propagation delays SOT353-1 and SOT753 package options ESD protection: N HBM JESD22-A114E: exceeds 2000 V N MM JESD22-A115-A: exceeds 200 V N CDM JESD22-C101C: exceeds 1000 V I Specified from -40 C to +125 C
3. Ordering information
Table 1. Ordering information Package Temperature range 74AHC1G126GW 74AHCT1G126GW 74AHC1G126GV 74AHCT1G126GV -40 C to +125 C SC-74A -40 C to +125 C Name TSSOP5 Description plastic thin shrink small outline package; 5 leads; body width 1.25 mm plastic surface-mounted package; 5 leads Version SOT353-1 SOT753 Type number
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
4. Marking
Table 2. Marking codes Marking AN A26 CN C26 Type number 74AHC1G126GW 74AHC1G126GV 74AHCT1G126GW 74AHCT1G126GV
5. Functional diagram
2 1
A OE
Y
4
2 4 1 OE
A
Y
OE
mna125 mna126 mna127
Fig 1. Logic symbol
Fig 2. IEC logic symbol
Fig 3. Logic diagram
6. Pinning information
6.1 Pinning
74AHC1G126 74AHCT1G126
OE A 1 2 5 VCC
GND
3
001aaf096
4
Y
Fig 4. Pin configuration
6.2 Pin description
Table 3. Symbol OE A GND Y VCC Pin description Pin 1 2 3 4 5 Description output enable input data input A ground (0 V) data output Y supply voltage
74AHC_AHCT1G126_6
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 -- 25 May 2007
2 of 13
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
7. Functional description
Table 4. Function table H = HIGH voltage level; L = LOW voltage level; X = don't care; Z = high-impedance OFF-state Input OE H H L A L H X Output Y L H Z
8. Limiting values
Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC VI IIK IOK IO ICC IGND Tstg Ptot
[1] [2]
Parameter supply voltage input voltage input clamping current output clamping current output current supply current ground current storage temperature total power dissipation
Conditions
Min -0.5 -0.5
Max +7.0 +7.0 20 25 75 +150 250
Unit V V mA mA mA mA mA C mW
VI < -0.5 V VO < -0.5 V or VO > VCC + 0.5 V -0.5 V < VO < VCC + 0.5 V
[1]
-20 -75 -65
Tamb = -40 C to +125 C
[2]
-
The input and output voltage ratings may be exceeded if the input and output current ratings are observed. For both TSSOP5 and SC-74A packages: above 87.5 C the value of Ptot derates linearly with 4.0 mW/K.
9. Recommended operating conditions
Table 6. Recommended operating conditions Voltages are referenced to GND (ground = 0 V). Symbol Parameter VCC VI VO Tamb t/V supply voltage input voltage output voltage ambient temperature input transition rise and fall rate VCC = 3.3 V 0.3 V VCC = 5.0 V 0.5 V Conditions Min 2.0 0 0 -40 74AHC1G126 Typ 5.0 +25 Max 5.5 5.5 VCC +125 100 20 74AHCT1G126 Min 4.5 0 0 -40 Typ 5.0 +25 Max 5.5 5.5 VCC +125 20 V V V C ns/V ns/V Unit
74AHC_AHCT1G126_6
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 -- 25 May 2007
3 of 13
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
10. Static characteristics
Table 7. Static characteristics Voltages are referenced to GND (ground = 0 V). Symbol Parameter For type 74AHC1G126 VIH HIGH-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VIL LOW-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VOH HIGH-level VI = VIH or VIL output voltage IO = -50 A; VCC = 2.0 V IO = -50 A; VCC = 3.0 V IO = -50 A; VCC = 4.5 V IO = -4.0 mA; VCC = 3.0 V IO = -8.0 mA; VCC = 4.5 V VOL LOW-level VI = VIH or VIL output voltage IO = 50 A; VCC = 2.0 V IO = 50 A; VCC = 3.0 V IO = 50 A; VCC = 4.5 V IO = 4.0 mA; VCC = 3.0 V IO = 8.0 mA; VCC = 4.5 V IOZ II ICC CI OFF-state VI = VIH or VIL; VO = VCC or output current GND; VCC = 5.5 V input leakage current VI = 5.5 V or GND; VCC = 0 V to 5.5 V 1.5 2.1 3.85 1.9 2.9 4.4 2.58 3.94 2.0 3.0 4.5 0 0 0 3 0.5 0.9 1.65 0.1 0.1 0.1 0.36 0.36 0.25 0.1 2.0 10 1.5 2.1 3.85 1.9 2.9 4.4 2.48 3.8 0.5 0.9 1.65 0.1 0.1 0.1 0.44 0.44 2.5 1.0 20 10 1.5 2.1 3.85 1.9 2.9 4.4 2.40 3.70 0.5 0.9 1.65 0.1 0.1 0.1 0.55 0.55 10 2.0 40 10 V V V V V V V V V V V V V V V V A A A pF Conditions Min 25 C Typ Max -40 C to +85 C -40 C to +125 C Unit Min Max Min Max
supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V input capacitance HIGH-level input voltage LOW-level input voltage VCC = 4.5 V to 5.5 V VCC = 4.5 V to 5.5 V
For type 74AHCT1G126 VIH VIL VOH 2.0 0.8 2.0 0.8 2.0 0.8 V V
HIGH-level VI = VIH or VIL; VCC = 4.5 V output voltage IO = -50 A IO = -8.0 mA LOW-level VI = VIH or VIL; VCC = 4.5 V output voltage IO = 50 A IO = 8.0 mA
4.4 3.94 -
4.5 0 -
0.1 0.36
4.4 3.8 -
0.1 0.44
4.4 3.70 -
0.1 0.55
V V V V
VOL
74AHC_AHCT1G126_6
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 -- 25 May 2007
4 of 13
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
Table 7. Static characteristics ...continued Voltages are referenced to GND (ground = 0 V). Symbol Parameter IOZ II ICC ICC Conditions Min OFF-state VI = VIH or VIL; VO = VCC or output current GND; VCC = 5.5 V input leakage current VI = 5.5 V or GND; VCC = 0 V to 5.5 V 25 C Typ Max 0.25 0.1 2.0 1.35 -40 C to +85 C -40 C to +125 C Unit Min Max 2.5 1.0 20 1.5 Min Max 10 2.0 40 1.5 A A A mA
supply current VI = VCC or GND; IO = 0 A; VCC = 5.5 V additional per input pin; supply current VI = VCC - 2.1 V; other inputs at VCC or GND; IO = 0 A; VCC = 4.5 V to 5.5 V input capacitance
CI
-
3
10
-
10
-
10
pF
11. Dynamic characteristics
Table 8. Dynamic characteristics GND = 0 V; tr = tf = 3.0 ns. For test circuit see Figure 7. Symbol Parameter For type 74AHC1G126 tpd propagation delay A to Y; see Figure 5 VCC = 3.0 V to 3.6 V CL = 15 pF CL = 50 pF VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF ten enable time OE to Y; see Figure 6 VCC = 3.0 V to 3.6 V CL = 15 pF CL = 50 pF VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF tdis disable time OE to Y; see Figure 6 VCC = 3.0 V to 3.6 V CL = 15 pF CL = 50 pF VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF
74AHC_AHCT1G126_6
Conditions Min
[1] [2]
25 C Typ Max
-40 C to +85 C -40 C to +125 C Unit Min Max Min Max
[3]
4.4 6.3 3.4 4.7
8.0 11.5 5.5 7.5
1.0 1.0 1.0 1.0
9.5 13.0 6.5 8.5
1.0 1.0 1.0 1.0
10.0 14.5 7.0 9.5
ns ns ns ns
[1] [2]
[3]
4.9 7.0 3.6 5.4
8.0 11.5 5.6 8.0
1.0 1.0 1.0 1.0
9.5 13.0 6.3 9.0
1.0 1.0 1.0 1.0
10.0 14.5 7.0 9.5
ns ns ns ns
[1] [2]
[3]
6.3 9.0 4.3 6.1
9.7 13.2 6.8 8.8
1.0 1.0 1.0 1.0
11.5 15.0 8.0 10.0
1.0 1.0 1.0 1.0
12.5 16.5 8.5 11.0
ns ns ns ns
-
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 -- 25 May 2007
5 of 13
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
Table 8. Dynamic characteristics ...continued GND = 0 V; tr = tf = 3.0 ns. For test circuit see Figure 7. Symbol Parameter CPD Conditions Min per buffer; power CL = 50 pF; f = 1 MHz; dissipation capacitance VI = GND to VCC propagation delay A to Y; see Figure 5 VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF ten enable time OE to Y; see Figure 6 VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF tdis disable time OE to Y; see Figure 6 VCC = 4.5 V to 5.5 V CL = 15 pF CL = 50 pF CPD power per buffer; dissipation CL = 50 pF; f = 1 MHz; capacitance VI = GND to VCC
tpd is the same as tPLH and tPHL. ten is the same as tPZL and tPZH. tdis is the same as tPLZ and tPHZ. Typical values are measured at VCC = 3.3 V. Typical values are measured at VCC = 5.0 V. CPD is used to determine the dynamic power dissipation PD (W). PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts.
[4] [1] [3] [1] [3] [4]
25 C Typ 9 Max -
-40 C to +85 C -40 C to +125 C Unit Min Max Min Max pF
For type 74AHCT1G126 tpd
[1] [3]
-
3.4 4.7
5.5 7.5
1.0 1.0
6.5 8.5
1.0 1.0
7.0 9.5
ns ns
-
3.4 4.8
5.6 8.0
1.0 1.0
6.3 9.0
1.0 1.0
6.5 9.0
ns ns
4.0 5.7 11
6.8 8.8 -
1.0 1.0 -
8.0 10.0 -
1.0 1.0 -
8.5 11.5 -
ns ns pF
[1]
[2] [3] [4]
74AHC_AHCT1G126_6
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 -- 25 May 2007
6 of 13
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
12. Waveforms
VI
A input GND
VM
tPHL
tPLH
Y output
VM
mna121
Measurement points are given in Table 9.
Fig 5. The clock (A) to output (Y) propagation delays
VI
OE input
GND
VM
tPLZ VCC
tPZL
output LOW-to-OFF OFF-to-LOW
tPHZ
VM VOL + 0.3 V tPZH VOH - 0.3 V VM GND output enabled output disabled output enabled
mna129
output HIGH-to-OFF OFF-to-HIGH
Measurement points are given in Table 9.
Fig 6. The 3-state enable and disable times Table 9. Type 74AHC1G126 74AHCT1G126 Measurement points Input VM 0.5 x VCC 1.5 V VI GND to VCC GND to 3.0 V Output VM 0.5 x VCC 0.5 x VCC
74AHC_AHCT1G126_6
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 -- 25 May 2007
7 of 13
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
S1
VCC PULSE GENERATOR VI D.U.T.
RT CL
VO
RL = 1000
VCC open GND
mna232
For test data see Table 8. Definitions for test circuit: CL = Load capacitance including jig and probe capacitance. RL = Load resistance. RT = Termination resistance should be equal to output impedance Zo of the pulse generator. For tPLH, tPHL, S1 = open For tPLZ, tPZL, S1 = VCC For tPHZ, tPZH, S1 = GND
Fig 7. Load circuitry for switching times
74AHC_AHCT1G126_6
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 -- 25 May 2007
8 of 13
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
13. Package outline
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm SOT353-1
D
E
A X
c y HE vMA
Z
5
4
A2 A1 (A3) A
1
e e1 bp
3
wM detail X
Lp L
0
1.5 scale
3 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.1 0 A2 1.0 0.8 A3 0.15 bp 0.30 0.15 c 0.25 0.08 D(1) 2.25 1.85 E(1) 1.35 1.15 e 0.65 e1 1.3 HE 2.25 2.0 L 0.425 Lp 0.46 0.21 v 0.3 w 0.1 y 0.1 Z(1) 0.60 0.15 7 0
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT353-1 REFERENCES IEC JEDEC MO-203 JEITA SC-88A EUROPEAN PROJECTION ISSUE DATE 00-09-01 03-02-19
Fig 8. Package outline SOT353-1 (TSSOP5)
74AHC_AHCT1G126_6 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 -- 25 May 2007
9 of 13
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
Plastic surface-mounted package; 5 leads
SOT753
D
B
E
A
X
y
HE
vMA
5
4
Q
A A1 c
1
2
3
detail X
Lp
e
bp
wM B
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.100 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT753
REFERENCES IEC JEDEC JEITA SC-74A
EUROPEAN PROJECTION
ISSUE DATE 02-04-16 06-03-16
Fig 9. Package outline SOT753 (SC-74A)
74AHC_AHCT1G126_6 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 -- 25 May 2007
10 of 13
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
14. Abbreviations
Table 10. Acronym CDM DUT ESD HBM MM TTL Abbreviations Description Charged Device Model Device Under Test ElectroStatic Discharge Human Body Model Machine Model Transistor-Transistor Logic
15. Revision history
Table 11. Revision history Release date 20070525 Data sheet status Product data sheet Product data sheet Change notice Supersedes 74AHC_AHCT1G126_5 74AHC_AHCT1G126_4 Document ID 74AHC_AHCT1G126_6 Modifications: 74AHC_AHCT1G126_5 Modifications:
* * * * * *
Typos in ordering numbers corrected in Table 1 "Ordering information". Package SOT353 changed to SOT353-1 in Section 3 and Section 13. Quick reference data and Soldering sections removed. Section 2 "Features" updated. The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Product specification Product specification Product specification Product specification 74AHC_AHCT1G126_3 74AHC_AHCT1G126_2 74AHC1G_AHCT1G126_1 -
20070514
74AHC_AHCT1G126_4 74AHC_AHCT1G126_3 74AHC_AHCT1G126_2 74AHC1G_AHCT1G126_1
20020606 20020215 20010406 19990920
74AHC_AHCT1G126_6
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 -- 25 May 2007
11 of 13
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
16. Legal information
16.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
16.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of a NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
16.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
16.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
17. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
74AHC_AHCT1G126_6
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 -- 25 May 2007
12 of 13
NXP Semiconductors
74AHC1G126; 74AHCT1G126
Bus buffer/line driver; 3-state
18. Contents
1 2 3 4 5 6 6.1 6.2 7 8 9 10 11 12 13 14 15 16 16.1 16.2 16.3 16.4 17 18 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 1 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional description . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Recommended operating conditions. . . . . . . . 3 Static characteristics. . . . . . . . . . . . . . . . . . . . . 4 Dynamic characteristics . . . . . . . . . . . . . . . . . . 5 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 Legal information. . . . . . . . . . . . . . . . . . . . . . . 12 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Contact information. . . . . . . . . . . . . . . . . . . . . 12 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 25 May 2007 Document identifier: 74AHC_AHCT1G126_6


▲Up To Search▲   

 
Price & Availability of 74AHCT1G126GW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X