Part Number Hot Search : 
CIUH8D45 YH1300 YH1300 G4BC30 TK10651 HCC4094B G4BC30 S1500
Product Description
Full Text Search
 

To Download 74AHCT1G07GW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74AHC1G07; 74AHCT1G07 Buffer with open-drain output
Product specification Supersedes data of 2002 Jun 06 2002 Oct 02
Philips Semiconductors
Product specification
Buffer with open-drain output
FEATURES * High noise immunity * ESD protection: - HBM EIA/JESD22-A114-A exceeds 2000 V - MM EIA/JESD22-A115-A exceeds 200 V - CDM EIA/JESD22-C101 exceeds 1000 V. * Low power dissipation * SOT353 and SOT753 packages * Output capability standard (open-drain) * Specified from -40 to +125 C. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf 3.0 ns.
74AHC1G07; 74AHCT1G07
DESCRIPTION The 74AHC1G/AHCT1G07 is a high-speed Si-gate CMOS device. The 74AHC1G/AHCT1G07 provides the non-inverting buffer. The output of the 74AHC1G/AHCT1G07 devices is open-drain and can be connected to other open-drain outputs to implement active-LOW wired-OR or active-HIGH wired-AND functions. For digital operation this device must have a pull-up resistor to establish a logic HIGH-level.
TYPICAL SYMBOL tPZL tPLZ CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts. 2. The condition is VI = GND to VCC. FUNCTION TABLE See note 1. INPUT A L H Note 1. H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state. OUTPUT Y L Z PARAMETER propagation delay A to Y propagation delay A to Y input capacitance power dissipation capacitance CL = 50 pF; f = 1 MHz; notes 1 and 2 CONDITIONS AHC1G CL = 15 pF; VCC = 5 V CL = 15 pF; VCC = 5 V 2.5 4.2 1.5 5 AHCT1G 2.8 3.9 1.5 6.5 ns ns pF pF UNIT
2002 Oct 02
2
Philips Semiconductors
Product specification
Buffer with open-drain output
ORDERING INFORMATION
74AHC1G07; 74AHCT1G07
PACKAGE TYPE NUMBER 74AHC1G07GW 74AHCT1G07GW 74AHC1G07GV 74AHCT1G07GV PINNING PIN 1 2 3 4 5 n.c. A GND Y VCC SYMBOL not connected data input A ground (0 V) data output Y supply voltage DESCRIPTION TEMPERATURE RANGE -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C PINS 5 5 5 5 PACKAGE SC-88A SC-88A SC-74A SC-74A MATERIAL plastic plastic plastic plastic CODE SOT353 SOT353 SOT753 SOT753 MARKING AS CS A07 C07
handbook, halfpage
n.c. 1 A GND 2 3
MNA588
5 VCC
handbook, halfpage
07
4 Y
2
A
Y
4
MNA589
Fig.1 Pin configuration.
Fig.2 Logic symbol.
handbook, halfpage handbook, halfpage
Y
A
2
4
Y A
MNA590
GND
MNA591
Fig.3 IEC logic symbol.
Fig.4 Logic diagram.
2002 Oct 02
3
Philips Semiconductors
Product specification
Buffer with open-drain output
RECOMMENDED OPERATING CONDITIONS
74AHC1G07; 74AHCT1G07
74AHC SYMBOL VCC VI VO Tamb tr, tf (t/f) PARAMETER supply voltage input voltage output voltage ambient temperature active mode high-impedance mode CONDITIONS MIN. 2.0 0 0 0 TYP. 5.0 - - - +25 +25 - - MAX. 5.5 5.5 VCC 6.0 +85 +125 100 20 MIN. 4.5 0 0 0 -40 -40 - -
74AHCT UNIT TYP. 5.0 - - - +25 +25 - - MAX. 5.5 5.5 VCC 6.0 +85 +125 - 20 V V V V C C ns/V ns/V
see DC and AC -40 characteristics per device -40 - -
input rise and fall VCC = 3.3 0.3 V times ratios VCC = 5 0.5 V
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC VI IIK IOK VO IO ICC Tstg PD Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. PARAMETER supply voltage input voltage input diode current output clamping diode current output voltage output sink current VCC or GND current storage temperature power dissipation per package for temperature range from -40 to +125 C VI < -0.5 V; note 1 VO < -0.5 V; note 1 active mode; note 1 high-impedance mode; note 1 VO > -0.5 V CONDITIONS MIN. -0.5 -0.5 - - -0.5 -0.5 - - -65 - MAX. +7.0 +7.0 -20 20 +7.0 +7.0 25 75 +150 250 V V mA mA V V mA mA C mW UNIT
2002 Oct 02
4
Philips Semiconductors
Product specification
Buffer with open-drain output
DC CHARACTERISTICS
74AHC1G07; 74AHCT1G07
74AHC1G family At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER VIH HIGH-level input voltage VCC (V) 2.0 3.0 5.5 VIL LOW-level input voltage 2.0 3.0 5.5 VOL LOW-level output voltage VI = VIH or VIL; IO = 50 A VI = VIH or VIL; IO = 50 A VI = VIH or VIL; IO = 50 A VI = VIH or VIL; IO = 4.0 mA VI = VIH or VIL; IO = 8.0 mA ILI IOZ ICC CI input leakage current VI = VCC or GND 2.0 3.0 4.5 3.0 4.5 5.5 MIN. 1.5 2.1 3.85 - - - - - - - - - - - - - - - - - - 0 0 0 - - - - - 1.5 25 - - - 0.5 0.9 1.65 0.1 0.1 0.1 0.36 0.36 0.1 Tamb (C) -40 to +85 - - - 0.5 0.9 1.65 0.1 0.1 0.1 0.44 0.44 1.0 2.5 10 10 -40 to +125 - - - 0.5 0.9 1.65 0.1 0.1 0.1 0.55 0.55 2.0 UNIT
TYP. MAX. MIN. MAX. MIN. MAX. 1.5 2.1 3.85 - - - - - - - - - 1.5 2.1 3.85 - - - - - - - - - - - - V V V V V V V V V V V A
3-state output VI = VIH or VIL; 5.5 OFF-state current VO = VCC or GND quiescent supply current input capacitance VI = VCC or GND; 5.5 IO = 0
0.25 - 1.0 10 - -
10.0 A 20 10 A pF
2002 Oct 02
5
Philips Semiconductors
Product specification
Buffer with open-drain output
74AHC1G07; 74AHCT1G07
74AHCT1G family At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL PARAMETER OTHER VIH VIL VOL HIGH-level input voltage LOW-level input voltage LOW-level output VI = VIH or VIL; voltage IO = 50 A VI = VIH or VIL; IO = 8.0 mA ILI IOZ input leakage current 3-state output OFF-state current VI = VCC or GND VCC (V) MIN. - - 0 - - - 25 - 0.8 0.1 0.36 0.1 Tamb (C) -40 to +85 - 0.8 0.1 0.44 1.0 2.5 -40 to +125 UNIT - 0.8 0.1 0.55 2.0
TYP. MAX. MIN. MAX. MIN. MAX. 2.0 - - - - 2.0 - - - - - V V V V A
4.5 to 5.5 2.0 4.5 to 5.5 - 4.5 4.5 5.5 - - - -
VI = VIH or VIL; 5.5 VO = VCC or GND
0.25 -
10.0 A
ICC ICC
quiescent supply VI = VCC or GND; 5.5 current IO = 0 additional quiescent supply current per input pin input capacitance VI = 3.4 V; other inputs at VCC or GND; IO = 0
-
- -
1.0 1.35
- -
10 1.5
- -
20 1.5
A mA
4.5 to 5.5 -
CI
-
1.5
10
-
10
-
10
pF
2002 Oct 02
6
Philips Semiconductors
Product specification
Buffer with open-drain output
AC CHARACTERISTICS Type 74AHC1G07 GND = 0 V; tr = tf 3.0 ns. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS VCC = 3.0 to 3.6 V; note 1 tPZL/tPLZ propagation delay A to Y see Figs 5 and 6 15 15 50 50 VCC = 4.5 to 5.5 V; note 2 tPZL/tPLZ propagation delay A to Y see Figs 5 and 6 15 15 50 50 Notes 1. Typical values are measured at VCC = 3.3 V. 2. Typical values are measured at VCC = 5.0 V. Type 74AHCT1G07 GND = 0 V; tr = tf 3.0 ns. TEST CONDITIONS SYMBOL PARAMETER WAVEFORMS VCC = 4.5 to 5.5 V; note 1 tPZL/tPLZ propagation delay A to Y see Figs 5 and 6 15 15 50 50 Note 1. Typical values are measured at VCC = 5 V. - - - - 2.8 3.9 4.0 5.5 CL (pF) 25 MIN. - - - - 2.5 4.2 3.6 6.0 - - - - 3.5 5.8 5.0 8.3 CL (pF) 25 MIN.
74AHC1G07; 74AHCT1G07
Tamb (C) -40 to +85 -40 to +125 UNIT
TYP. MAX. MIN. MAX. MIN. MAX.
5.6 7.9 8.0 11.5
1.0 1.0 1.0 1.0
6.3 8.4 9.0 12.0
1.0 1.0 1.0 1.0
7.0 8.9 10.0 12.5
ns ns ns ns
3.9 5.1 5.5 7.5
1.0 1.0 1.0 1.0
4.6 5.6 6.5 8.0
1.0 1.0 1.0 1.0
4.9 6.1 7.0 8.5
ns ns ns ns
Tamb (C) -40 to +85 -40 to +125 UNIT
TYP. MAX. MIN. MAX. MIN. MAX.
4.6 5.6 6.5 8.0
1.0 1.0 1.0 1.0
5.3 6.1 7.5 8.5
1.0 1.0 1.0 1.0
5.6 6.6 8.0 9.0
ns ns ns ns
2002 Oct 02
7
Philips Semiconductors
Product specification
Buffer with open-drain output
AC WAVEFORMS
74AHC1G07; 74AHCT1G07
handbook, full pagewidth
VI A input GND t PLZ VCC Y output VOL VOL + 0.3 V
MNA592
VM(1)
t PZL
VM(2)
FAMILY AHC1G AHCT1G
VI INPUT REQUIREMENTS GND to VCC GND to 3.0 V
VM(1) INPUT 1.5 V
VM(2) OUTPUT 50% VCC
50% VCC 50% VCC
Fig.5 The input A to output Y propagation delays.
handbook, full pagewidth
S1 VCC PULSE GENERATOR VI D.U.T. RT CL
MNA232
VO
RL = 1000
VCC open GND
TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH VCC
S1 open GND
Definitions for test circuit: CL = Load capacitance including jig and probe capacitance (see Chapter "AC characteristics"). RT = Termination resistance should be equal to the output impedance Z0 of the pulse generator.
Fig.6 Load circuitry for switching times.
2002 Oct 02
8
Philips Semiconductors
Product specification
Buffer with open-drain output
PACKAGE OUTLINES Plastic surface mounted package; 5 leads
74AHC1G07; 74AHCT1G07
SOT353
D
B
E
A
X
y
HE
vMA
5
4
Q
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E (2) 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT353
REFERENCES IEC JEDEC EIAJ SC-88A
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
2002 Oct 02
9
Philips Semiconductors
Product specification
Buffer with open-drain output
74AHC1G07; 74AHCT1G07
Plastic surface mounted package; 5 leads
SOT753
D
B
E
A
X
y
HE
vMA
5
4
Q
A A1 c
1
2
3
detail X
Lp
e
bp
wM B
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.100 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT753
REFERENCES IEC JEDEC JEITA SC-74A
EUROPEAN PROJECTION
ISSUE DATE 02-04-16
2002 Oct 02
10
Philips Semiconductors
Product specification
Buffer with open-drain output
SOLDERING Introduction to soldering surface mount packages This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch SMDs. In these situations reflow soldering is recommended. Reflow soldering Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 220 C for thick/large packages, and below 235 C for small/thin packages. Wave soldering Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed.
74AHC1G07; 74AHCT1G07
If wave soldering is used the following conditions must be observed for optimal results: * Use a double-wave soldering method comprising a turbulent wave with high upward pressure followed by a smooth laminar wave. * For packages with leads on two sides and a pitch (e): - larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end. * For packages with leads on four sides, the footprint must be placed at a 45 angle to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Manual soldering Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
2002 Oct 02
11
Philips Semiconductors
Product specification
Buffer with open-drain output
74AHC1G07; 74AHCT1G07
Suitability of surface mount IC packages for wave and reflow soldering methods PACKAGE(1) BGA, LBGA, LFBGA, SQFP, TFBGA, VFBGA HBCC, HBGA, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, HVQFN, HVSON, SMS PLCC(4), SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO Notes 1. For more detailed information on the BGA packages refer to the "(LF)BGA Application Note" (AN01026); order a copy from your Philips Semiconductors sales office. 2. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the "Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods". 3. These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the solder cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink on the top side, the solder might be deposited on the heatsink surface. 4. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. 5. Wave soldering is suitable for LQFP, TQFP and QFP packages with a pitch (e) larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. 6. Wave soldering is suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm. not suitable not suitable(3) SOLDERING METHOD WAVE REFLOW(2) suitable suitable suitable suitable suitable
suitable not not recommended(4)(5) recommended(6)
2002 Oct 02
12
Philips Semiconductors
Product specification
Buffer with open-drain output
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development
74AHC1G07; 74AHCT1G07
DEFINITION This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2002 Oct 02
13
Philips Semiconductors
Product specification
Buffer with open-drain output
NOTES
74AHC1G07; 74AHCT1G07
2002 Oct 02
14
Philips Semiconductors
Product specification
Buffer with open-drain output
NOTES
74AHC1G07; 74AHCT1G07
2002 Oct 02
15
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2002
SCA74
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613508/05/pp16
Date of release: 2002
Oct 02
Document order number:
9397 750 10062


▲Up To Search▲   

 
Price & Availability of 74AHCT1G07GW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X