Part Number Hot Search : 
TFPT1206 MICON AN7820 1803DFX SC250 MC33501 EPC10 UPC1490G
Product Description
Full Text Search
 

To Download 74AHC1G09GW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AHC1G09
2-input AND gate with open-drain output
Rev. 01 -- 26 September 2005 Product data sheet
1. General description
The 74AHC1G09 is a high-speed Si-gate CMOS device. The 74AHC1G09 provides the 2-input AND function with open-drain output. The output of the 74AHC1G09 is an open drain and can be connected to other open-drain outputs to implement active-LOW, wired-OR or active-HIGH wired-AND functions. For digital operation this device must have a pull-up resistor to establish a logic HIGH level.
2. Features
s High noise immunity s ESD protection: x HBM JESD22-A114-C exceeds 2000 V x MM JESD22-A115-A exceeds 200 V s Low power dissipation s Specified from -40 C to +85 C and from -40 C to +125 C.
3. Quick reference data
Table 1: Quick reference data GND = 0 V; Tamb = 25 C; tr = tf 3.0 ns. Symbol tPZL, tPLZ Ci CPD
[1]
Parameter propagation delay A and B to Y input capacitance power dissipation capacitance
Conditions VCC = 4.5 V to 5.5 V; CL = 15 pF CL = 50 pF; fi = 1 MHz; VI = GND to VCC
[1]
Min -
Typ 3.2 1.5 5
Max 5.5 10 -
Unit ns pF pF
CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = number of inputs switching; (CL x VCC2 x fo) = dissipation due to the output if the combination of the pull up voltage and resistance results in VCC at the output.
Philips Semiconductors
74AHC1G09
2-input AND gate with open-drain output
4. Ordering information
Table 2: Ordering information Package Temperature range Name 74AHC1G09GW -40 C to +125 C TSSOP5 Description plastic thin shrink small outline package; 5 leads; body width 1.25 mm Version SOT353-1 Type number
5. Marking
Table 3: Marking Marking code A9 Type number 74AHC1G09GW
6. Functional diagram
1 2
B A
4
Y
1 2
&
4
001aad598
001aad599
Fig 1. Logic symbol
Fig 2. IEC logic symbol
Y A
B
GND
001aad600
Fig 3. Logic diagram
7. Pinning information
7.1 Pinning
B A
1 2
5
VCC
09
4
001aad601
GND
3
Y
Fig 4. Pin configuration SOT353-1 (TSSOP5)
74AHC1G09_1
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 26 September 2005
2 of 11
Philips Semiconductors
74AHC1G09
2-input AND gate with open-drain output
7.2 Pin description
Table 4: Symbol B A GND Y VCC Pin description Pin 1 2 3 4 5 Description data input B data input A ground (0 V) data output Y supply voltage
8. Functional description
8.1 Function table
Table 5: Input A L L H H
[1] H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
Function table [1] Output B L H L H Y L L L Z
9. Limiting values
Table 6: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter VCC VI VO IIK IOK IO ICC IGND Tstg Ptot
[1] [2]
Conditions
[1]
Min -0.5 -0.5 -0.5 -0.5 -65
Max +7.0 +7.0 +7.0 +7.0 -20 20 25 75 75 +150 250
Unit V V V V mA mA mA mA mA C mW
supply voltage input voltage output voltage input clamping current output clamping current output current quiescent supply current GND current storage temperature total power dissipation Tamb = -40 C to +125 C
[2]
active mode high-impedance mode VI < -0.5 V VO < -0.5 V VO > -0.5 V
[1] [1] [1] [1]
-
The input and output voltage ratings may be exceeded if the input and output current ratings are observed. For TSSOP5 packages: above 87.5 C the value of Ptot derates linearly with 4.0 mW/K.
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
74AHC1G09_1
Product data sheet
Rev. 01 -- 26 September 2005
3 of 11
Philips Semiconductors
74AHC1G09
2-input AND gate with open-drain output
10. Recommended operating conditions
Table 7: Symbol VCC VI VO Tamb tr, tf Recommended operating operations Parameter supply voltage input voltage output voltage ambient temperature input rise and fall times VCC = 3.0 V to 3.6 V VCC = 4.5 V to 5.5 V active mode high-impedance mode Conditions Min 2.0 0 0 0 -40 Typ 5.0 +25 Max 5.5 5.5 VCC 6.0 +125 100 20 Unit V V V V C ns/V ns/V
11. Static characteristics
Table 8: Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Tamb = 25 C VIH HIGH-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VIL LOW-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VOL LOW-level output voltage VI = VIH or VIL IO = 50 A; VCC = 2.0 V IO = 50 A; VCC = 3.0 V IO = 50 A; VCC = 4.5 V IO = 4.0 mA; VCC = 3.0 V IO = 8.0 mA; VCC = 4.5 V ILI IOZ ICC Ci VIH input leakage current OFF-state output current quiescent supply current input capacitance HIGH-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VIL LOW-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VI = VCC or GND; VCC = 5.5 V VI = VIH or VIL; VO = VCC or GND; VCC = 5.5 V VI = VCC or GND; IO = 0 A; VCC = 5.5 V 1.5 2.1 3.85 0 0 0 1.5 0.1 0.1 0.1 0.36 0.36 0.1 0.25 1.0 10 0.5 0.9 1.65 V V V V V A A A pF V V V V V V 1.5 2.1 3.85 0.5 0.9 1.65 V V V V V V Parameter Conditions Min Typ Max Unit
Tamb = -40 C to +85 C
74AHC1G09_1
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 26 September 2005
4 of 11
Philips Semiconductors
74AHC1G09
2-input AND gate with open-drain output
Table 8: Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol VOL Parameter LOW-level output voltage Conditions VI = VIH or VIL IO = 50 A; VCC = 2.0 V IO = 50 A; VCC = 3.0 V IO = 50 A; VCC = 4.5 V IO = 4.0 mA; VCC = 3.0 V IO = 8.0 mA; VCC = 4.5 V ILI IOZ ICC input leakage current OFF-state output current quiescent supply current HIGH-level input voltage VI = VCC or GND; VCC = 5.5 V VI = VIH or VIL; VO = VCC or GND; VCC = 5.5 V VI = VCC or GND; IO = 0 A; VCC = 5.5 V 0.1 0.1 0.1 0.44 0.44 1.0 2.5 10 V V V V V A A A Min Typ Max Unit
Tamb = -40 C to +125 C VIH VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VIL LOW-level input voltage VCC = 2.0 V VCC = 3.0 V VCC = 5.5 V VOL LOW-level output voltage VI = VIH or VIL IO = 50 A; VCC = 2.0 V IO = 50 A; VCC = 3.0 V IO = 50 A; VCC = 4.5 V IO = 4.0 mA; VCC = 3.0 V IO = 8.0 mA; VCC = 4.5 V ILI IOZ ICC input leakage current OFF-state output current quiescent supply current VI = VCC or GND; VCC = 5.5 V VI = VIH or VIL; VO = VCC or GND; VCC = 5.5 V VI = VCC or GND; IO = 0 A; VCC = 5.5 V 0.1 0.1 0.1 0.55 0.55 2.0 10 20 V V V V V A A A 1.5 2.1 3.85 0.5 0.9 1.65 V V V V V V
74AHC1G09_1
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 26 September 2005
5 of 11
Philips Semiconductors
74AHC1G09
2-input AND gate with open-drain output
12. Dynamic characteristics
Table 9: Dynamic characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V); tr = tf 3.0 ns; see Figure 6. Symbol tPZL, tPLZ Parameter propagation delay A and B to Y Conditions see Figure 5 VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF CPD power dissipation capacitance propagation delay A and B to Y CL = 50 pF; fi = 1 MHz; VI = GND to VCC see Figure 5 VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF Tamb = -40 C to +125 C tPZL, tPLZ propagation delay A and B to Y see Figure 5 VCC = 3.0 V to 3.6 V; CL = 15 pF VCC = 4.5 V to 5.5 V; CL = 15 pF VCC = 3.0 V to 3.6 V; CL = 50 pF VCC = 4.5 V to 5.5 V; CL = 50 pF
[1] [2] All typical values are measured at nominal VCC. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = number of inputs switching; (CL x VCC2 x fo) = dissipation due to the output if the combination of the pull up voltage and resistance results in VCC at the output.
[1] [1] [1] [1] [2]
Min
Typ
Max
Unit
Tamb = 25 C 4.6 3.2 6.5 4.6 5 7.5 5.5 11.0 7.5 ns ns ns ns pF
Tamb = -40 C to +85 C tPZL, tPLZ 1.0 1.0 1.5 1.5 8.5 6.5 12.0 8.0 ns ns ns ns
1.0 1.0 1.5 1.5
-
9.0 7.0 12.5 8.5
ns ns ns ns
74AHC1G09_1
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 26 September 2005
6 of 11
Philips Semiconductors
74AHC1G09
2-input AND gate with open-drain output
13. Waveforms
VI A, B input GND t PLZ VCC Y output VOL VX
001aad602
VM
t PZL
VM
VM = 0.5VCC; VI = GND to VCC. VOL is the typical voltage output drop that occur with the output load.
Fig 5. The data input (A, B) to output (Y) propagation delays
S1 VCC VI D.U.T. RT CL
mna232
RL = 1000
VCC open GND
PULSE GENERATOR
VO
Test data is given in Table 10. Definitions for test circuit: CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 6. Load circuitry for switching times Table 10: Input VI GND to VCC GND to VCC tr, tf 3.0 ns 3.0 ns Test data Load RL 1000 1000 CL 15 pF 50 pF S1 tPHZ, tPZH GND GND tPLZ, tPZL VCC VCC tPLH, tPHL open open
74AHC1G09_1
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 26 September 2005
7 of 11
Philips Semiconductors
74AHC1G09
2-input AND gate with open-drain output
14. Package outline
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm SOT353-1
D
E
A X
c y HE vMA
Z
5
4
A2 A1 (A3) A
1
e e1 bp
3
wM detail X
Lp L
0
1.5 scale
3 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.1 0 A2 1.0 0.8 A3 0.15 bp 0.30 0.15 c 0.25 0.08 D(1) 2.25 1.85 E(1) 1.35 1.15 e 0.65 e1 1.3 HE 2.25 2.0 L 0.425 Lp 0.46 0.21 v 0.3 w 0.1 y 0.1 Z(1) 0.60 0.15 7 0
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT353-1 REFERENCES IEC JEDEC MO-203 JEITA SC-88A EUROPEAN PROJECTION ISSUE DATE 00-09-01 03-02-19
Fig 7. Package outline SOT353-1 (TSSOP5)
74AHC1G09_1 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 26 September 2005
8 of 11
Philips Semiconductors
74AHC1G09
2-input AND gate with open-drain output
15. Abbreviations
Table 11: Acronym CMOS ESD HBM MM Abbreviations Description Complementary Metal Oxide semiconductor ElectroStatic Discharge Human Body Model Machine Model
16. Revision history
Table 12: Revision history Release date 20050926 Data sheet status Product data sheet Change notice Doc. number Supersedes Document ID 74AHC1G09_1
74AHC1G09_1
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 26 September 2005
9 of 11
Philips Semiconductors
74AHC1G09
2-input AND gate with open-drain output
17. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
18. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
20. Trademarks
Notice -- All referenced brands, product names, service names and trademarks are the property of their respective owners.
19. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
21. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
74AHC1G09_1
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 26 September 2005
10 of 11
Philips Semiconductors
74AHC1G09
2-input AND gate with open-drain output
22. Contents
1 2 3 4 5 6 7 7.1 7.2 8 8.1 9 10 11 12 13 14 15 16 17 18 19 20 21 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 3 Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Recommended operating conditions. . . . . . . . 4 Static characteristics. . . . . . . . . . . . . . . . . . . . . 4 Dynamic characteristics . . . . . . . . . . . . . . . . . . 6 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 8 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 9 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 10 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Contact information . . . . . . . . . . . . . . . . . . . . 10
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 26 September 2005 Document number: 74AHC1G09_1
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of 74AHC1G09GW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X