Part Number Hot Search : 
SMBJ36 33AD1 AK93C55C MMBT540 C74HC3 24VDC TAER1 C74HC3
Product Description
Full Text Search
 

To Download 74ACT520SJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AC520, 74ACT520 8-Bit Identity Comparator
March 2007
74AC520, 74ACT520 8-Bit Identity Comparator
Features
Compares two 8-bit words in 6.5ns typ. Expandable to any word length 20-pin package Outputs source/sink 24mA ACT520 has TTL-compatible inputs
tm
General Description
The AC/ACT520 are expandable 8-bit comparators. They compare two words of up to eight bits each and provide a LOW output when the two words match bit for bit. The expansion input IA = B also serves as an active LOW enable input.
Ordering Information
Order Number
74AC520SC 74ACT520SC 74ACT520SJ 74ACT520PC
Package Number
M20B M20B M20D N20A
Package Description
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Body 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Body 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering number.
Connection Diagram
Pin Descriptions
Pin Names
A0-A7 B0-B7 TA = B OA = B
Description
Word A Inputs Word B Inputs Expansion or Enable Input Identity Output
Truth Table
Inputs IA = B
L L H H H = HIGH Voltage Level L = LOW Voltage Level Note: 1. A0 = B0, A1 = B1, A2 = B2, etc.
Outputs A, B
A= A= B(1) B(1) AB AB
OA = B
L H H H
FACTTM is a trademark of Fairchild Semiconductor Corporation. (c)1989 Fairchild Semiconductor Corporation 74AC520, 74ACT520 Rev. 1.4 www.fairchildsemi.com
74AC520, 74ACT520 8-Bit Identity Comparator
Logic Symbols
IEEE/IEC
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
(c)1989 Fairchild Semiconductor Corporation 74AC520, 74ACT520 Rev. 1.4 www.fairchildsemi.com 2
74AC520, 74ACT520 8-Bit Identity Comparator
Applications
Ripple Expansion
Parallel Expansion
(c)1989 Fairchild Semiconductor Corporation 74AC520, 74ACT520 Rev. 1.4
www.fairchildsemi.com 3
74AC520, 74ACT520 8-Bit Identity Comparator
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VCC IIK Supply Voltage DC Input Diode Current VI = -0.5V VI = VCC + 0.5V VI IOK DC Input Voltage DC Output Diode Current VO = -0.5V VO = VCC + 0.5V VO IO TSTG TJ DC Output Voltage
Parameter
Rating
-0.5V to +7.0V -20mA +20mA -0.5V to VCC + 0.5V -20mA +20mA -0.5V to VCC + 0.5V 50mA 50mA -65C to +150C 140C
DC Output Source or Sink Current Storage Temperature Junction Temperature
ICC or IGND DC VCC or Ground Current per Output Pin
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings.
Symbol
VCC Supply Voltage AC ACT VI VO TA V / t V / t Input Voltage Output Voltage Operating Temperature
Parameter
Rating
2.0V to 6.0V 4.5V to 5.5V 0V to VCC 0V to VCC -40C to +85C 125mV/ns 125mV/ns
Minimum Input Edge Rate, AC Devices: VIN from 30% to 70% of VCC, VCC @ 3.3V, 4.5V, 5.5V Minimum Input Edge Rate, ACT Devices: VIN from 0.8V to 2.0V, VCC @ 4.5V, 5.5V
(c)1989 Fairchild Semiconductor Corporation 74AC520, 74ACT520 Rev. 1.4
www.fairchildsemi.com 4
74AC520, 74ACT520 8-Bit Identity Comparator
DC Electrical Characteristics for AC
TA = +25C TA = -40C to +85C Symbol
VIH
Parameter
Minimum HIGH Level Input Voltage
VCC (V)
3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5
Conditions
VOUT = 0.1V or VCC - 0.1V VOUT = 0.1V or VCC - 0.1V IOUT = -50A
Typ.
1.5 2.25 2.75 1.5 2.25 2.75 2.99 4.49 5.49
Guaranteed Limits
2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.56 3.86 4.86 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.46 3.76 4.76 0.1 0.1 0.1 0.44 0.44 0.44 1.0 10.0 -1.0 75 -75 4.0 40.0 8.0
Units
V
VIL
Maximum LOW Level Input Voltage
V
VOH
Minimum HIGH Level Output Voltage
V
VIN = VIL or VIH: 3.0 4.5 5.5 VOL Maximum LOW Level Output Voltage 3.0 4.5 5.5 VIN = VIL or VIH: 3.0 4.5 5.5 IIN(4) IIH IIL IOLD IOHD ICC ICC(4) Maximum Input Leakage Current Maximum Input HIGH Leakage Current Maximum Input LOW Leakage Current Minimum Dynamic Output Current(3) Maximum Quiescent Supply Current Maximum Quiescent Supply Current 5.5 5.5 5.5 5.5 5.5 5.5 5.5 IOL = 12mA IOL = 24mA IOL = 24mA(2) VI = VCC, GND, A Inputs Only VI = VCC, B Inputs Only VI = VCC, B Inputs Only VOLD = 1.65V Max. VOHD = 3.85V Min. VIN = VCC VIN = GND 2.3 -0.3 0.36 0.36 0.36 0.1 10.0 -0.6 IOH = -12mA IOH = -24mA IOH = -24mA(2) 0.002 0.001 0.001 IOUT = 50A
0.1 0.1 0.1
V
A A mA mA mA A mA
4.8
Notes: 2. All outputs loaded; thresholds on input associated with output under test. 3. Maximum test duration 2.0ms, one output loaded at a time. 4. IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
(c)1989 Fairchild Semiconductor Corporation 74AC520, 74ACT520 Rev. 1.4
www.fairchildsemi.com 5
74AC520, 74ACT520 8-Bit Identity Comparator
DC Electrical Characteristics for ACT
TA = +25C Symbol
VIH VIL VOH
TA = -40C to +85C Guaranteed Limits Units
V V V 2.0 2.0 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1.0 10.0 A A V
Parameter
Minimum HIGH Level Input Voltage Maximum LOW Level Input Voltage Minimum HIGH Level Output Voltage
VCC (V)
4.5 5.5 4.5 5.5 4.5 5.5
Conditions
VOUT = 0.1V or VCC - 0.1V VOUT = 0.1V or VCC - 0.1V IOUT = -50A VIN = VIL or VIH:
Typ.
1.5 1.5 1.5 1.5 4.49 5.49 2.0 2.0 0.8 0.8 4.4 5.4 3.86 4.86 0.001 0.001 0.1 0.1 0.36 0.36 0.1 10.0
4.5 5.5 VOL Maximum LOW Level Output Voltage 4.5 5.5
IOH = -24mA IOH = -24mA(5) IOUT = 50A VIN = VIL or VIH:
4.5 5.5 IIN IIH Maximum Input Leakage Current Maximum Input HIGH Leakage Current Maximum Input LOW Leakage Current Maximum ICC/Input Minimum Dynamic Output Current(6) Maximum Quiescent Supply Current Maximum Quiescent Supply Current 5.5 5.5
IOL = 24mA IOL = 24mA(5) VI = VCC, GND VI = VCC, B Inputs Only VI = VCC, B Inputs Only VI = VCC - 2.1V VOLD = 1.65V Max. VOHD = 3.85V Min. VIN = VCC or GND VIN = GND 2.3 -0.3 0.6
IIL ICCT IOLD IOHD ICC ICC
5.5 5.5 5.5 5.5 5.5 5.5
-0.6
-1.0 1.5 75 -75
mA mA mA mA A mA
4.0 4.8
40.0 8.0
Notes: 5. All outputs loaded; thresholds on input associated with output under test. 6. Maximum test duration 2.0ms, one output loaded at a time.
(c)1989 Fairchild Semiconductor Corporation 74AC520, 74ACT520 Rev. 1.4
www.fairchildsemi.com 6
74AC520, 74ACT520 8-Bit Identity Comparator
AC Electrical Characteristics for AC
TA = +25C, CL = 50pF Symbol
tPLH tPHL tPLH tPHL
TA = -40C to +85C, CL = 50pF Min.
3.0 2.0 3.5 2.5 2.5 2.0 2.5 2.0
Parameter
Propagation Delay, An or Bn to O A = B Propagation Delay, An or Bn to OA = B Propagation Delay, IA = B to OA = B Propagation Delay, IA = B to OA = B
VCC (V)(7)
3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
Min.
4.0 2.5 4.5 3.0 3.5 2.5 3.5 2.5
Typ.
7.5 5.5 8.0 5.5 5.5 4.5 5.5 4.5
Max.
11.5 8.5 12.0 9.0 8.5 6.5 8.5 6.5
Max.
13.0 9.5 13.5 10.0 9.5 7.0 9.5 7.0
Units
ns ns ns ns
Note: 7. Voltage range 3.3 is 3.3V 0.3V. Voltage range 5.0 is 5.0V 0.5V.
AC Electrical Characteristics for ACT
TA = +25C, CL = 50pF Symbol
tPLH tPHL tPLH tPHL
TA = -40C to +85C, CL = 50 pF Min.
2.5 2.5 2.0 2.0
Parameter
Propagation Delay, An or Bn to O A = B Propagation Delay, An or Bn to OA = B Propagation Delay, IA = B to OA = B Propagation Delay, IA = B to OA = B
VCC (V)(8)
5.0 5.0 5.0 5.0
Min.
3.0 3.0 2.0 2.5
Typ.
5.5 6.0 4.0 5.0
Max.
8.5 10.0 6.0 7.5
Max.
9.5 11.5 6.5 8.5
Units
ns ns ns ns
Note: 8. Voltage range 5.0 is 5.0V 0.5V
Capacitance
Symbol
CIN CPD
Parameter
Input Capacitance Power Dissipation Capacitance
Conditions
VCC = OPEN VCC = 5.0V
Typ.
4.5 40
Units
pF pF
(c)1989 Fairchild Semiconductor Corporation 74AC520, 74ACT520 Rev. 1.4
www.fairchildsemi.com 7
74AC520, 74ACT520 8-Bit Identity Comparator
Physical Dimensions
Dimensions are in inches (millimeters) unless otherwise noted.
Figure 1. 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
(c)1989 Fairchild Semiconductor Corporation 74AC520, 74ACT520 Rev. 1.4
www.fairchildsemi.com 8
74AC520, 74ACT520 8-Bit Identity Comparator
Physical Dimensions (Continued) Dimensions are in millimeters unless otherwise noted.
Figure 2. 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
(c)1989 Fairchild Semiconductor Corporation 74AC520, 74ACT520 Rev. 1.4
www.fairchildsemi.com 9
74AC520, 74ACT520 8-Bit Identity Comparator
Physical Dimensions (Continued)
Dimensions are in inches (millimeters) unless otherwise noted.
Figure 3. 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N20A
(c)1989 Fairchild Semiconductor Corporation 74AC520, 74ACT520 Rev. 1.4
www.fairchildsemi.com 10
74AC520, 74ACT520 8-Bit Identity Comparator
TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx Across the board. Around the world. ActiveArray Bottomless Build it Now CoolFET CROSSVOLT CTLTM Current Transfer LogicTM DOME 2 E CMOS (R) EcoSPARK EnSigna FACT Quiet SeriesTM (R) FACT (R) FAST FASTr FPS (R) FRFET GlobalOptoisolator GTO
(R)
HiSeC i-Lo ImpliedDisconnect IntelliMAX ISOPLANAR MICROCOUPLER MicroPak MICROWIRE MSX MSXPro OCX OCXPro (R) OPTOLOGIC (R) OPTOPLANAR PACMAN POP (R) Power220 (R) Power247 PowerEdge PowerSaver (R) PowerTrench
Programmable Active Droop (R) QFET QS QT Optoelectronics Quiet Series RapidConfigure RapidConnect ScalarPump SMART START (R) SPM STEALTHTM SuperFET SuperSOT -3 SuperSOT -6 SuperSOT -8 SyncFETTM TCM (R) The Power Franchise
TM
TinyLogic TINYOPTO TinyPower TinyWire TruTranslation SerDes (R) UHC UniFET VCX Wire
(R)
TinyBoost TinyBuck
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor. The datasheet is printed for reference information only.
Rev. I24
2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
No Identification Needed
Full Production
Obsolete
Not In Production
(c)1989 Fairchild Semiconductor Corporation 74AC520, 74ACT520 Rev. 1.4
www.fairchildsemi.com 11


▲Up To Search▲   

 
Price & Availability of 74ACT520SJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X