Part Number Hot Search : 
KMX211G SM3P2 W18000 SB2200 00AA1 PBA1500F 060PT DUG12C
Product Description
Full Text Search
 

To Download 74ACT374TTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74ACT374
OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
s
s
s
s
s
s
s
s
s
HIGH SPEED: fMAX = 260MHz (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C COMPATIBLE WITH TTL OUTPUTS VIH = 2V (MIN.), V IL = 0.8V (MAX.) 50 TRANSMISSION LINE DRIVING CAPABILITY SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 4.5V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 374 IMPROVED LATCH-UP IMMUNITY
DIP
SOP
TSSOP
ORDER CODES
PACKAGE DIP SOP TSSOP TUBE 74ACT374B 74ACT374M T&R 74ACT374MTR 74ACT374TTR
DESCRIPTION The 74ACT374 is an advanced high-speed CMOS OCTAL D-TYPE FLIP-FLOP with 3 STATE OUTPUT NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. These 8 bit D-Type Flip-Flop are controlled by a clock input (CK) and an output enable input (OE). On the positive transition of the clock, the Q outputs will be set to the logic that were setup at the D inputs. While the (OE) input is low, the 8 outputs will be in PIN CONNECTION AND IEC LOGIC SYMBOLS
a normal logic state (high or low logic level); when the OE is high the outputs go to the high impedance state. The output control does not affect the internal operation of flip-flops; that is, the old data can be retained or the new data can be entered even while the outputs are off. This device is designed to interface directly High Speed CMOS systems with TTL and NMOS components. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
April 2001
1/11
74ACT374
INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1 2, 5, 6, 9, 12, 15, 16,19 3, 4, 7, 8, 13, 14, 17, 18 11 10 20 SYMBOL OE Q0 to Q7 D0 to D7 CK GND VCC NAME AND FUNCTION 3-State Output Enable (Active LOW) 3-State Outputs Data Inputs Clock Input (LOW-to-HIGH Edge Trigger) Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS OE H L L L
X : Don't Care Z : High Impedance
OUTPUT D X X L H Q Z NO CHANGE L H
CK X
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
2/11
74ACT374
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 50 400 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 4.5 to 5.5V (note 1) Parameter Value 4.5 to 5.5 0 to VCC 0 to VCC -55 to 125 8 Unit V V V C ns/V
1) VIN from 0.8V to 2.0V
3/11
74ACT374
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 4.5 5.5 4.5 5.5 4.5 5.5 4.5 5.5 VOL Low Level Output Voltage 4.5 5.5 4.5 5.5 II IOZ Input Leakage Current High Impedance Output Leakege Current Max ICC/Input Quiescent Supply Current Dynamic Output Current (note 1, 2) 5.5 5.5 5.5 5.5 5.5 VO = 0.1 V or VCC-0.1V VO = 0.1 V or VCC-0.1V IO=-50 A IO=-50 A IO=-24 mA IO=-24 mA IO=50 A IO=50 A IO=24 mA IO=24 mA VI = VCC or GND VI = VIH or VIL VO = VCC or GND VI = VCC - 2.1V VI = VCC or GND VOLD = 1.65 V max VOHD = 3.85 V min 0.6 4 4.4 5.4 3.86 4.86 0.001 0.001 0.1 0.1 0.36 0.36 0.1 0.5 TA = 25C Min. 2.0 2.0 Typ. 1.5 1.5 1.5 1.5 4.49 5.49 0.8 0.8 4.4 5.4 3.76 4.76 0.1 0.1 0.44 0.44 1 5 1.5 40 75 -75 Max. Value -40 to 85C Min. 2.0 2.0 0.8 0.8 4.4 5.4 3.7 4.7 0.1 0.1 0.5 0.5 1 5 1.6 80 50 -50 A A mA A mA mA V Max. -55 to 125C Min. 2.0 2.0 0.8 0.8 V Max. V Unit
VIH VIL VOH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
ICCT ICC IOLD IOHD
1) Maximum test duration 2ms, one output loaded at time 2) Incident wave switching is guaranteed on trasmission lines with impedances as low as 50
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 , Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 5.0(*) 5.0(*) 5.0(*) 5.0(*) 5.0(*) 5.0(*) 5.0(*) 100 TA = 25C Min. Typ. 5.0 6.0 6.5 1.5 0.5 -0.5 260 Max. 10.0 10.0 10.0 5.0 5.0 2.0 85 Value -40 to 85C Min. Max. 11.0 11.0 11.0 5.0 5.0 2.0 85 -55 to 125C Min. Max. 11.0 11.0 11.0 5.0 5.0 2.0 ns ns ns ns ns ns MHz Unit
tPLH tPHL Propagation Delay Time CK to Q tPZL tPZH Output Enable Time tPLZ tPHZ Output Disable Time tW CK Pulse Width HIGH or LOW ts Setup Time D to CK, HIGH or LOW th Hold Time D to CK, HIGH or LOW fMAX Maximum CK Frequency
(*) Voltage range is 5.0V 0.5V
4/11
74ACT374
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 5.0 fIN = 10MHz TA = 25C Min. Typ. 3 8 25 Max. Value -40 to 85C Min. Max. -55 to 125C Min. Max. pF pF pF Unit
CIN COUT CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x f IN + ICC/n (per circuit)
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL = 50pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
SWITCH Open 2VCC Open
5/11
74ACT374
WAVEFORM 1: PROPAGATION DELAYS, SETUP AND HOLD TIMES (f=1MHz; 50% duty cycle)
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIMES (f=1MHz; 50% duty cycle)
6/11
74ACT374
WAVEFORM 3: PULSE WIDTH (f=1MHz; 50% duty cycle)
7/11
74ACT374
Plastic DIP-20 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX.
DIM.
P001J
8/11
74ACT374
SO-20 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F L M S 7.40 0.50 12.60 10.00 1.27 11.43 7.60 1.27 0.75 8 (max.) 0.291 0.19 13.00 10.65 0.35 0.23 0.50 45 (typ.) 0.496 0.393 0.050 0.450 0.299 0.050 0.029 0.512 0.419 0.10 mm TYP. MAX. 2.65 0.20 2.45 0.49 0.32 0.013 0.009 0.020 0.004 MIN. inch TYP. MAX. 0.104 0.007 0.096 0.019 0.012
P013L
9/11
74ACT374
TSSOP20 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.19 0.09 6.4 6.25 4.3 6.5 6.4 4.4 0.65 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.30 0.2 6.6 6.5 4.48 0.002 0.335 0.0075 0.0035 0.252 0.246 0.169 0.256 0.252 0.173 0.0256 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.0118 0.0079 0.260 0.256 0.176
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
10/11
74ACT374
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of 74ACT374TTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X