Part Number Hot Search : 
CM509K 2405DH S1828 HCS164K SUT061G CP5028 SH550 97CFDC
Product Description
Full Text Search
 

To Download 74AC16301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AC163
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
s
s
s
s
s
s
s
s
s
HIGH SPEED: fMAX = 200MHz (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 8A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = V NIL = 28 % VCC (MIN.) 50 TRANSMISSION LINE DRIVING CAPABILITY SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 163 IMPROVED LATCH-UP IMMUNITY
DIP
SOP
TSSOP
ORDER CODES
PACKAGE DIP SOP TSSOP TUBE 74AC163B 74AC163M T&R 74AC163MTR 74AC163TTR
DESCRIPTION The 74AC163 is an advanced high-speed CMOS SYNCRONOUS PRESETTABLE COUNTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology. It is a 4 bit binary counter with Synchronous Clear. The circuit have four fundamental modes of operation, in order of preference: synchronous reset, parallel load, count-up and hold. Four control inputs, Master Reset (CLEAR), Parallel Enable Input (LOAD), Count Enable Input (PE) and Count Enable Carry Input (TE), determine the PIN CONNECTION AND IEC LOGIC SYMBOLS
mode of operation as shown in the Truth Table. A LOW signal on CLEAR overrides counting and parallel loading and sets all outputs on LOW state on the next rising edge of CLOCK. A LOW signal on LOAD overrides counting and allows information on Parallel Data inputs to be loaded into the flip-flop on the next rising edge of CLOCK. With LOAD and CLEAR HIGH, PE and TE permit counting when both are HIGH. Conversely, a LOW signal on either PE and TE inhibits counting. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
April 2001
1/13
74AC163
INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1 2 3, 4, 5, 6 7 10 9 14, 13, 12, 11 15 8 16 SYMBOL CLEAR CLOCK A, B, C, D PE TE LOAD QA to QD NAME AND FUNCTION Master Reset Clock Input (LOW to HIGH Edge Trigger) Data Inputs Count Enable Input Count Enable Carry Input Parallel Enable Input Flip-Flop Outputs
CARRY OUT Terminal Count Output GND Ground (0V) Positive Supply Voltage VCC
TRUTH TABLE
INPUTS CLEAR L H H H H H LOAD X L H H H X PE X X X L H X TE X X L X H X CK L A L B L C L D RESET TO "0" PRESET DATA NO COUNT NO COUNT COUNT NO COUNT OUTPUTS FUNCTION
NO CHANGE NO CHANGE COUNT UP NO CHANGE
X : Don't Care; A, B, C, D; Logic level of data input; CARRY OUT : TE x QA x QB x QC x QD
LOGIC DIAGRAM
2/13
74AC163
TIMING CHART
3/13
74AC163
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 50 300 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 3.0, 4.5 or 5.5V (note 1) Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 8 Unit V V V C ns/V
1) VIN from 30% to 70% of V CC
4/13
74AC163
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 5.5 VOL Low Level Output Voltage 3.0 4.5 5.5 3.0 4.5 5.5 II ICC IOLD IOHD Input Leakage Current Quiescent Supply Current Dynamic Output Current (note 1, 2) 5.5 5.5 5.5 VO = 0.1 V or VCC-0.1V VO = 0.1 V or VCC-0.1V IO=-50 A IO=-50 A IO=-50 A IO=-12 mA IO=-24 mA IO=-24 mA IO=50 A IO=50 A IO=50 A IO=12 mA IO=24 mA IO=24 mA VI = VCC or GND VI = VCC or GND VOLD = 1.65 V max VOHD = 3.85 V min 2.9 4.4 5.4 2.56 3.86 4.86 0.002 0.001 0.001 0.1 0.1 0.1 0.36 0.36 0.36 0.1 8 TA = 25C Min. 2.1 3.15 3.85 Typ. 1.5 2.25 2.75 1.5 2.25 2.75 2.99 4.49 5.49 Max. Value -40 to 85C Min. 2.1 3.15 3.85 0.9 1.35 1.65 2.9 4.4 5.4 2.46 3.76 4.76 0.1 0.1 0.1 0.44 0.44 0.44 1 80 75 -75 0.9 1.35 1.65 2.9 4.4 5.4 2.4 3.7 4.7 0.1 0.1 0.1 0.5 0.5 0.5 1 160 50 -50 A A mA mA V V Max. -55 to 125C Min. 2.1 3.15 3.85 0.9 1.35 1.65 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
1) Maximum test duration 2ms, one output loaded at time 2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
5/13
74AC163
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 , Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 3.3 5.0
(*)
Value TA = 25C Min. Typ. 7.0 5.0 8.0 6.0 5.5 4.0 2.0 2.0 2.0 2.0 2.0 1.5 -1.5 -1.0 1.0 1.0 -0.5 -0.3 3.0 2.5 -2.5 -1.5 3.0 2.0 -2.0 -1.5 70 110 200 200 Max. 12.0 9.0 14.0 10.5 9.5 6.5 4.5 4.0 3.0 2.5 4.0 3.0 -0.5 0.5 3.0 3.5 0.5 0.5 5.0 6.0 -1.0 0 6.0 4.0 -0.5 0 60 95 -40 to 85C Min. Max. 13.0 9.5 15.0 11.5 11.0 7.5 7.5 4.5 3.5 3.0 5.0 4.0 0 1.0 4.0 4.5 1.0 1.0 8.0 7.0 -0.5 0.5 7.0 5.0 0 0.5 60 95 -55 to 125C Min. Max. 13.0 9.5 15.0 11.5 11.0 7.5 7.5 4.5 3.5 3.0 5.0 4.0 0 1.0 4.0 4.5 1.0 1.0 8.0 7.0 -0.5 0.5 7.0 5.0 0 0.5 ns ns ns ns ns ns ns ns ns ns ns ns ns Unit
tPLH tPHL Propagation Delay Time CLOCK to Q tPLH tPHL Propagation Delay Time CLOCK to CARRY OUT tPLH tPHL Propagation Delay Time TE to CARRY OUT tW CK pulse Width, (Count) HIGH or LOW tW CK pulse Width, (Load) HIGH or LOW ts Setup Time HIGH or LOW (INPUT to CLOCK) tn Hold Time HIGH or LOW (INPUT to CLOCK) ts Setup Time HIGH or LOW (CLEAR to CLOCK) th Hold Time HIGH or LOW (CLEAR to CLOCK) ts Setup Time HIGH or LOW ( LOAD to CLOCK) th Hold Time HIGH or LOW (LOAD to CLOCK) ts Setup Time HIGH or LOW (PE or TE to CLOCK) th Hold Time HIGH or LOW (PE or TE to CLOCK) fMAX Maximum Clock Frequency
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5.0V 0.5V
(**)
3.3(*) 5.0(**) 3.3(*) 5.0(**) 3.3(*) 5.0(**) 3.3(*) 5.0(**) 3.3(*) 5.0
(**)
3.3(*) 5.0(**) 3.3(*) 5.0
(**)
3.3(*) 5.0(**) 3.3(*) 5.0(**) 3.3(*) 5.0(**) 3.3(*) 5.0(**) 3.3(*) 5.0
(**)
3.3(*) 5.0(**)
MHz
6/13
74AC163
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 fIN = 10MHz 37 pF TA = 25C Min. Typ. 4.5 Max. Value -40 to 85C Min. Max. -55 to 125C Min. Max. pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x f IN + ICC/n (per circuit)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
WAVEFORM 1: PROPAGATION DELAYS, COUNT MODE (f=1MHz; 50% duty cycle)
7/13
74AC163
WAVEFORM 2: PROPAGATION DELAYS CLEAR MODE (f=1MHz; 50% duty cycle)
WAVEFORM 3: PROPAGATION DELAYS PRESET MODE (f=1MHz; 50% duty cycle)
8/13
74AC163
WAVEFORM 4: PROPAGATION DELAYS COUNTABLE MODE (f=1MHz; 50% duty cycle)
WAVEFORM 5: PROPAGATION DELAYS CASCADE MODE (f=1MHz; 50% duty cycle)
9/13
74AC163
Plastic DIP-16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
10/13
74AC163
SO-16 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
11/13
74AC163
TSSOP16 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.19 0.09 4.9 6.25 4.3 5 6.4 4.4 0.65 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.30 0.20 5.1 6.5 4.48 0.002 0.335 0.0075 0.0035 0.193 0.246 0.169 0.197 0.252 0.173 0.0256 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.0118 0.0079 0.201 0.256 0.176
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
12/13
74AC163
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
13/13


▲Up To Search▲   

 
Price & Availability of 74AC16301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X