Part Number Hot Search : 
GP210 RN740 27M21 7805LS T5000780 5ETTTS SMAJ220A GBU410C
Product Description
Full Text Search
 

To Download 6AM14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6AM14
Silicon N-Channel/P-Channel Power MOS FET Array
Application
High speed power switching
Features
* * * * Low on-resistance Low drive current High speed switching High density mounting
Outline
6AM14
Absolute Maximum Ratings (Ta = 25C)
Ratings Item Drain to source voltage Gate to source voltage Drain current Drain peak current Reverse drain current Channel dissipation Channel dissipation Channel temperature Storage temperature Notes: 1. PW 10 s, duty cycle 1% 2. Value at 6 Drive operation Symbol VDSS VGSS ID ID(pulse)*1 IDR Pch*2 Pch*2 Tch Tstg Nch 60 20 7 28 7 42 4.8 150 -55 to +150 Pch -60 20 -7 -28 -7 Unit V V A A A W W C C
2
6AM14
Electrical Characteristics N Channel (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Symbol Min Typ -- -- -- -- -- 0.14 Max -- -- 10 250 1.5 0.2 Unit V V A A V Test conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = 50 V, VGS = 0 VDS = 10 V, ID = 1 mA ID = 4 A VGS = 4 V*1 -- 0.22 0.5 ID = 2 A VGS = 2.5 V*1 Forward transfer admittance |yfs| 4.0 6.5 -- S ID = 4 A VDS = 10 V*1 Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time Note: 1. Pulse Test Ciss Coss Crss td(on) tr td(off) tf VDF trr -- -- -- -- -- -- -- -- -- 500 240 30 15 90 110 250 1.0 170 -- -- -- -- -- -- -- -- -- pF pF pF ns ns ns ns V ns IF = 7 A, VGS = 0 IF = 7 A, VGS = 0 diF/dt = 50 A/s VDS = 10 V VGS = 0 f = 1 MHz VGS = 10 V, ID = 4 A RL = 7.5
V(BR)DS 60 S V(BR)GS 20 S IGSS -- --
Zero gate voltage drain current IDSS Gate to source cutoff voltage Static drain to source on state resistance
VGS(off) 0.5 RDS(on) --
3
6AM14
Electrical Characteristics P Channel (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Symbol Min Typ -- -- -- -- -- 0.12 Max -- -- 10 -250 -1.5 0.16 Unit V V A A V Test conditions ID = -10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = -50 V, VGS = 0 VDS = -10 V, ID = -1 mA ID = -4 A VGS = -4 V*1 -- 0.16 0.3 ID = -2 A VGS = -2.5 V*1 Forward transfer admittance |yfs| 5.0 8.0 -- S ID = -4 A VDS = -10 V*1 Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time Note: 1. Pulse Test Ciss Coss Crss td(on) tr td(off) tf VDF trr -- -- -- -- -- -- -- -- -- 1450 590 120 15 75 240 180 -1.0 210 -- -- -- -- -- -- -- -- -- pF pF pF ns ns ns ns V ns IF = -7 A, VGS = 0 IF = -7 A, VGS = 0 diF/dt = 50 A/s VDS = -10 V VGS = 0 f = 1 MHz VGS = -10 V, ID = -4 A RL = 7.5
V(BR)DS -60 S V(BR)GS 20 S IGSS -- --
Zero gate voltage drain current IDSS Gate to source cutoff voltage Static drain to source on state resistance
VGS(off) -0.5 RDS(on) --
4
6AM14
5
6AM14
6
6AM14
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
7


▲Up To Search▲   

 
Price & Availability of 6AM14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X