|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LAN * Low profile 10Base-T Single Port Module 6814 * Operating temperature 0 to 70C * 2000Vrms isolation Designed for use with the following devices: Level One . . . . . . . . . LXT901, LXT907, LXT914 Texas Instruments . . . TNETE 2004 Mechanical and Schematic (All dimensions in inches) SUGGESTED PAD LAYOUT SCHEMATIC ELECTRICAL SPECIFICATION @ 25C 6814 11/07/01 Part Number L ( H MIN) Insertion Loss (dB MAX) 1MHz - 10 MHz Return Loss (dB MIN) 1MHz - 10MHz -15 Crosstalk (dB MIN) 1MHz - 10 MHz -40 Common to Common Mode Rejection (dB MIN) 10MHz - 30MHz -40 30MHz - 100MHz -30 ISSUE: A 6814 110 -1.0 An ISO 9001 Registered Company 229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3 Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com |
Price & Availability of 6814 |