Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
 

To Download 672-1175M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fax-on-Demand: 86-22-24207687 / 25-471-1126 Tel-on-Demand: 86-22-24207688 / 25-471-1136 Before ordering check with factory for most current data
672-1175M
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Features
* * * * * * 1025 - 1150 MHz 50 VOLTS INTERNAL INPUT/OUTPUT MATCHING POUT = 175 WATTS GP = 7.7 dB MINIMUM COMMON BASE CONFIGURATION
DESCRIPTION:
The 672-1175M is a NPN bipolar transistor specifically designed for high peak pulse power applications such as DME/TACAN. This device is capable of withstanding a minimum 20:1 load VSWR at any phase angle under full rated conditions. Internal impedance matching provides consistent broadband performance.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25 C)
Symbol
PDISS IC VCC TJ T STG Power Dissipation Device Current Collector-Supply Voltage* Junction Temperature Storage Temperature
Parameter
400 12 55 200 -65 to +200
Value
Unit
W A V C C
Thermal Data
RTH(J-C) Thermal Resistance Junction-case 0.3 C/W
Fax-on-Demand: 86-22-24207687 / 25-471-1126 Tel-on-Demand: 86-22-24207688 / 25-471-1136 Before ordering check with factory for most current data
672-1175M
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
ELECTRICAL SPECIFICATIONS (Tcase = 25 C)
STATIC
Symbol
BVCBO BVEBO BVCER ICES HFE IC = 10 mA IE = 1 mA IC = 15 mA VCE = 50 V VCE = 5 V
Test Conditions Min.
IE = 0 mA IC = 0 mA RBE = 10 IC = 1 A 65 3.5 65 --15
Value Typ.
-----------
Max.
------12.5 120
Unit
V V V mA ---
DYNAMIC
Symbol
POUT C GP Condition s
Test Conditions Min.
f = 1025 - 1150 MHz f = 1025 - 1150 MHz f = 1025 - 1150 MHz Pulse Width = 10uS PIN = 30 W PIN = 30 W PIN = 30 W Duty Cycle = 1% VCC = 50 V VCC = 50 V VCC = 50 V 175 40 7.7
Value Typ.
-------
Max.
-------
Unit
W % dB
IMPEDANCE DATA
FREQ 1025 MHz 1090 MHz 1150 MHz VCC = 50V PIN = 30W ZIN ( ) 2.3 + j5.1 2.0 + j4.5 2.2 + j3.3 ZCL ( ) 2.4 - j4.2 2.0 - j3.5 2.5 - j2.5
Fax-on-Demand: 86-22-24207687 / 25-471-1126 Tel-on-Demand: 86-22-24207688 / 25-471-1136 Before ordering check with factory for most current data
672-1175M
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PACKAGE MECHANICAL DATA


▲Up To Search▲   

 
Price & Availability of 672-1175M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X