Part Number Hot Search : 
ON0810 OA172S 683M25 YNF16 SS25A RLPBF MTH800 BC807
Product Description
Full Text Search
 

To Download 67060-101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 67060
SLOTTED OPTICAL INTERRUPTER PROTON AND TOTAL DOSE TOLERANT
Mii
OPTOELECTRONIC PRODUCTS DIVISION
Rev - 11/4/02
Features: * * * Non-contact switching 0.130" wide slot 0.300" lead spacing
Applications: * * * Position sensing Open sensing Rotation sensing
DESCRIPTION The 67060 consists of GaAlAs light emitting diode and an NPN silicon phototransistor in hermetic coaxial packages, mounted in a plastic housing on opposite sides of a 0.125" wide slot. Phototransistor switching takes place whenever an opaque object passes through the slot. The components are available screened in accordance with MIL-PRF-19500. Available with single or dual mounting flange(s). ABSOLUTE MAXIMUM RATINGS Continuous Forward Current ..............................................................................................................................................100 mA Reverse Voltage ........................................................................................................................................................................3 V LED Power Dissipation ..................................................................................................................................................100 mW 1/ Continuous Forward LED Current .........................................................................................................................................40mA Collector - Emitter Voltage ......................................................................................................................................................30 V Emitter - Collector Voltage ........................................................................................................................................................5 V Power Dissipation ..........................................................................................................................................................100 mW 1/ Storage Temperature.......................................................................................................................................... -55C to + 100C Operating Temperature ...................................................................................................................................... -55C to + 100C Lead Soldering Temperature (1/16 inch from case - 5 seconds)........................................................................................ 240C Notes: (1) Derate linearly @ 1.33 mW/C for TA > 25C.
Package Dimensions
Schematic Diagram
0.484 [0.48] _ E + S 0.250 [0.25]
0.484 [0.48] 0.177 [0.18] 0.425 [0.43]
0.130 [0.13]
A
0.125 [0.13]
C
0.348 [0.35] OPTICAL CENTER LINE
K
0.100 [0.10]
E
0.300 [0.30]
K A E C
NOTE: ALL LINEAR DIMENSIONS ARE IN INCHES (MILLIMETERS)
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut Str., Garland, TX 75040 * (972)272-3571 * Fax (972)487-6918 www.micropac.com E-MAIL: OPTOSALES @ MICROPAC.COM
9-4
67060
Rev - 11/4/02
SLOTTED OPTICAL INTERRUPTER
OPTICAL/ELECTRICAL CHARACTERISTICS At 25C unless otherwise specified.
PARAMETER
Input Diode Forward Voltage Input Diode Reverse Current
SYMBOL
VF IR
MIN
TYP
MAX
2.0 100
UNITS
V A
TEST CONDITIONS
IF = 10mA VR = 3V
OUTPUT PHOTOTRANSISTOR
At 25C unless otherwise specified.
PARAMETER
Collector - Emitter Breakdown Voltage Emitter - Collector Breakdown Voltage Collector - Emitter Dark Current
SYMBOL
V(BR)CEO V(BR)ECO
ICEO
MIN
30 5
TYP
MAX
UNITS
V V
TEST CONDITIONS
IC = 1 mA IE = 100A
VCE = 10V
100
nA
COUPLED CHARACTERISTICS
At 25C unless otherwise specified.
PARAMETER
Collector - Emitter Saturation Voltage Collector Current
SYMBOL
VCE(SAT) IC(ON)
MIN
4
TYP
MAX
0.40
UNITS
V mA
TEST CONDITIONS
IC = 2 mA, IF = 20mA
VCE = 5V, IF = 20mA
SELECTION GUIDE
PART # 67060-001 67060-101 PART DESCRIPTION Commercial Screened
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut Str., Garland, TX 75040 * (972)272-3571 * Fax (972)487-6918 www.micropac.com E-MAIL: OPTOSALES @ MICROPAC.COM
9-5


▲Up To Search▲   

 
Price & Availability of 67060-101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X