Part Number Hot Search : 
LP530 MLX10410 2SC5695 SC56H MAX1610 HER156 BP5841 SI1012CR
Product Description
Full Text Search
 

To Download 67013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 67013
SLOTTED OPTICAL INTERRUPTER
Mii
OPTOELECTRONIC PRODUCTS DIVISION
Features: * * * Non-contact switching 0.130" wide slot 0.300" lead spacing
Applications: * * * Position sensing Open sensing Rotation sensing
DESCRIPTION The 67013 consists of an infrared emitting diode and an NPN silicon phototransistor mounted in a plastic housing on opposite sides of a 0.125" wide slot. Phototransistor switching takes place whenever an opaque object passes through the slot. The components are available screened in accordance with MIL-PRF-19500. Also available with mounting flange. ABSOLUTE MAXIMUM RATINGS Continuous Forward Current.............................................................................................................................................. 100 mA Reverse Voltage........................................................................................................................................................................ 3 V LED Power Dissipation ................................................................................................................................................. 100 mW 1/ Collector - Emitter Voltage ..................................................................................................................................................... 30 V Emitter - Collector Voltage ....................................................................................................................................................... 5 V Power Dissipation ......................................................................................................................................................... 100 mW 1/ Storage Temperature .......................................................................................................................................... -55C to + 100C Operating Temperature....................................................................................................................................... -55C to + 100C Lead Soldering Temperature (1/16 inch from case - 5 seconds)........................................................................................240C Notes: (1) Derate linearly @ 1.33 mW/C for TA > 25C.
Package Dimensions
Schematic Diagram
0.484 [0.48] _ E + S 0.250 [0.25]
0.484 [0.48] 0.177 [0.18] 0.425 [0.43]
0.130 [0.13]
A
0.125 [0.13]
0.348 [0.35] OPTICAL CENTER LINE
K
0.100 [0.10]
0.300 [0.30]
K A E C
NOTE: ALL LINEAR DIMENSIONS ARE IN INCHES (MILLIMETERS)
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut Str., Garland, TX 75040 * (972)272-3571 * Fax (972)487-6918 www.micropac.com E-MAIL: OPTOSALES @ MICROPAC.COM
67013
OPTICAL/ELECTRICAL CHARACTERISTICS At 25C unless otherwise specified. PARAMETER SYMBOL
Input Diode Forward Voltage Input Diode Reverse Current VF IR
SLOTTED OPTICAL INTERRUPTER
MIN
TYP
MAX
1.7 100
UNITS
V mA
TEST CONDITIONS
IF = 20mA VR = 3V
OUTPUT PHOTOTRANSISTOR
At 25C unless otherwise specified. PARAMETER
Collector - Emitter Breakdown Voltage Emitter - Collector Breakdown Voltage Collector - Emitter Dark Current
SYMBOL
V(BR)CEO V(BR)ECO
ICEO
MIN
30 5
TYP
MAX
UNITS
V V
TEST CONDITIONS
IC = 1 mA IE = 100A
VCE = 10V
100
nA
COUPLED CHARACTERISTICS
At 25C unless otherwise specified. PARAMETER
Collector - Emitter Saturation Voltage Collector Current -001 Commercial -101 with 100% screening
SYMBOL
VCE(SAT) IC(ON)
MIN
4
TYP
MAX
0.40
UNITS
V mA
TEST CONDITIONS
IC = 2 mA, IF = 20mA
VCE = 5V, IF = 20mA
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E.Walnut Str., Garland, TX 75040 * (972)272-3571 * Fax (972)487-6918 www.micropac.com E-MAIL: OPTOSALES @ MICROPAC.COM


▲Up To Search▲   

 
Price & Availability of 67013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X