Part Number Hot Search : 
60506 200MW SCG102A 93A915 MCF54 EMW576P 05583 2SC57
Product Description
Full Text Search
 

To Download 63MBZ820M8X115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
MBZ
MBZ
SERIES
105C Ultra Low ESR. FEATURES
* Ultra Low ESR for VRM. * Enabled high ripple current by a reduction of ESR at high frequency range.
SPECIFICATIONS
Items Category Temperature Range Rated Voltage Range Capacitance Tolerance Characteristics -40~+105C 6.3~16V.DC 20%(20C,120Hz)
Leakage Current(MAX)
I=0.03CV (After 3 minutes application of rated voltage) I=Leakage Current(A)
Rated Voltage (V)
tan
C=Rated Capacitance(F) (20C,120Hz)
V=Rated Voltage(V)
6.3
10
16
Dissipation Factor(MAX)
0.22 0.19 0.16
When rated capacitance is over 1000F, tan shall be added 0.02 to the listed value with increase of every 1000F. After applying rated voltage with rated ripple current for 2000hrs at 105C, the capacitors shall meet the following requirements. Endurance
Capacitance Change Dissipation Factor Leakage Current Within 25% of the initial value. Not more than 200% of the specified value. Not more than the specified value.
Low Temperature Stability Impedance Ratio(MAX)
Rated Voltage (V)
Z(-25C)/Z(20C) Z(-40C)/Z(20C)
6.3 2 3
10 2 3
16 2 3
(120Hz)
MULTIPLIER FOR RIPPLE CURRENT
Frequency coefficient
Frequency
(Hz)
Coefficient
120 0.50
1k 0.80
10k 0.90
100k < = 1.00
PART NUMBER
MBZ
Rated Voltage Series Rated Capacitance Capacitance Tolerance Option Lead Forming
DxL
Case Size
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
DIMENSIONS
MBZ
(mm)
SLEEVE
d 0.5
D d F
8 0.6 3.5
10
F
5.0
L+MAX
15MIN
4MIN
D+0.5MAX
L < 16 :=1.5 = L > 20 :=2.0 =
STANDARD SIZE
Rated voltage 6.3V(0J) Rated capacitance (F) 820 1200 1800 1500 1800 2200 3300
Size
DxL (mm) 8X11.5 8X16 8X20 10X12.5 10X16 10X20 10X23
Rated ripple current (mA r.m.s./105C, 100kHz) 1140 1490 1870 1540 2000 2550 2800
ESR (mMAX/20C, 100kHz) 36 28 19 26 19 13 12
Rated voltage 10V(1A) Rated capacitance (F) 680 1000 1500 1000 1500 1800 2200
Size
DxL (mm) 8X11.5 8X16 8X20 10X12.5 10X16 10X20 10X23
Rated ripple current (mA r.m.s./105C, 100kHz) 1140 1490 1870 1540 2000 2550 2800
ESR (mMAX/20C, 100kHz) 36 28 19 26 19 13 12
Rated voltage 16V(1C) Rated capacitance (F) 470 680 1000 680 1000 1500 1800
Size
DxL (mm) 8X11.5 8X16 8X20 10X12.5 10X16 10X20 10X23
Rated ripple current (mA r.m.s./105C, 100kHz) 1140 1490 1870 1540 2000 2550 2800
ESR (mMAX/20C, 100kHz) 36 28 19 26 19 13 12


▲Up To Search▲   

 
Price & Availability of 63MBZ820M8X115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X