Part Number Hot Search : 
1N5267B EL6211 00102 NJU6392B IRFR120 C16LF 100G3 SI4947A
Product Description
Full Text Search
 

To Download 63CPQ100PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20797 rev. A 11/06
63CPQ100PBF
SCHOTTKY RECTIFIER 60 Amp
IF(AV) = 60Amp VR = 100V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 30 Apk, TJ= 125C range
Description/ Features Units
A V A V The 63CPQ100PBF center tap Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Center tap TO-247 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
60 100 2200 0.64
(per leg)
- 55 to 175
C
Case Styles
Base Common Cathode
2
1
3 2
Anode
1
Anode
2
Common Cathode
TO-247AC
www.irf.com
1
63CPQ100PBF
Bulletin PD-20797 rev. A 11/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
63CPQ100PBF
100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (Per Leg) (Per Device) * See Fig. 7
63CPQ Units
30 60 2200 410 15 1 A mJ A A
Conditions
50% duty cycle @ TC = 153C, rectangular wave form Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied 5s Sine or 3s Rect. pulse TJ = 25 C, IAS = 1 Amps, L = 30 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
63CPQ Units
0.77 0.92 0.64 0.76 0.3 25 0.38 5.75 1300 7.5 10000 V V V V mA mA V
mW
Conditions
@ 30A @ 60A @ 30A @ 60A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
pF nH
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
V/ s (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range to Case (Per Leg) * See Fig. 4 RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt Approximate Weight T Mounting Torque Case Style Marking Device Min. Max. 0.25 6 (0.21) 6 (5) 12 (10) 0.4 C/W DC operation
63CPQ Units
-55 to 175 -55 to 175 0.8 C C
Conditions
RthJC Max. Thermal Resistance Junction
C/W DC operation
C/W Mounting surface , smooth and greased g (oz.) Kg-cm (Ibf-in)
TO-247AC(TO-3P) JEDEC 63CPQ100
2
www.irf.com
63CPQ100PBF
Bulletin PD-20797 rev. A 11/06
1000
1000 100
Reverse Current - IR (mA)
T J = 175C 150C 125C 100C 75C
10 1 0.1 0.01 0.001 0
50C 25C
100
Instantaneous Forward Current - IF (A)
20
40
60
80
100
TJ = 175C TJ = 125C TJ = 25C
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
10000
Junction Capacitance - CT (pF)
10
T = 25C J
1000
1 0 0.3 0.6 0.9 1.2 Forward Voltage Drop - VFM (V) 1.5
100 0 20 40 60 80 100 120
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
Fig. 1 - Max. Forward Voltage Drop Characteristics
1
Thermal Impedance ZthJC (C/W)
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
PDM
0.1
t1 t2 Notes:
Single Pulse (Thermal Resistance)
1. Duty factor D = t1 / t2 2. Peak T J = P DM x Z thJC + T C
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance ZthJC Characteristics
www.irf.com
3
63CPQ100PBF
Bulletin PD-20797 rev. A 11/06
180
Allowable Case Temperature - (C)
30
Average Power Loss - (Watts)
170
DC
25 20 15 10 5 0 0
160 150 140 Square wave (D = 0.50)
80% Rated V applied R
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit DC
130
see note (2)
120 0 10 20 30 40 50
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
Non-Repetitive Surge Current - IFSM (A)
10
20
30
40
50
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics
10000
At Any Rated Load Condition And With Rated VRRM Applied Following Surge
1000
100 10
100
1000
10000
Square Wave Pulse Duration - tp (microsec) Fig. 7 - Max. Non-Repetitive Surge Current
L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F R = 25 ohm g
Vd = 25 Volt
CURR ENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
63CPQ100PBF
Bulletin PD-20797 rev. A 11/06
Outline Table
Conform to JEDEC outline TO-247AC (TO-3P) Dimensions in millimeters and (inches)
Marking Information
EXAMPLE: THIS IS A 63CPQ100 WITH ASSEMBLY LOT CODE 5657 ASSEMBLED ON WW 35, 2000 IN ASSEMBLY LINE "H"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
63CPQ100
P035H
56
57
DATE CODE P = LEAD-FREE YEAR 0 = 2000 WEEK 35 LINE H
www.irf.com
5
63CPQ100PBF
Bulletin PD-20797 rev. A 11/06
Ordering Information Table
Device Code
63
1
C
2
P
3
Q
4
100 PbF
5 6
1 2 3 4 5 6
-
Current Rating (60A) Circuit Configuration C = Common Cathode Package P = TO-247 Schottky "Q" Series Voltage Code none = Standard Production PbF = Lead-Free Tube Standard Pack Quantity : 25 pieces
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 11/06
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 63CPQ100PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X