Part Number Hot Search : 
SHIELD BX3032 BA5417 15881 574MT BAS125 Y14B2 SW260
Product Description
Full Text Search
 

To Download 6163R5KT5L10XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 6143, 6163
7/8" Diameter Single Turn Conductive Plastic Precision Potentiometer / Position Sensor
MODEL STYLES
2
6143 6163
ELECTRICAL
1/8" Shaft, Bronze Sleeve Bearing 1/8" Shaft, Ball Bearing
Resistance Range, Ohms Standard Resistance Tolerance Minimum Practical Resistance Tolerance Independent Linearity* Minimum Practical Independent Linearity Input Voltage, Maximum Power Rating, Watts Dielectric Strength Insulation Resistance, Minimum Output Smoothness, Maximum Actual Electrical Travel, Nominal Electrical Continuity Travel, Minimum End Voltage, Maximum Resolution Temperature Coefficient**
Specifications subject to change without notice. * Linearity is measured between 1% and 99% of input voltage. ** Special tempco available to 100ppm/C.
1K to 100K 10% 5% 1.0% 0.5% 400Vdc not to exceed power rating 1.0 at 70C derating to 0 at 125C 750V rms 1,000 Megohms 0.1% 340 350 0.5% of Input Voltage Essentially infinite -800 ppm/C
2-59
Model 6143, 6163
ENVIRONMENTAL (MIL-R-39023)
Operating Temperature Range Temperature Cycling Shock, 6ms Sawtooth Vibration Moisture Resistance High Temperature Exposure Rotational Life Rotational Load Life
MECHANICAL
Static: -65C to +125C Dynamic: -40C to +125C 5 cycles, -65C to +125C (10% R) 100G's (0.1ms discontinuity max.) 10G's, 10 to 500 Hz (2% R, 0.1ms discontinuity max.) Five 24 hour cycles (10% R) 1,000 hours at 125C (0.5% R) 6143: 6163: 10 mil. shaft rev. 25 mil. shaft rev. 5 mil. shaft rev. at rated wattage at 70C (10% R)
Total Mechanical Travel Number of Gangs, Maximum Weight, Nominal Shaft Runout, T.I.R., Maximum Pilot Diameter Runout, T.I.R., Maximum Lateral Runout, T.I.R., Maximum Shaft Radial Play, Maximum Start/Run Torque, Maximum Bearing Type
STANDARD RESISTANCE VALUES, OHMS
6143 .003" .005" .005" .005" 0.6 oz.-in. Bronze Sleeve Bearing
360 continuous 1 0.46 oz. 6163 .003" .003" .003" .005" 0.5 oz.-in. Ball Bearing
1K
2K
5K
10K
20K
50K
METRIC CONVERSIONS
1 in. 1 oz.
25.4 mm 28.4 gm
1 oz.-in. 1 lb.-in.
0,007 N-m 0,113 N-m
2-60
Model 6143, 6163
OUTLINE DIMENSIONS (Inch/mm)
Mounting Surface .595.015 15.10.38 .500 12.7 Max. .500.031 12.70.79 Adjustment Slot (Optional) .032.005 .032.005 Deep Wide x 0.810.13 0.810.13
2
455 Typ.
CW
CCW
.840.005 Dia. 21.30.13
+.0000 -.0005 Dia. +0.0000 19.050 -0.0127 .7500
.875.005 Dia. 22.20.13
Slider .187.015 R. 4.750.38
.750.005 Dia. 19.10.13 .062.005 1.580.13 .062.005 1.580.13 .062.005 1.580.13
Chamfer
.010.005 Max. x 45 0.250.13
+.0000 .1248 -.0003 Dia. +0.000 3.170 -0.008
2-61
Model 6143, 6163
SPECIAL FEATURES
Linearity Tape Flatted Shaft Slotted Shaft
ORDERING INFORMATION
LT FS SS
2
6163 Model Series 6143 - Bronze Sleeve Bearing 6163 - Ball Bearing Resistance Prefix Resistance Value
R
10K
T5
L 1.0
XX Optional Special Feature Code Linearity Optional Non-Standard Tolerance
CIRCUIT DIAGRAM
NOTES
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only.
(S) (CCW) (CW)
INCH mm
Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
2-62
Model 6143, 6163


▲Up To Search▲   

 
Price & Availability of 6163R5KT5L10XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X