Part Number Hot Search : 
12D05 CT258C1 MB90333A RC05XXXX SN7002W 5EX103K8 MX7542AD 2412M
Product Description
Full Text Search
 

To Download 61385KL10XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 6130 SERIES
Low Profile 7/8" Diameter Single Turn Conductive Plastic Bronze Bearing Position Sensor RoHS Compliant Precision Potentiometer
MODEL STYLES
6137 6138 (For heavy side load applications) Special features and tolerances available on request 1/4" Shaft, 3/8" Bushing 1/4" Shaft, 3/8" Bushing
ELECTRICAL1
Resistance Range, Ohms Standard Resistance Tolerance Independent Linearity
2
1K to 100K 20% 1% (2% for values greater than 20K Ohms) 400 Vdc, not to exceed power rating 1.0 @ 70C, derating to 0 @ 125C 750 V rms 1,000 Megohms 0.1% 340 (300 with stop feature) 3 350 (343 with stop feature) 3 0.5% of input voltage Essentially Infinite
Input Voltage, Maximum Power Rating, Watts Dielectric Strength Insulation Resistance, Minimum Output Smoothness, Maximum Actual Electrical Travel, Nominal Electrical Continuity Travel, Nominal End Voltage, Maximum Resolution
1 2
Specifications subject to change without notice. Linearity is measured between 1% and 99% of input voltage.
BI Technologies Corporation 4200 Bonita Place Fullerton, CA 92835 USA Website: www.bitechnologies.com
July 25, 2006 page 1 of 3
BI technologies
MODEL 6130 SERIES
MECHANICAL
Total Mechanical Travel Weight, Nominal Backlash, Maximum Static Stop Strength, Maximum Panel Nut Tightening Torque, Maximum Start/Run Torque, Maximum Construction Hazardous Materials 360 Continuous (343 with stop feature) .6 oz 1 40 in.-oz. 15 in. lb. 0.5 in. oz. zinc die cast housing, stainless steel shaft, bronze bearing Pb free, RoHS compliant
(MILENVIRONMENTAL (MIL-R-39023)
Operating Temperature Range Temperature Cycling (Static) 5 cycles, -40C to +125C Shock, 6 ms Sawtooth 100G's Vibration, 10G's, 100 to 500 Hz Moisture Resistance, Five 24 hour cycles Rotational Life (6137) Rotational Life (6138) -40C to +125C 15% R max. 0.1 ms discontinuity max. 5% R max., 0.1 ms discontinuity max. 25% R max. 5 million shaft rev. 10 million shaft rev.
ORDERING INFORMATION3
6137 R10K L1.0 XX L1.0
Model Series Resistance Value All units are Pb free and RoHS compliant Optional Special Feature Code Linearity
CODES SPECIAL FEATURE CODES
Center Tap Stop Flatted Shaft (Slotted Shaft is Standard) CT ST FS
STANDARD RESISTANCE VALUES, OHMS
1K 2K 5K 10K 20K 50K 100K
3
Contact our customer service for custom designs and features.
BI Technologies Corporation 4200 Bonita Place Fullerton, CA 92835 USA Website: www.bitechnologies.com
July 25, 2006 page 2 of 3
BI technologies
MODEL 6130 SERIES
OUTLINE DRAWING
CIRCUIT DIAGRAM
BI Technologies Corporation 4200 Bonita Place Fullerton, CA 92835 USA Website: www.bitechnologies.com
July 25, 2006 page 3 of 3
BI technologies


▲Up To Search▲   

 
Price & Availability of 61385KL10XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X