Part Number Hot Search : 
7620I 2374A LT121 N4744 PW60R045 T24C0 8HC05 30405
Product Description
Full Text Search
 

To Download 61095 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 61095
GENERAL PURPOSE PNP TRANSISTOR (2N2907A)
Mii
OPTOELECTRONIC PRODUCTS DIVISION
Features: * * * * TO-18 style package Rugged package - able to withstand high acceleration load Hermetically sealed Mil-S-19500 screening available
Applications: * * * * Analog switches Digital switches Signal Conditioning Amplifiers
DESCRIPTION The 2N2907A is a hermetically sealed metal can general purpose switching transistor.
ABSOLUTE MAXIMUM RATINGS Collector-Base Voltage ...............................................................................................................................................................60V Collector-Emitter Voltage............................................................................................................................................................60V Emitter-Base Voltage....................................................................................................................................................................5V Collector Current-Continuous ............................................................................................................................................... 600mA Operating Temperature ........................................................................................................................................ -65C to +200C Storage Temperature............................................................................................................................................. -65C to +200C Maximum Junction Temperature ...........................................................................................................................................200C Power Dissipation @ TA = 25C ............................................................................................................................................ 0.4W 1/ Soldering Temperature (vapor phase reflow for 30 seconds) ...............................................................................................215C Note: 1. Derate linearly @ 2.28 mw/C for TA > 25C. Package Dimensions Schematic Diagram
COLLECTOR BASE
2 3
O0.100 [O2.54]
3
1
0.048 [1.22] 0.028 [0.71]
45
C
EMITTER
[1.17] 0.046 [0.91] 0.036
1
E
0.230O (5.84) 0.209O (5.31)
0.195O (4.95) 0.178O (4.52) 0.030 [0.76)] MAX 0.500O ([12.70] MAX
0.750O [19.05] MIN
3 LEADS
2
0.021O [0.53] 0.016O [0.41]
B
0.210 [5.33] 0.170 [4.32]
DIMENSIONS ARE IN INCHES (MILLIMETERS)
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
8 - 10
61095
GENERAL PURPOSE PNP TRANSISTOR (2N2907A)
OPTICAL/ELECTRICAL CHARACTERISTICS
TA = 25C unless otherwise specified.
PARAMETER
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Base Cutoff Current
SYMBOL
V(BR)CBO V(BR)CBO V(BR)CBO ICBO
MIN
60 60 5.0
MAX
UNITS
V V V
TEST CONDITIONS
IC = 10A, IE = 0 IC = 10mA, IB = 0 2/ IE = 10A, IC = 0 VCB = 50V, IE = 0 VCB = 50V, IE = 0, TA = 150C VCE = 30V VEB = 3.5V, IC = 0 VCE = 10V, IC = 0.1mA VCE = 10V, IC = 1.0mA VCE = 10V, IC = 10mA VCE = 10V, IC = 150mA VCE = 10V, IC = 500mA VCE = 10V, IC = 1.0mA @ -55C
NOTE
10 10
nA
A
Collector-Emitter Cutoff Current Emitter-Base Cutoff Current
ICES IEBO hfe1
75 100 100 100 50 50
50 50
nA nA
450 300 -
Forward-Current transfer Ratio
1 1
Collector-Emitter Saturation Voltage
VCE (SAT)
0.40 1.60
V V V V
IC = 150mA, IB = 15mA IC = 500 mA, IB = 50mA IC = 150mA, IB = 15mA IC = 500mA, IB = 50mA
1 1 1 1
Base-Emitter Saturation Voltage
VBE (SAT)
1.30 2.60
SMALL-SIGNAL CHARACTERISTICS
Small Signal Forward Current Transfer Ratio Small Signal Forward Current Transfer Ratio Open Circuit Output Capacitance Input Capacitance (Output Open Capacitance) Turn-On Time Turn-Off Time NOTES: 1. Pulse width < 300s, duty cycle < 2.0%.
hfe hfe COBO CIBO ton toff
100 2.0 8.0 30 45 300
pF pF ns ns
VCE = 10V, IC = 1mA, f = 1kHz VCE = 20V, IC = 50mA, f =100kHz VCB = 10V, 100kHz, < f < 1 MHz VEB = 2.0V, 100kHz, < f < 1 MHz VCC = 30V, IC = 150mA, IB1 = 15mA VCC = 30V, I C = 150mA, IB1 = IB2 = 15mA
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
8 -11


▲Up To Search▲   

 
Price & Availability of 61095

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X