Part Number Hot Search : 
LS152 035W4 00268 BTLV3 BUL52B ST211 LTL2P 74AC2
Product Description
Full Text Search
 

To Download 61084-300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 61084
SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR (2N2222AUA)
Mii
OPTOELECTRONIC PRODUCTS DIVISION
Features: * * * * Hermetically sealed Miniature package to minimize circuit board area Ceramic surface mount package MIL-PRF-19500 screening available
Applications * * * * Analog switches Signal conditioning Small signal amplifiers High density packaging
DESCRIPTION The 61084 is a hermetically sealed ceramic surface mount general purpose switching transistor. This miniature ceramic package is ideal for designs where board space and device weight are important requirements. This device is available custom binned to customer specifications or screened to MIL-PRF-19500. ABSOLUTE MAXIMUM RATINGS Collector-Base Voltage ........................................................................................................................................................... 75V Collector-Emitter Voltage........................................................................................................................................................ 50V Emitter-Collector Voltage.......................................................................................................................................................... 6V Continuous Collector Current ............................................................................................................................................800mA Power Dissipation (Derate at the rate of 3.33 mW/C above 25C) ...............................................................................500mW Maximum Junction Temperature...................................................................................................................................... +200C Operating Temperature (See part selection guide for actual operating temperature) ......................................-65C to +200C Storage Temperature......................................................................................................................................... -65C to +200C Lead Soldering Temperature (vapor phase reflow for 30 seconds) ................................................................................. 215C Package Dimensions
0.225 [5.72] 0.215 [5.46]
Schematic Diagram
1
0.075 [1.91] 0.061 [1.55] 0.155 [1.40] 0.145 [3.68]
C
PIN 1 IDENTIFIER
0.028 [0.17] 0.022 [0.56]
1 4
2 3
0.088 [2.24] 0.072 [1.83]
0.048 [1.22] 0.032 [0.81]
3 PL
0.055 [1.40] 0.045 [1.14]
B 3 2 E
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
8-4
61084
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Base Cutoff Current
SURFACE MOUNT NPN GENERAL PURPOSE TRANSISTOR (TYPE 2N2222AUA) UNITS
V V V 10 10 nA
A
ELECTRICAL CHARACTERISTICS TA = 25C unless otherwise specified. PARAMETER SYMBOL MIN MAX
BVCBO BVCEO BVEBO ICBO
75 50 6
TEST CONDITIONS
IC = 10A, IE = 0 IC = 10mA, IB = 0A IC = 0, IE = 10A VCB = 60V, IE = 0 VCB = 60V, IE = 0, TA = 150C VCE = 50V VEB = 4.0V, IC = 0 VCE = 10V, IC = 0.1mA VCE = 10V, IC = 1mA VCE = 10V, IC = 10mA VCE = 10V, IC = 150mA VCE = 10V, IC = 500mA VCE = 10V, IC = 1mA @ -55C
NOTE
Collector-Emitter Cutoff Current Emitter-Base Cutoff Current
ICES IEBO hfe1 hfe2
50 75 100 100 30 35
50 10
nA nA -
325
-
Forward-Current Transfer Ratio
hfe3 hfe4 hfe5 hfe6
300
-
1 1
Collector-Emitter Saturation Voltage
VCE (SAT)
0.30 1.0
V V V V
IC = 150mA, IB =15mA IC = 500, IB = 50mA IC = 150mA, IB = 15mA IC = 500mA, IE = 50mA
1 1 1 1
Base-Emitter Saturation Voltage
VBE (SAT)
0.6
1.20 2.0
SMALL-SIGNAL CHARACTERISTICS
Small Signal Forward Current Transfer Ratio Small Signal Forward Current Transfer Ratio Open Circuit Output Capacitance Input Capacitance (Output Open Capacitance) Turn-On Time Turn-Off Time NOTES: 1. Pulse width < 300s, duty cycle < 2.0%.
hfe hfe COBO CIBO ton toff
50 2.5 8 25 35 300
pF pF ns ns
VCE = 10V, IC = 1mA, f = 1kHz VCE = 20V, IC = 20mA, f = 100kHz VCB = 10V, 100kHz, < f < 1 MHz VEB = 0.5 V, 100kHz, < f < 1 MHz VCC = 30V, IC = 150mA, IB1 = 15mA VCC = 30V, IC = 150mA, IB1 = IB2 = 15mA
RECOMMENDED OPERATING CONDITIONS:
PARAMETER Bias Voltage-Collector/Emitter Collector-Emitter Voltage SYMBOL IC VCE MIN 10 5 MAX 150 20 UNITS mA V
SELECTION GUIDE
PART NUMBER 61084-001 61084-002 61084-101 61084-102 61084-300 PART DESCRIPTION 2N2222AUA PNP transistor, commercial version 2N2222AUA PNP transistor, JAN level screening 2N2222AUA PNP transistor, JANTX level screening 2N2222AUA PNP transistor, JANTXV level screening 2N2222AUA PNP transistor, JANS level screening
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
8-5


▲Up To Search▲   

 
Price & Availability of 61084-300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X