Part Number Hot Search : 
MP7686KN ENN8055 SBR10 STF16A60 SSM3K15 00BZXI P4SMA36A 2SA1634
Product Description
Full Text Search
 

To Download 60LQ100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -20505A
60LQ100
SCHOTTKY RECTIFIER 60 Amp
Major Ratings and Characteristics Characteristics IF(AV) Rectangular waveform VRRM IFSM @ tp = 8.3ms sine VF @ 60Apk, TJ = 125C (Per Leg) 60LQ100 60 Units A
Desciption/Features The 60LQ100 Schottky rectifier has been expressly designed to meet the rigorous requirements of hi -rel environments. It is packaged in the hermetic surface mount SMD-1 ceramic package and has extremely low reverse leakage at high temperature. Full MIL-PRF-19500 quality conformance testing is available on source control drawings to JANTX, JANTXV and S levels. Typical applications include switching power supplies and resonant power converters. * * * * Hermetically sealed Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability * Surface Mount * Lightweight
100 400 0.70
V A V
TJ, Tstg Operating and storage -55 to 150
C
CASE STYLE
3
3
IR Case Style SMD-1 Dimensions in millimeters and (inches)
CATHODE ANODE ANODE
www.irf.com
1
3/1/99
60LQ100
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
60LQ100 100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current See Fig. 5 I FSM Max. Peak One Cycle Non - Repetitive Surge Current 400 A
60LQ100 Units
60 A
Conditions
50% duty cycle @ TC = 102C, rectangular waveform @ tp = 8.3 ms sine
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop See Fig. 1 60LQ045 0.62 0.95 1.15 0.68 0.70 0.97 IRM CT LS Max. Reverse Leakage Current See Fig. 2 Max. Junction Capacitance Typical Series Inductance 0.8 45 1400 2.8
Units
V V V V V V mA mA pF nH @ 10A @ 60A @ 120A @ 10A @ 60A @ 120A
Conditions
TJ = 25C TJ = -55C TJ = 125C
TJ = 25C VR = rated VR TJ = 125C VR = 5V DC, ( 100KHz to 1MHz) 25C Measured from center of bond pad to end of anode bonding wire
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max.Junction Temperature Range Max. Storage Temperature Range to Case R thJC wt Max. Thermal Resistance, Junction to case Weight (Typical) Die Description (Square) Case Style Pulse Width < 300s, Duty Cycle < 2% Pins 2 and 3 externally tied together 2.6 0.20 SMD-1 g inches 0.50 C/W DC operation 60LQ100 -55 to 150 -55 to 150 1.0
Units
C C C/W
Conditions
R thJC Max. Thermal Resistance, Junction
DC operation
See Fig. 4
2
www.irf.com
60LQ100
100
Reverse Current - IR ( mA )
TJ = 150C
10
125C 100C
1
0.1
Instantaneous Forward Current - IF (A)
0.01
25C
0.001
0.0001 0 20 40 60 80 100
A
Reverse Voltage - VR (V)
150C
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
10000 T (pF)
Junction Capacitance - C
1000
TJ = 25C
100 0 20 40 60 80
A
100
Forward Voltage Drop - V FM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics
(C/W)
10
Reverse Voltage - V R(V)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
Thermal Impedance - Z
thJC
P
DM
1
D D D D D
0.1 0.0001
= 0.50 = 0.33 = 0.25 = 0.17 = 0.08 Single Pulse (Thermal Resistance)
0.001 0.01 0.1
t
1
t2 N otes: 1. D uty facto r D = t / t 12
2. P eak T = P xZ +T J DM thJ C C
1 10
A
t 1 , Rectangular Pulse Duration (Seconds)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics
www.irf.com
3
60LQ100
160
100
Allowable Case Temperature - (C)
Average Power Loss - (Watts)
140
60LQ100 R t h J C (DC) = 1.0C/W
80
120
60
D D D D D
= = = = =
0.08 0.17 0.25 0.33 0.50
DC
100
40 RMS Limit 20
DC
80
60 0 20 40 60 80 100
A
0 0 20 40 60 80 100
A
Average Forward Current - IF (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
Average Forward Current - IF (A) Fig. 6 - Forward Power Loss Characteristics
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 http://www.irf.com/ Data and specifications subject to change without notice. 3/99
4
www.irf.com


▲Up To Search▲   

 
Price & Availability of 60LQ100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X