Part Number Hot Search : 
LC864424 AD8015 ADC110TM CMD5D11 DQ2864H Z1117CM RF2045 LQ150X
Product Description
Full Text Search
 

To Download 5MTP800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 5MT / 5MTP
5MTD1005
5 x 20mm Glass Tube RoHS Compliant
Medium Blow Fuse Series
E5MTD1005A1
Catalog Number
RoHS Suffix
Ampere Rating
Typical Volt-drop Melting I2T Melting I2T Maximum Cold @100% In < 10 mSec @10 In Power Resistance Dissipation 2 Sec) 2 Sec) (ohm) (Volt) max. (A (A (W)
5MT (P) 100 5MT (P) 125 5MT (P) 160 5MT (P) 200 5MT (P) 250 5MT (P) 300 5MT (P) 375 5MT (P) 500 5MT (P) 600 5MT (P) 700 5MT (P) 750
Type Amp range / Volt @ I.R.ability
5MT / 5MTP 100mA. - 800mA / 250V AC@ 35A 1A. - 3A / 250V AC@ 100A 100mA - 5A / 125V AC@ 10,000A 1A. - 5A / 125V AC@ 500A >5A. - 15A /125V AC@ 300A
-R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R
100mA 125mA 160mA 200mA 250mA 300mA 375mA 500mA 600mA 700mA 750mA 800mA 1A 1.25A 1.6A 2A 2.5A 3A 3.5A 4A 5A 6A 7A
12.00 7.87 5.17 3.39 2.22 1.46 1.06 0.628 0.412 0.320 0.296 0.230 0.177 0.110 0.076 0.055 0.039 0.035 0.026 0.022 0.017 0.015 0.013
1.7 1.4 1.2 1.0 0.872 0.738 0.649 0.529 0.448 0.400 0.392 0.320 0.321 0.272 0.230 0.195 0.183 0.172 0.167 0.162 0.152 0.148 0.125
0.02 0.04 0.06 0.11 0.18 0.31 0.47 0.88 1.5 2.2 2.3 3.8 4.2 7.2 12 20 35 58 76 99 167 315 750
0.04 0.07 0.11 0.18 0.30 0.50 0.75 1.4 2.3 2.5 3.5 4.2 6.4 11 18 29 49 82 105 136 226 428 1059
0.30 0.32 0.34 0.36 0.38 0.37 0.40 0.43 0.45 0.48 0.49 0.49 0.49 0.52 0.55 0.59 0.65 0.74 0.84 0.91 1.1 1.3 2.1
Electrical Characteristics
Testing current 100% 135% 200% 1000%
(UL/CSA STD. 248-14)
Blow Time Minimum Maximum 4 Hrs. N/A N/A 1 Hr N/A 15 Sec 10 mSec N/A
Approvals
Safety Agency Approvals
u pc
u Listed File No. E20624
5MT (P) 800 5MT (P) 1 5MT (P) 1.25 5MT (P) 1.6 5MT (P) 2 5MT (P) 2.5 5MT (P) 3 5MT (P) 3.5 5MT (P) 4 5MT (P) 5 5MT (P) 6 5MT (P) 7
Certified File No. LR39772
p JET1037-31003-1003
File No. JET1037-31003-1001, 5MT / 5MTP 5MT
File No. JET1037-31003-1002
RoHS Compliant Product
For RoHS Compliant Version, add suffix "R" after catalog number
Operating Temperature
-55C to +125C
Physical Specification
Materials Glass body / Nickel Plated Brass Caps Lead wire : Tin plated Copper, Diameter 0.032", 5A and less Diameter 0.040", 6A and above Marking: On fuse: "bel", "5MT", "Current Rating", "Voltage Rating", "Appropriate Safety Logos", "" (RoHS Version) On label: "bel", "5MT"or "5MTP", "Current Rating", "Voltage Rating", "Interrupting Rating", "Appropriate Safety Logos" and " "+ suffix "R" for RoHS Version Voltage on fuse: 250V for 100mA to 3A; 125V for rating bove 3A Packaging 1. In bulk: 5MT - 1,000 pcs per box; 5MTP - 500 pcs per box 2. On Axial Tape & Reel: 1,500 pcs per reel 3. Tape & Reel specification: per EIA-296-E & IEC 286-1 @ 10mm Pitch and 63.5mm inside Tape Spacing
Consult manufacturer for other ratings
Mechanical Dimensions 5MT
0.787" 0.02" (20 0.5mm) 0.20" 0.004" (5.1 0.1mm)
Specifications subject to change without notice
1.5" 0.08" (38.1 2mm)
0.827" 0.02" (21.0 0.5mm)
0.217" 0.004" (5.5 0.1mm)
5MTP
SEE LEAD SIZE LISTED IN " MATERIAL"
ORDERING INFORMATION SEE LAST 2 PAGES
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel: 201-432-0463 * Fax: 201-432-9542 * E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
55
Type 5MT / 5MTP
Medium Blow Fuse Series
5 x 20mm Glass Tube RoHS Compliant
5MTC1005
E5MTC1005A1
5MT / 5MTP - TIME CURRENT CHARACTERISTIC CURVE
- 100mA - 125mA - 160mA - 200mA - 250mA - 300mA - 375mA - 500mA - 600mA - 700mA - 750mA - 800mA - 1A - 1.25A - 1.6A - 2A - 2.5A - 3A - 3.5A - 4A - 5A - 6A - 7A
10000
1000
100
TIME IN SECONDS
10
1
0.1
0.01 0.01
0.1
1
10
100
1000
CURRENT IN AMPERES NOTE - see important information under "User Guide"on P.08
Corporate Office Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302 Tel: 201-432-0463 Fax: 201-432-9542 E-Mail: belfuse@belfuse.com Website: www.belfuse.com
Far East Office Bel Fuse Ltd.
8F/8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel: 852-2328-5515 Fax: 852-2352-3706
European Office Bel Fuse Europe Ltd.
Preston Technology Management Centre Marsh Lane, Preston PR1 8UD Lancashire, U.K Tel: 44-1772-556601 Fax: 44-1772-888366
Specifications subject to change without notice
56


▲Up To Search▲   

 
Price & Availability of 5MTP800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X