Part Number Hot Search : 
A1695 NDUCTOR S8C5H30L 245MT C4000 74HC273P Y5DU56 TSS42L
Product Description
Full Text Search
 

To Download 5KP90CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5KP5.0C SERIES
VRM : 5.0 - 180 Volts PPK : 5000 Watts
FEATURES :
* 5000W Peak Pulse Power * Excellent clamping capability * Low incremental surge resistance * Fast response time : typically less then 1.0 ps from 0 volt to V BR(min.) * Typical IR less then 1A above 10V * Pb / RoHS Free
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
D6
0.360 (9.1) 0.340 (8.6)
1.00 (25.4) MIN.
0.360 (9.1) 0.340 (8.6)
MECHANICAL DATA
* Case : Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Cathode polarity band * Mounting position : Any * Weight : 2.1 grams
0.052 (1.32) 0.048 (1.22)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
DEVICES FOR UNIPOLAR APPLICATIONS
For uni-directional without "C" Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Pulse Power Dissipation at tp = 1ms
Symbol
PPK
Value
Minimum 5000
Unit
W
(Note 1, Fig. 4) Steady State Power Dissipation at TL = 75 C PD Lead Lengths 0.375", (9.5mm) (Note 2) Operating and Storage Temperature Range TJ, TSTG - 55 to + 150 C 8.0 W
Notes :
(1) Non-repetitive Current pulse, per Fig. 2 and derated above Ta = 25 C per Fig. 1 (2) Mounted on Copper Leaf area of 0.79 in2 (20mm2).
Page 1 of 4
Rev. 06 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ IT ( Note 1 ) Reverse Stand off Voltage VRM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 Maximum Reverse Leakage @ VRM IR (A) 10000 10000 10000 10000 4000 4000 2000 2000 500 500 300 300 100 100 40 40 30 30 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 Maximum Peak Pulse Current (Note2) IPPM (A) 520 543 439 485 407 447 378 417 350 388 333 367 314 347 295 325 266 294 249 274 227 251 210 232 194 215 188 206 176 192 164 181 155 172 139 154 127 141 116 128 107 119 99 110 93 103 85 94 Maximum Clamping Voltage @ IPPM VC (V) 9.60 9.20 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 Maximum Temperature Coefficient of VBR (%/C) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104
Type
VBR (V) Min. 5KP5.0C 5KP5.0CA 5KP6.0C 5KP6.0CA 5KP6.5C 5KP6.5CA 5KP7.0C 5KP7.0CA 5KP7.5C 5KP7.5CA 5KP8.0C 5KP8.0CA 5KP8.5C 5KP8.5CA 5KP9.0C 5KP9.0CA 5KP10C 5KP10CA 5KP11C 5KP11CA 5KP12C 5KP12CA 5KP13C 5KP13CA 5KP14C 5KP14CA 5KP15C 5KP15CA 5KP16C 5KP16CA 5KP17C 5KP17CA 5KP18C 5KP18CA 5KP20C 5KP20CA 5KP22C 5KP22CA 5KP24C 5KP24CA 5KP26C 5KP26CA 5KP28C 5KP28CA 5KP30C 5KP30CA 5KP33C 5KP33CA 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 Max. 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 IT (mA) 50 50 50 50 50 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Page 2 of 4
Rev. 06 : March 25, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Breakdown Voltage @ IT ( Note 1 ) Reverse Stand off Voltage VRM (V) 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 150 150 160 160 180 180 Maximum Reverse Leakage @ VRM IR (A) 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 Maximum Peak Pulse Current (Note2) IPPM (A) 78 86 70 78 65 72 62 69 58 65 55 61 52 57 49 53 47 52 44 49 40 44 37 41 36 40 33 36 31 34 28 31 26 28 24 26 19 21 18 19 16 17 Maximum Clamping Voltage @ IPPM VC (V) 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 94 107 97 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 211 194 263 242 281 258 316 290 Maximum Temperature Coefficient of VBR (%/C) 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.112 0.112 0.112 0.112 0.112 0.112 0.114 0.114 0.114 0.114
Type
VBR (V) Min. 5KP36C 5KP36CA 5KP40C 5KP40CA 5KP43C 5KP43CA 5KP45C 5KP45CA 5KP48C 5KP48CA 5KP51C 5KP51CA 5KP54C 5KP54CA 5KP58C 5KP58CA 5KP60C 5KP60CA 5KP64C 5KP64CA 5KP70C 5KP70CA 5KP75C 5KP75CA 5KP78C 5KP78CA 5KP85C 5KP85CA 5KP90C 5KP90CA 5KP100C 5KP100CA 5KP110C 5KP110CA 5KP120C 5KP120CA 5KP150C 5KP150CA 5KP160C 5KP160CA 5KP180C 5KP180CA 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.6 77.6 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 167 167 178 178 200 200 Max. 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 96.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 204 184 217 196 244 221 IT (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Note: ( 1 ) VBR measured after IT applied for 300 s., IT = square wave pulse or equivalent.
Page 3 of 4
Rev. 06 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( 5KP5.0C SERIES )
FIG.1 - PULSE DERATING CURVE PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT PEAK PULSE CURRENT - % IRMS
120
FIG.2 - PULSE WAVEFORM
Tr = 10s 100 Peak Value IRSM
100
80
TJ=25 C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM
60
50
Half Value - IRSM 2 10X1000 Waveform as defined by R.E.A.
40
20 0 0 25 50 75 100 125 150 175
tp 0 0 1.0 2.0 3.0 4.0
Ta, AMBIENT TEMPERATURE, ( C)
T, TIME(ms)
FIG.3 - STEADY STATE POWER DERATING PD, STEADY STATE POWER DISSIPATION (WATTS)
8.0 100
FIG.4 - PULSE RATING CURVE
6.0
Pp,PEAK POWER (kW)
Single Phase Half Wave 60 Hz Resistive or Inductive load
10
4.0
1.0
2.0
0.1 0.1s 125 150 175 200
1.0s
10s
100s
1.0ms
10ms
0 0 25 50 75 100
tp, PULSE WIDTH
TL, LEAD TEMPERATURE (C)
Page 4 of 4
Rev. 06 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of 5KP90CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X