Part Number Hot Search : 
973510 RL107 AD382 M8151136 LC72144M IDT74L 1N415 HVM189S
Product Description
Full Text Search
 

To Download 5HTP800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 5HT / 5HTP
5HTD1105
W5HTD0405-A21
5 x 20mm Ceramic Tube RoHS Compliant
Time-lag Fuse Series (High - Breaking Capacity)
Catalog Number RoHS Suffix Ampere Rating Typical Volt-drop Melting I2T Melting I2T Maximum Cold @100% In < 10 mSec @10 In Power Resistance Dissipation 2 Sec) 2 Sec) (ohm) (Volt) max. (A (A (W)
5HT (P) 100 5HT (P) 160 5HT (P) 200 5HT (P) 250 5HT (P) 315 5HT (P) 400 5HT (P) 500 5HT (P) 630 5HT (P) 800 5HT (P) 1 5HT (P) 1.25 5HT (P) 1.6 5HT (P) 2 5HT (P) 2.5
1A - 6.3A / 250V AC @ 1,500A
-R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R
100mA 160mA 200mA 250mA 315mA 400mA 500mA 630mA 800mA 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 8A 10A
18.00 12.10 8.00 3.40 2.20 1.40 1.00 0.60 0.40 0.20 0.14 0.10 0.07 0.05 0.04 0.03 0.02 0.01 0.009 0.007
2.05 1.80 1.50 1.20 1.00 0.75 0.70 0.52 0.45 0.25 0.22 0.20 0.19 0.17 0.14 0.10 0.11 0.074 0.092 0.078
0.059 0.035 0.062 0.098 0.18 0.28 0.46 0.70 1.08 1.70 3.00 5.40 9.70 17 31 56 101 181 330 601
0.06 0.04 0.08 0.12 0.22 0.34 0.58 0.90 1.50 1.70 3.20 5.90 11 20 38 69 128 237 439 812
0.27 0.28 0.30 0.34 0.38 0.41 0.48 0.55 0.64 0.73 0.81 0.91 1.00 1.10 1.20 1.40 1.50 1.70 2.70 2.90
Electrical Characteristics (IEC-127-2 STANDARD SHEET 5)
Rated Current 100mA to 3.15A 4A and above
1.5 In 2.1 In MIN MAX 2.75 In MIN MAX 4 In MIN MAX 10 In MIN MAX
1 1 hr.
30 30 min.
1 1 sec
80 80 sec
95 150 ms
5 5 sec
10 20 ms
100 100 ms
Approvals
sdm rSpcc
Amp range / Volt @ I.R. ability
Safety Agency Approvals
s d m
r
Certificate No. 408893 Licence No. 40000505 Certificate No. EM232 Recognized File No. E20624 250mA - 10A / 250V AC @ 1,500A Acceptance File No. LR39772 File No. JET1037-31003-1004, JET1037-31003-1005 Licence No. 2002010207021531 1A - 5A / 250V AC @ 1,500A 250mA - 10A / 250V AC @ 1,500A
5HT (P) 3.15 5HT (P) 4 5HT (P) 5 5HT (P) 6.3 5HT (P) 8 5HT (P) 10
S p
c
Consult manufacturer for other ratings
RoHS Compliant Product
For RoHS Compliant Version, add suffix "R" after catalog number
Operating Temperature
-55C to +125C
Physical Specification
Materials Ceramic body / Nickel Plated Brass Caps Lead wire: Tin plated copper alloy, Diameter 0.032", 6.3A and less Diameter 0.040", 8A and above Marking On fuse: "bel", "T", "Current Rating", "H", "250V", "Appropriate Safety Logos", "" (RoHS Version) On label: "bel", "5HT", or "5HTP","Current Rating", "Voltage Rating", "Interrupting Rating", "Approporiate Safety Logos" and + suffix "R" for RoHS Version
Packaging 1. In bulk: 5HT - 1,000 pcs per box; 5HTP - 500 pcs per box 2. On Axial Tape & Reel: 1,500 pcs per reel 3. Tape & Reel specification: per EIA-296-E & IEC 286-1@ 10mm Pitch and 63.5mm inside Tape Spacing
Mechanical Dimensions
1.5" 0.08" (38.1 2mm)
0.827" 0.02" (21.0 0.5mm)
0.217" 0.004" (5.5 0.1mm)
5HTP
SEE LEAD SIZE LISTED IN " MATERIAL"
ORDERING INFORMATION SEE LAST 2 PAGES
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel: 201-432-0463 * Fax: 201-432-9542 * E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
47
Specifications subject to change without notice
5HT
0.787" 0.02" (20 0.5mm)
0.20" 0.004" (5.1 0.1mm)
Type 5HT / 5HTP
5 x 20mm Ceramic Tube RoHS Compliant
W5HTC0305-A1
Time-lag Fuse Series (High - Breaking Capacity)
5HTC0405
E5HTC0405A1
5HT / 5HTP - TIME CURRENT CHARACTERISTIC CURVE
- 100mA - 160mA - 200mA - 250mA - 315mA - 400mA - 500mA - 630mA - 800mA - 1A - 1.25A - 1.6A - 2A - 2.5A - 3.15A - 4A - 5A - 6.3 A - 8A - 10A
10000 1000 100
TIME IN SECONDS
10
1
0.1
0.01 0.01 0.1 1 10 100 1000
CURRENT IN AMPERES NOTE - see important information under "User Guide"on P.08
Corporate Office Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302 Tel: 201-432-0463 Fax: 201-432-9542 E-Mail: belfuse@belfuse.com Website: www.belfuse.com
Far East Office Bel Fuse Ltd.
8F/8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel: 852-2328-5515 Fax: 852-2352-3706
European Office Bel Fuse Europe Ltd.
Preston Technology Management Centre Marsh Lane, Preston PR1 8UD Lancashire, U.K Tel: 44-1772-556601 Fax: 44-1772-888366
Specifications subject to change without notice
48


▲Up To Search▲   

 
Price & Availability of 5HTP800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X