|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
54VCXH162244 LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS I I I I I I I I I I I I I I 3.6V TOLERANT INPUTS AND OUTPUTS HIGH SPEED : tPD = 3.4 ns (MAX.) at VCC = 3.0 to 3.6V tPD = 3.8 ns (MAX.) at VCC = 2.3 to 2.7V POWER DOWN PROTECTION ON INPUTS AND OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 12mA (MIN) at VCC = 3.0V |IOH| = IOL = 8mA (MIN) at VCC = 2.3V 26 SERIE RESISTORS IN OUTPUTS OPERATING VOLTAGE RANGE: VCC(OPR) = 2.3V to 3.6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES H162244 BUS HOLD PROVIDED ON DATA INPUTS LATCH-UP PERFORMANCE EXCEEDS 300mA (JESD 17) ESD PERFORMANCE: HBM > 2000V (MIL STD 883 method 3015); MM > 200V 100 Krad mil. 1019.6 (RHA QUAL) CONDITION A NO SEL, NO SEU UNDER 72 Mev/cm2/mg LET HEAVY IONS IRRADIATION QML QUALIFIED PRODUCT SMD 5962-05210 FLAT-48 All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage. Figure 1: Pin Connection DESCRIPTION The 54VCXH162244 is a low voltage CMOS 16 BIT BUS BUFFER (NON INVERTED) fabricated with sub-micron silicon gate and five-layer metal wiring C2MOS technology. It is ideal for low power and very high speed 2.3 to 3.6V applications; it can be interfaced to 3.6V signal environment for both inputs and outputs. Any nG output control governs four BUS BUFFERS. Output Enable input (nG) tied together gives full 16-bit operation. When nG is LOW, the outputs are on. When nG is HIGH, the output are in high impedance state. This device is designed to be used with 3 state memory address drivers, etc. Bus hold on data inputs is provided in order to eliminate the need for external pull-up or pull-down resistor. The device circuits is including 26 series resistance in the outputs. These resistors permit to reduce line noise in high speed applications. May 2005 Rev. 2 1/11 54VCXH162244 Table 1: Order Codes FLYING MODEL PACKAGE SOLDER DIPPING QML-V FLAT-48 FLAT-48 (*) EM with 48 hours Burn-In QML-Q RHRXH162244K01Q RHRXH162244K02Q ENGINEERING MODEL RHRXH162244K1 RHRXH162244K2 (*) GOLD SOLDER RHRXH162244K01V RHRXH162244K02V Figure 2: Input And Output Equivalent Circuit Table 2: Pin Description PIN N 1 2, 3, 5, 6 8, 9, 11, 12 13, 14, 16, 17 19, 20, 22, 23 24 25 30, 29, 27, 26 36, 35, 33, 32 41, 40, 38, 37 47, 46, 44, 43 48 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 SYMBOL 1G 1Y1 to 1Y4 2Y1 to 2Y4 3Y1 to 3Y4 4Y1 to 4Y4 4G 3G 4A1 to 4A4 3A1 to 3A4 2A1 to 2A4 1A1 to 1A4 2G GND VCC NAME AND FUNCTION Output Enable Input Data Outputs Data Outputs Data Outputs Data Outputs Output Enable Input Output Enable Input Data Outputs Data Outputs Data Outputs Data Outputs Output Enable Input Ground (0V) Positive Supply Voltage Figure 3: IEC Logic Symbols Table 3: Truth Table INPUTS G L L H X : Don`t Care Z : High Impedance OUTPUT An L H X Yn L H Z 2/11 54VCXH162244 Table 4: Absolute Maximum Ratings Symbol VCC VI VO VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage (OFF State) DC Output Voltage (High or Low State) (note 1) DC Input Diode Current DC Output Diode Current (note 2) DC Output Current Parameter Value -0.5 to +4.6 -0.5 to +4.6 -0.5 to +4.6 -0.5 to VCC + 0.5 - 50 - 50 50 100 400 -65 to +150 260 Unit V V V V mA mA mA mA mW C C ICC or IGND DC VCC or Ground Current per Supply Pin Power Dissipation PD Tstg TL Storage Temperature Lead Temperature (10 sec) Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) IO absolute maximum rating must be observed 2) VO < GND, VO > VCC Table 5: Recommended Operating Conditions Symbol VCC VI VO VO IOH, IOL IOH, IOL Top dt/dv Supply Voltage Input Voltage Output Voltage (OFF State) Output Voltage (High or Low State) High or Low Level Output Current (VCC = 3.0 to 3.6V) High or Low Level Output Current (VCC = 2.3 to 2.7V) Operating Temperature Input Rise and Fall Time (note 1) Parameter Value 2.3 to 3.6 -0.3 to 3.6 0 to 3.6 0 to VCC 12 8 -55 to 125 0 to 10 Unit V V V V mA mA C ns/V 1) VIN from 0.8V to 2V at VCC = 3.0V 3/11 54VCXH162244 Table 6: DC Specifications (2.7V < VCC < 3.6V unless otherwise specified) Test Condition Symbol Parameter VCC (V) 2.7 to 3.6 2.7 to 3.6 2.7 3.0 VOL Low Level Output Voltage 2.7 to 3.6 2.7 3.0 II II(HOLD) Input Leakage Current Input Hold Current 2.7 to 3.6 3.0 3.6 Ioff IOZ ICC ICC Power Off Leakage Current High Impedance Output Leakage Current Quiescent Supply Current ICC incr. per Input 0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 IO=-100 A IO=-6 mA IO=-8 mA IO=-12 mA IO=100 A IO=6 mA IO=8 mA IO=12 mA VI = VCC or GND VI = 0.8V VI = 2V VI = 0 to 3.6V VI or VO = 0 to 3.6V VI = VIH or VIL VO = 0 to 3.6V VI = VCC or GND VI or VO = VCC to 3.6V VIH = VCC - 0.6V 75 -75 500 10 10 20 20 750 A A A A A Value -55 to 125 C Min. 2.0 0.8 VCC-0.2 2.2 2.4 2.2 0.2 0.4 0.5 0.8 5 A V V Max. V Unit VIH VIL VOH High Level Input Voltage Low Level Input Voltage High Level Output Voltage 4/11 54VCXH162244 Table 7: DC Specifications (2.3V < VCC < 2.7V unless otherwise specified) Test Condition Symbol Parameter VCC (V) 2.3 to 2.7 2.3 to 2.7 2.3 VOL Low Level Output Voltage 2.3 to 2.7 2.3 II II(HOLD) Ioff IOZ ICC Input Leakage Current Input Hold Current Power Off Leakage Current High Impedance Output Leakage Current Quiescent Supply Current 2.3 to 2.7 2.3 0 2.3 to 2.7 2.3 to 2.7 IO=-100 A IO=-4 mA IO=-6 mA IO=-8 mA IO=100 A IO=6 mA IO=8 mA VI = VCC or GND VI = 0.7V VI = 1.7V VI or VO = 0 to 3.6V VI = VIH or VIL VO = 0 to 3.6V VI = VCC or GND VI or VO = VCC to 3.6V 45 -45 10 10 20 20 Value -55 to 125 C Min. 1.6 0.7 VCC-0.2 2.0 1.8 1.7 0.2 0.4 0.6 5 A A A A A V V Max. V Unit VIH VIL VOH High Level Input Voltage Low Level Input Voltage High Level Output Voltage Table 8: Dynamic Switching Characteristics (Ta = 25C, Input tr = tf = 2.0ns, CL = 30pF, RL = 500) Test Condition Symbol Parameter VCC (V) 2.5 3.3 2.5 3.3 2.5 3.3 VIL = 0V VIH = VCC VIL = 0V VIH = VCC VIL = 0V VIH = VCC Value TA = 25 C Min. Typ. 0.25 0.35 -0.25 -0.35 2.05 2.65 Max. V V V Unit VOLP VOLV VOHV Dynamic Low Voltage Quiet Output (note 1, 3) Dynamic Low Voltage Quiet Output (note 1, 3) Dynamic High Voltage Quiet Output (note 2, 3) 1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the LOW state. 2) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the HIGH state. 3) Parameters guaranteed by design. 5/11 54VCXH162244 Table 9: AC Electrical Characteristics (CL = 30pF, RL = 500, Input tr = tf = 2.0ns) Test Condition Symbol Parameter VCC (V) 2.3 to 2.7 3.0 to 3.6 2.3 to 2.7 3.0 to 3.6 2.3 to 2.7 3.0 to 3.6 2.3 to 2.7 3.0 to 3.6 Value -55 to 125 C Min. 1.0 0.8 1.0 0.8 1.0 0.8 Max. 5.2 5.0 5.8 4.2 4.5 4.0 0.5 0.5 ns ns ns ns Unit tPLH tPHL tPZL tPZH tPLZ tPHZ tOSLH tOSHL Propagation Delay Time Output Enable Time Output Disable Time Output To Output Skew Time (note1, 2) 1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|) 2) Parameter guaranteed by design Table 10: Capacitive Characteristics Test Condition Symbol Parameter VCC (V) 2.5 or 3.3 2.5 or 3.3 2.5 or 3.3 VIN = 0 or VCC VIN = 0 or VCC fIN = 10MHz VIN = 0 or VCC Value TA = 25 C Min. Typ. 6 7 20 Max. pF pF pF Unit CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) 1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit) 6/11 54VCXH162244 Figure 4: Test Circuit TEST tPLH, tPHL tPZL, tPLZ (VCC = 3.0 to 3.6V) tPZL, tPLZ (VCC = 2.3 to 2.7V) tPZH, tPHZ CL = 30 pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50) SWITCH Open 6V 2VCC GND Table 11: Waveform Symbol Values Symbol 3.0 to3.6V VIH VM VX VY 2.7V 1.5V VOL + 0.3V VOH - 0.3V VCC 2.3 to 2.7V VCC VCC/2 VOL + 0.15V VOH - 0.15V 7/11 54VCXH162244 Figure 5: Waveform - Propagation Delays (f=1MHz; 50% duty cycle) Figure 6: Waveform - Output Enable And Disable Time (f=1MHz; 50% duty cycle) 8/11 54VCXH162244 FLAT-48 (MIL-STD-1835) MECHANICAL DATA mm. DIM. MIN. A b c D E E2 e L Q S1 0.66 0.13 2.18 0.254 0.15 15.75 9.65 6.35 0.635 8.38 1.14 0.026 0.005 TYP MAX. 2.72 MIN. 0.086 0.010 0.006 0.620 0.380 0.250 0.025 0.330 0.045 TYP. MAX. 0.107 inch 7330585A 9/11 54VCXH162244 Table 12: Revision History Date 09-Jul-2004 17-May-2005 Revision 1 2 First Release SMD Qualified. Description of Changes 10/11 54VCXH162244 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2005 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com 11/11 |
Price & Availability of 54VCXH162244 |