Part Number Hot Search : 
LT10642 R882M0 MAX810ZW 22102 60005 1093P XSD213 295505
Product Description
Full Text Search
 

To Download 546-99-108-12-101-036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 546
Pin Grid Array sockets Press-fit terminations
83
Pin Grid Array sockets with press-fit terminations PGA sockets are high density connecting devices equipped with machined precision contacts with soft contact clips assuring low insertion/withdrawal forces. Over 200 standard pinouts are available; inquiries for custom varieties are welcome New compliant press-fit terminations with modified eye of the needle for solderless mount into PCBs with through plated holes guarantee gas-tight contact zones Insertion characteristics: 6 finger low force Platings 91 93 99 Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb Clip 0.25 m Au 0.75 m Au 5 m Sn Pb Pin Ordering information Replace xxx-xx-xxx with the number of poles, body size and layout numbers as indicated on pages 88 to 92. For example, a 12x12 pin configuration with window and 108 standard soldering contacts as shown on page 88 becomes: 546-93-108-12-101-028
546-91-xxx-xx-xxx-036 546-93-xxx-xx-xxx-036 546-99-xxx-xx-xxx-036
PGA sockets with press-fit terminations for 1.5 to 2.0 mm PCB thickness. Hole diameter 1 (+ 0.09/- 0.06) mm
546-91-xxx-xx-xxx-035 546-93-xxx-xx-xxx-035 546-99-xxx-xx-xxx-035
PGA sockets with press-fit terminations for 2.1 to 3.2 mm PCB thickness. Hole diameter 1 (+ 0.09/- 0.06) mm
NEW!
it ith press-f sockets w inouts. 6 PGA logy Series 54 rd interstitial p it techno all standa s consult: on press-f in fo detail product in data For more sional dimen youts Page 68: 83: l socket la interstitia ges 79 & Pa / 92: Pages 91
ons are terminati
now ava
ilable


▲Up To Search▲   

 
Price & Availability of 546-99-108-12-101-036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X