|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Product Details Page 1 of 2 Return to search Print Page Product Number: 54021 Order Abbreviation: 64251 HLX General Description: 20 watt, tungsten halogen low voltage without reflector Product Information Abbrev. With Packaging Info. Application Average Rated Life (hr) Base Bulb Class Color Rendering Index (CRI) Diameter d (in) Diameter d (mm) Distance a (in) Distance a (mm) Family Brand Name Filament Dimensions Length (in) Filament Dimensions Length (mm) Filament Dimensions Width (in) Filament Dimensions Width (mm) Lamp Finish Length l (in) Length l (mm) Luminous Flux (lm) Maximum Overall Length - MOL (in) Maximum Overall Length - MOL (mm) Nominal Voltage (V) Nominal Wattage (W) Operating Position Type of Current 64251HLX 6V 30/CS 1/SKU Projector 100 PG22 T3 C (gas) 100 0.351 9 0.546 14 Xenophot (HLX) 0.031 0.8 0.090 2.3 Clear 1.560 40 500 1.560 40 6.00 20.00 Any AC Additional Product Information Product Documents, Graphs, and Images Packaging Information Print Page http://ecom.mysylvania.com/sylvaniab2c/catalog/updateItems.do 09/22/2003 Product Details Page 2 of 2 http://ecom.mysylvania.com/sylvaniab2c/catalog/updateItems.do 09/22/2003 |
Price & Availability of 54021 |