Part Number Hot Search : 
2SJ117 MCSO1 40106 AN7908T MC8820 SO20LL RF151 NCE3050
Product Description
Full Text Search
 

To Download 5102H5-5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 147 Central Avenue Hackensack, New Jersey 07601 Tel: 201-489-8989 * Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
Panel Mounted LED Indicator Light with Wire Leads 1/4" Diameter Mounting Hole
DESCRIPTION AND FEATURES
O.280
.220 MAX.
.030
Features *Super-Brite 30mcd *Low current *Built-in resistor chip operates directly off 5 volt or 12 volt supply without external resistor. Mounting: Will snap-fit in O.249/.254 hole in panels .031/.062 thick.
.530
Wire leads: No. 24 AWG, 6" insulated, bonded strands, stripped 1/2" Anode(+): Red Lead Housing: Black Nylon Alternate LEDs are also available in this package as standard variations.
All dimensions in inches.
P art Number 5100H1 5100H3 5100H5 5100H6 5100H7 5100H1LC 5100H5LC 5100H7LC 5102H1-5V 5102H3-5V 5102H5-5V 5102H1-12V 5102H3-12V 5102H5-12V
E mitted C olor R ed Amber G reen B lue Y ellow R ed G reen Y ellow R ed Amber G reen R ed Amber G reen
T ypical Intensity (mcd) 30 20 30 3.0 25 2.0 2.5 2.0 6.0 7.0 10.0 4.0 4.0 4.0
R ated C urrent (mA) 20 20 20 45 20 2 2 2 10 10 12 13 13 13
C ontinuous F orward C urrent Max. (mA)
F orward V oltage T yp. (V ) 2.0 2.0 2.2 3.4 2.1 1.8 1.8 1.9 5 5 5 12 12 12 Max. (V ) 3.0 3.0 3.0 3.9 3.0 2.2 2.2 2.7 7.5 7.5 7.5 20.0 20.0 20.0
P eak F orward C urrent @ 1ms-300 P P S (A)
R everse B reakdown V oltage Min. (V )
P eak Wavelength (nm) 635 608 562 470 585 635 565 585 635 583 565 635 583 565
35 35 30 50 35 7 7 7 15 15 15 15 15 15
1.0 1.0 .09 1.0 .007 .007 .007 -
5 5 5 5 5 5 5 5 5 5 5 5 5 5
Lo
w
Cu
rre
nt 5 tor s is 1 or is t Vo lts
In iltBu In iltBu
Re
2V
s olt
Re
s
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
4-12


▲Up To Search▲   

 
Price & Availability of 5102H5-5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X