Part Number Hot Search : 
TC144 DTC114 XMXXX 3731I FN1A4P APM4568 SF2020C 1N5391G
Product Description
Full Text Search
 

To Download 5082-0335 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5082-0335
SILICON STEP RECOVERY DIODE
DESCRIPTION:
The ASI 5082-0335 is a Silicon Step Recovery Diode Designed as a X 8 Frequency Multiplier with X-Band Output Frequencies.
FEATURES INCLUDE:
* Replacement for HP 5082-0335 * POUT = 30 mW min. @ 16 GHz (X 8) * Hermetic Coaxial Package
PACKAGE STYLE 51
MAXIMUM RATINGS
IF PDISS TJ T STG JC 100 mA 2.3 W @ TC = 25 OC -65OC to +150 OC -65OC to +150 OC 75 OC/W
ORDER CODE: ASI30257
CHARACTERISTICS
SYMBOL
VBR Cj6 tt POUT IR = 10 A VR = 0 V IF = 10 mA
TA = 25 OC
TEST CONDITIONS
MINIMUM
20
TYPICAL
MAXIMUM
30 0.5
UNITS
V pF S pS mW
f = 1.0 MHz IR = 6 mA
0.25 15 60 30
Charge Level = 100 pC, measured at 20% & 80% points PIN = 0.65 W FIN = 2 GHz FOUT = 16 GHz
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without
REV. A 1/1


▲Up To Search▲   

 
Price & Availability of 5082-0335

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X