Part Number Hot Search : 
CAXXXXXX DA8588BJ MC1494 10700450 16310 R0603 FZT3019 ELM824
Product Description
Full Text Search
 

To Download 5082-0112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5082-0112
GLASS PACKAGE STEP RECOVERY DIODE
DESCRIPTION:
The 5082-0112 is a Silicon Step Recovery Diode Designed for Synthesiser and Sampler Applications Requiring a High Performance to Cost Ratio.
PACKAGE STYLE 01A
FEATURES INCLUDE:
* Transition Time 90 pS Typical * Hermetic Glass Package
MAXIMUM RATINGS
IF VR PDISS TJ T STG JC 50 mA 35 V 290 mW @ TC = 25 OC -65 to +200 OC -65 to +200 OC 0.6 OC /mW
ORDER CODE: ASI30263
CHARACTERISTICS
SYMBOL
VBR CJ6 Tt IR = 10 A VR = 10 V IF = 10 mA VR = 7.0 V
TC = 25 OC
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
35 f = 1.0 MHz 1.55 50 175
UNITS
V pF nS pS
IR = 6.0 mA IF = 3.0 mA
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of 5082-0112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X