Part Number Hot Search : 
0843MW PVC10010 W041K1 D471K AN12974A 1N4740 SMB5361 E30A2CDS
Product Description
Full Text Search
 

To Download 4GBU08F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PART OBSOLETE - EOL18
Bulletin I2717 rev. G 05/02
4GBU Series
4.0 Amps Single Phase Full Wave
Features
Diode chips are glass passivated Suitable for Universal hole mounting Easy to assemble & install on P.C.B. High Surge Current Capability High Isolation between terminals and molded case (1500 V RMS) Lead free terminals solderable as per MIL-STD-750 Method 2026 Terminals suitable for high temperature soldering at 260C for 8-10 secs UL E160375 approved
Bridge Rectifier
IO(AV) = 4A VRRM = 50/ 800V
Description
These GBU Series of Single Phase Bridges consist of four glass passivated silicon junction connected as a Full Wave Bridge. These four junctions are encapsulated by plastic molding technique. These Bridges are mainly used in Switch Mode power supply and in industrial and consumer equipment.
Major Ratings and Characteristics Parameters
IO @ TC IFSM @ 50Hz @ 60Hz It
2
4GBU
4 100 150 158 113 104 50 to 800 - 55 to 150
Units
A
C
A A A2s A2s V
o
@ 50Hz @ 60Hz
4GBU
VRRM TJ
range
C
www.irf.com
1
4GBU Series
Bulletin I2717 rev. G 05/02
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Type number Voltage Code VRRM , max repetitive peak rev. voltage TJ = TJ max. V 50 100 200 400 600 800 VRMS , max RMS voltage TJ = TJ max. V 35 70 140 280 420 560 IRRM max. @ rated VRRM TJ = 25C A 5 5 5 5 5 5 IRRM max. @ rated VRRM TJ = 150C A 400 400 400 400 400 400
4GBU 4GBU...F
005 01 02 04 06 08
Forward Conduction
Parameters
IO IFSM Maximum DC output current Maximum peak, one-cycle non-repetitive surge current, following any rated load condition and with rated VRRM reapplied I2t VFM IRM VRRM Maximum I 2t for fusing, initial TJ = TJ max Maximum peak forward voltage per diode Typical peak reverse leakage curren t per diode Maximum repetitive peak reverse voltage range 50 to 800 V 5 A TJ = 25 oC, 100% VRRM 113 104 1.0 V A2s t = 10ms t = 8.3ms TJ = 25 oC, IFM = 4A 158 t = 8.3ms TJ = 150C
4GBU
4 3.2 150
Unit
A
Conditions
TC = 100C, Resistive & inductive load TC = 100C, Capacitive load t = 10ms
Thermal and Mechanical Specifications
Parameters
TJ Tstg RthJC RthJA W T Operating and storage temperature range Max. thermal resistance junction to case Thermal resistance, junction to ambient Approximate weight Mounting Torque 4 (0.14) 1.0 9.0 g (oz) Nm Lb.in Bridge to Heatsink 22 C/ W DC rated current through bridge (1) 4.2 C/ W DC rated current through bridge (1)
4GBU
-55 to 150
Unit
o
Conditions
C
Note (1): Devices mounted on 40x 40x1.5mm aluminum plate; use silicon thermal compound for maximum heat transfer and bolt down using 3mm screw
2
www.irf.com
4GBU Series
Bulletin I2717 rev. G 05/02
Ordering Information Table
Device Code
4 1
1 2 3 4 -
GBU 2
08 3
F 4
Bridge current Basic Part Number Voltage Code: code x 100 = VRRM Lead Forming: 7.5 mm
Outline Table
Add suffix "F" for 7.5 mm equal space lead forming All dimensions are in millimetres
www.irf.com
3
4GBU Series
Bulletin I2717 rev. G 05/02
Maximum Allowable Case Temperature (C)
160 150 140 130 120 110 100 90 0 1 2 3 4 5
Average Forward Current (A) Fig. 1 - Current Ratings Characteristics
1000
4GBU Series
Instantaneous Forward Current (A)
100
180 (Rect) 180 (Sine)
10
T J = 25C T J = 150C
1
4GBU Series
0.1 0 0.5 1 1.5 2 2.5 3 3.5
Instantaneous Forward Voltage (V) Fig. 2 - Forward Voltage Drop Characteristics
Maximum Average Forward Power Loss (W)
Peak Half Sine Wave Forward Current (A)
7 6 5 4 3 2 1 0 0 0.5 1 1.5 2 2.5 3 3.5 4
Average Forward Current (A) Fig. 3 - Total Power Loss Characteristics
160 140 120 100 80 60 40 1
180 (Sine) 180 (Rect)
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
4GBU Series T J = 150C
4GBU Series
10
100
Number of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 4 - Maximum Non-Repetitive Surge Current
4
www.irf.com
4GBU Series
Bulletin I2717 rev. G 05/02
Data and specifications subject to change without notice. This product has been designed and qualified for Multiple Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 05/02
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of 4GBU08F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X