Part Number Hot Search : 
01547 IPW60R STPS745M 3DD102E 1N5236 2SD21 NTE3882 78M12
Product Description
Full Text Search
 

To Download 495060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JCASE(R) Cartridge Fuse
The JCASE is a cartridge style fuse with female terminal design, providing both increased time delay and low voltage drop to protect high current circuits and handle inrush currents. The JCASE was designed and patented by Littelfuse.
1000 20A 30A 40A 50A 60A 100 TIME IN SECONDS
14.1 12.0
10
1
0.1
0.01 1 10 100 1000 CURRENT IN AMPERES 10000
TIME-CURRENT CHARACTERISTICS
27.0 18.7 24.4
% of Rating 100 135 200 350 600
Opening Time Minimum 100 hrs 60 s 4s 0.2 s 0.04 s Maximum -- 1800 s 60 s 7s 1s
12.1 1.0
10.0
6.7
5.5
Interrupting Rating: 1000A @ 32 VDC Voltage Rating: 32 VDC Insertion Force: 53N max. (12 lb.) Extraction Force: 9N min. (2 lb.) Ambient Temp: -40C to + 125C
JCASE Fuse Series Temperature Rerating Curve 110 Rerating Factor (% Rated Current)
JCASE CARTRIDGE FUSE TABLE
Current Rating (A) 20 25 30 40 50 60 Typ. Voltage Drop at Rated Current (mV) 106 101 91 87 88 87
Part Number 495020 495025 495030 495040 495050 495060
Housing Color Blue White Pink Green Red Yellow
105
100
95
90
See page 32 for JCASE Shunt
85 -40 -30 -20 -10
0 10
20 30 40 50 60 70 80 90 100 110 120
Ambient Temperature (C) 15


▲Up To Search▲   

 
Price & Availability of 495060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X