Part Number Hot Search : 
78L05G 2202S MM1662H D120D AK5534 2SC4046 HA16108 HK1608
Product Description
Full Text Search
 

To Download 48SD1616RPFK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 48SD1616
256 Mb SDRAM
4-Meg X 16-Bit X 4-Banks
Logic Diagram (One Amplifier)
Memory
FEATURES:
* 256 Megabit ( 4-Meg X 16-Bit X 4-Banks) * RAD-PAK(R) radiation-hardened against natural space radiation * Total Dose Hardness: >100 krad (Si), depending upon space mission
* Excellent Single Event Effects: SELTH > 85 MeV/mg/cm2 @ 25C
DESCRIPTION:
Maxwell Technologies' Synchronous Dynamic Random Access Memory (SDRAM) is ideally suited for space applications requiring high performance computing and high density memory storage. As microprocessors increase in speed and demand for higher density memory escalates, SDRAM has proven to be the ultimate solution by providing bit-counts up to 256 Mega Bits and speeds up to 100 Megahertz. SDRAMs represent a significant advantage in memory technology over traditional DRAMs including the ability to burst data synchronously at high rates with automatic column-address generation, the ability to interleave between banks masking precharge time. Maxwell Technologies' patented RAD-PAK(R) packaging technology incorporates radiation shielding in the microcircuit package. It eliminates the need for box shielding for a lifetime in orbit or space mission. In a typical GEO orbit, RAD-PAK(R) provides greater than 100 krads(Si) radiation dose tolerance. This product is available with screening up to Maxwell Technologies self-defined Class K.
01.07.05 REV 4
* * * * * * *
* * * *
JEDEC Standard 3.3V Power Supply Operating Current: 115 mA Clock Frequency: 100 MHz Operation Operating tremperature: -55 to +125 C Auto Refresh Single pulsed RAS 2 Burst Sequence variations Sequential (BL =1/2/4/8) Interleave (BL = 1/2/4/8) Programmable CAS latency: 2/3 Power Down and Clock Suspend Modes LVTTL Compatible Inputs and Outputs Package: 72-Pin RAD-PAK(R) Flat Package
All data sheets are subject to change without notice
1
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Pinout Description
48SD1616
Pin Descriptions
Pin Name PKGGND A0 to A12 BA0, BA1 Address Input Row Address A0 to A12 Column Address A0 to A8 Bank Select Address BA0/BA1 (BS) DQ0 to DQ15 CS\ RAS\ CAS\ WE\ DQMU/DQML CLK CKE Vcc Vss VccQ VssQ NC Data-Input/Output Chip Select Row Address Strobe Column Address Strobe Write Enable Input/Output Mask Clock Input Clock Enable Power for internal circuits Ground for internal circuits Power for DQ circuits Ground for DQ circuits No Connection Function Package Ground
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
2
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
`
48SD1616
TABLE 1. ABSOLUTE MAXIMUM RATINGS
PARAMETER Voltage on any pin relative to VSS Supply voltage relative to VSS Short circuit output current Power Dissipation Thermal Resistance Operating Temperature Storage Temperature SYMBOL VIN VOUT VCC IOUT PD Tjc TOPR TSTG MAX -0.5 to VCC + 0.5 (< 4.6(max)) -0.5 to +4.6 50 1.0 1.5 -55 to +125 -65 to +150 UNIT V V mA W C/W C C
TABLE 2. RECOMMENDED OPERATING CONDITIONS
(VCC = 3.3V + 0.3V, VDDQ = 3.3V + 0.3V, TA = -55 TO 125C, UNLESS OTHERWISE SPECIFIED)
Memory
SYMBOL MIN MAX VCC, VCCQ1,2 3.0 3.6 VSS, VSSQ3 0 0 Input High Voltage VIH1,4 2.0 VCC + 0.3 Input Low Voltage VIL1,5 -0.3 0.8 1. All voltage referred to VSS 2. The supply voltage with all VCC and VCCQ pins must be on the same level 3. The supply voltage with all V SS and V SSQ pins must be on the same level 4. 5. VIH (max) = VCC+2.0V for pulse width <3ns at VCC VIL (min) = VSS-2.0V for pulse width <3ns at VSS
PARAMETER Supply Voltage
UNIT V V V V
TABLE 3. DELTA LIMITS
PARAMETER ICC1 ICC2P ICC2PS ICC2N ICC2NS DESCRIPTION Operating Current Standby Current in Power Down VARIATION1 10% 10% 10%
ICC3P ICC3PS ICC3N ICC3NS Active Standby Current 1. 10% of value specified in Table 4
TABLE 4. DC ELECTRICAL CHARACTERISTICS
(VCC= 3.3V + 0.3V, VCCQ = 3.3V + 0.3V, TA = -55 TO125C, UNLESS OTHERWISE SPECIFIED) PARAMETER Operating Current1,2,3 SYMBOL ICC1 TEST CONDITIONS Burst length CAS Latency = 2 =1 CAS Latency = 3 tRC = min CKE = VIL tCK = 12 ns SUBGROUPS 1, 2, 3 MIN MAX 115 115 1, 2, 3 3 mA UNITS mA
Standby Current in Power Down4
ICC2P
01.07.05 REV 4
All data sheets are subject to change without notice
3
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
TABLE 4. DC ELECTRICAL CHARACTERISTICS
48SD1616
SUBGROUPS 1, 2, 3 MIN MAX 2 UNITS mA
(VCC= 3.3V + 0.3V, VCCQ = 3.3V + 0.3V, TA = -55 TO125C, UNLESS OTHERWISE SPECIFIED) PARAMETER Standby Current in Power Down ( input signal stable)5 Standby Current in non power down6 Standby Current in non power down ( Input signal stable)7 Active standby current in power down1,2,4 Active standby current in power down (input signal stable)2,5 Active standby power in non power down1,2,6 Active standby current in non power down ( input signal stable)2,7 Burst Operating Current1,2,8 CAS Latency = 2 CAS Latency = 3 Refresh Current3 Self Refresh current9 SYMBOL ICC2PS TEST CONDITIONS CKE = VIL tCK = 0 CKE, CS = VIH tCK = 12 ns CKE = VIH tCK = 0 CKE = VIL tCK = 12 ns CKE = VIL tCK = 0 CKE, CS = VIN tCK = 12 ns CKE = VIH tCK = 0 tCK = min BL = 4 tRC = min VIH>VCC - 0.2V VIL < 0.2 V 0ICC2N ICC2NS ICC3P ICC3PS ICC3N ICC3NS ICC4
1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3
20 9 4 3 30 15
mA mA mA mA mA mA mA
Memory
110 145 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 -1 -1.5 2.4 220 3 1 1.5 mA mA uA uA V
ICC5 ICC6 ILI ILO VOH
Input Leakage Current Output Leakage Current Output high voltage
IOL = 4 mA 1, 2, 3 0.4 V Output low voltage VOL 1. ICC1 depends on output load conditions when the device is selected. ICC1(max) is specified with the output open. 2. One Bank operation. 3. Input signals are changed once per one clock. 4. After power down mode, CLK operating current. 5. After power down mode, no CLK operating current. 6. Input signals are changed once per two clocks. 7. Input signals are VIH or VIL fixed. 8. Input signals are changed once per four clocks. 9. After self refresh mode set, self refresh current. Self refresh should only be used at temperatures below 70 C.
01.07.05 REV 4
All data sheets are subject to change without notice
4
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
TABLE 5. AC Electrical Characteristics
48SD1616
MIN 10 7.5 TYP MAX UNIT ns
(VCC =3.3V + 0.3V, VCCQ = 3.3V + 0.3V, TA = -55 TO 125C, UNLESS OTHERWISE SPECIFIED) PARAMETER System clock cycle time1 (CAS latency = 2) (CAS latency = 3) CLK high pulse width1,7 CLK low pulse width1,7 CLK1,2 Access time from (CAS latency = 2) (CAS latency = 3) SYMBOL tCK SUBGROUPS 9, 10, 11
tCKH tCKL tAC
9, 10, 11 9, 10, 11 9, 10, 11
2.5 2.5 6 6
ns ns ns
Data-out hold time1,2 CLK to Data-out low impedance1,2,3,7 impedance1,4,7 CLK to Data-out high (CAS latency = 2, 3) Input setup time1,5,6 CKE setup time for power down exit1 Input hold time1,6 Ref/Active to Ref/Active command period1 Active to Precharge command period1 Active command to column command (same bank)1 Precharge to Active command period1 Write recovery or data-in to precharge lead Active( a) to Active (b) command Transition time(rise and Refresh Period fall)7 period1 time1
tOH tLZ tHZ tAS, tCS, tDS, tCES tCESP tAH, tCH, tDH tCEH tRC tRAS tRCD tRP tDPL tRRD tT tREF
9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 @ 105 C8 @ 85 C
2.7 2 5.4 1.5 1.5 1.5 70 50 20 20 20 20 1 16 32 64 5 6.4 168 120000
ns ns ns ns
Memory
ns ns ns ns ns ns ns ns ns ms
@ 70 C 128 1. AC measurement assumes tT=1ns. Reference level for timing of input signals is 1.5V. 2. Access time is measured at 1.5V. 3. tLZ(min) defines the time at which the outputs achieve the low impedance state. 4. tHZ(min) defines the time at which the outputs achieve thehigh impedance state. 5. tCES defines CKE setup time to CLK rising edge except for the power down exit command 6. tAS/tAH: Address, tCS/tCH: /CS, /RAS, /CAS, /WE, DQMU/DQML 7. Guarenteed by design. ( Not tested.) 8. Guarenteed by Device Characterization Tesing. (Not 100% Tested)
01.07.05 REV 4
All data sheets are subject to change without notice
5
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
TABLE 6. CAPACITANCE1 (TA = 25 C, VCC/VCCQ=3.3 +0.3V)
PARAMETER Input Capacitance (CLK) Input Capacitance (Inputs) Output Capacitance (DQ) 1. Guarenteed by design SYMBOL CI1 CI2 CO MAX 3.5 3.8 4
48SD1616
UNIT pF pF pF
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
6
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Pin Functions:
48SD1616
CLK (INPUT PIN): CLK is the master clock input to this pin. The other input signals are referred at CLK rising edge. CS (INPUT PIN): When CS is Low, the command input cycle becomes valid. When CS is High, all inputs are ignored. However, internal operations (bank active, burst operations, etc.) are held. RAS, CAS AND WE (INPUT PINS): Although these pin names are the same as those of conventional DRAMs, they function in a different way. These pins define operation commands (read, write, etc.) depending on the combination of their voltage levels. For details, refer to the command operations section. A0 TO A12 (INPUT PINS): Row address (AX0 to AX12) is determined by A0 to A12 level at the bank active command cycle CLK rising edge. Column address (AY0 to AY8) is determined by A0 to A8 level at the read or write command cycle CLK rising edge. And this column address becomes burst access start address. A10 defines the precharge mode. When A10 = High at the precharge command cycle, all banks are precharged. But when A10 = Low at the precharge command cycle, only the bank that is selected by BA0/BA1 (BS) is pre charged. For details refer to the command operation section. BA0/BA1 (INPUT PINS): BA0/BA1 are bank select signals (BS). The memory array of the 48SD1616 is divided into bank 0, bank 1, bank 2 and bank 3. The 48SD1616 contains 8192-row X 512-column X 16-bit. If BA0 and BA1 is Low, bank 0 is selected. If BA0 is Low and BA1 is High, bank 1 is selected. If BA0 is High and BA1 is Low, bank 2 is selected. If BAO is High and BA1 is High, bank 3 is selected. CKE (INPUT PIN): This pin determines whether or not the next CLK is valid. If CKE is High, the next CLK rising edge is valid. If CKE is Low, the next CLK rising edge is invalid. This pin is used for power-down mode, clock suspend mode and self refresh mode1. DQMU/DQML (INPUT PINS): DQMU/DQML control input/output buffers Read operation: If DQMU/DQML is High, the output buffer becomes High-Z. If the DQMU/DQML is Low, the output buffer becomes Low-Z. ( The latency of DQMU/DQML during reading is 2 clock cycles.) Write operation: If DQMU/DQML is High, the previous data is held ( the new data is not written). If the DQMU/DQML is Low, the data is written. ( The latency of DQMU/DQML during writing is 0 clock cycles.) DQ0 TO DQ15 (DQ PINS): Data is input to and output from these pins ( DQ0 to DQ15). VCC AND VCCQ (POWER SUPPLY PINS): 3.3V is applied. ( VCC is for the internal circuit and VCCQ is for the output buffer.) VSS AND VSSQ (POWER SUPPLY PINS): Ground is connected. (VSS is for the internal circuit and VSSQ is for the output buffer.)
1. Self refresh should only be used at temperatures below 70 C.
01.07.05 REV 4
Memory
All data sheets are subject to change without notice
7
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
48SD1616
Command Operation
Command Truth Table The SDRAM recognizes the following commands specified by the CS, RAS, CAS, WE and address pins:
COMMAND Ignore command No Operation Column Address and Read command Read with auto-precharge Column Address and write command Write with auto-precharge Row address strobe and bank active Precharge select bank Precharge all banks Refresh Mode register set
SYMBOL DESL NOP READ READ A WRIT WRIT A ACTV PRE PALL REF/SELF MRS
N-1
N
CS H L L L L L L L L L L
RAS x H H H H H L L L L L
CAS x H L L L L H H H L L
WE x H H H L L H L L H L
BA0/ BA1 x x V V V V V V x x V
A10 x x L H L H V L H x V
A0 TO A12 x x V V V V V x x x V
H H H H H H H H H H H
x x x x x x x x x L x
Memory
Note: H: VIH L: VIL x VIH or VIL V: Valid address input Ignore command (DESL): When this command is set (CS = High), the SDRAM ignores command input at the clock. However, the internal status is held. No Operation (NOP): This command is not an execution command. However, the internal operations continue. Column address strobe and read command (READ): This command starts a read operation. In addition, the start address of a burst read is determined by the column address (AY0 to AY8) and the bank select address (BS). After the read operation, the output buffer becomes High-Z.
01.07.05 REV 4
All data sheets are subject to change without notice
8
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
48SD1616
Read with auto-precharge (READ A): This command automatically performs a precharge operation after a burst read with a burst length of 1, 2, 4, or 8. Column address strobe and write command (WRIT): This command starts a write operation. When the burst write mode is selected, the column address (AY0 to AY8) and the bank select address (BA0/BA1) become the burst write start address. When the single write mode is selected, data is only written to the location specified by the column address (AY0 to AY8) and bank select address(BA0/BA1). Write with auto-precharge (WRIT A): This command automatically performs a precharge operation after a burst write with a length of 1, 2, 4, or 8, or after a single write operation. Row address strobe and bank activate ( ACTV): This command activates the bank that is selected by BA0/BA1 (BS) and determines the row address (AX0 to AX12). When BA0 and BA1 are Low, bank 0 is activated. When BA0 is Low, and BA1 is High, bank 1 is activated. When BA0 is High and BA1 is Low, bank 2 is activated. When BA0 and BA1 are High, bank 3 is activated. Precharge select bank (PRE): This command starts precharge operation for the bank selected by BA0/ BA1. If BA0 and BA1 are Low, bank 0 is selected. If BA0 is Low and BA1 is High, bank 1 is selected. If BA0 is High and BA1 is Low, bank 2 is selected. If BA0 and BA1 are High, bank 3 is selected. Precharge all banks (PALL): This command starts a precharge operation for all banks. Refresh (REF/SELF): This command starts the refresh operation. There are two types of refresh operations; one is auto-refresh, and the other is self-refresh1. For details, refer to the CKE truth table section. Mode register set (MRS): The SDRAM has a mode register that defines how it operates. The mode register is specified by the address pins (A0 to A12, BA0 andBA1) at the mode register set cycle. For details, refer to the mode register configuration. After power on, the contents of the mode register are undefined, execute the mode register set command to set up the mode register.
Memory
1. Self refresh should only be used at temperatures below 70 C.
01.07.05 REV 4
All data sheets are subject to change without notice
9
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
DQMU/DQML Truth Table
COMMAND Upper byte (DQ8 to DQ15) write enable/output enable Lower byte (DQ0 to DQ7) write enable/output enable Upper byte (DQ8 to DQ15) write inhibit/output disable Lower byte (DQ0 to DQ7) write inhibit/output disable SYMBOL ENBU ENBL MASKU MASKL CKE=N-1 H H H H CKE=N x x x x
48SD1616
DQMU L x H x DQML x L x H
Note: H: VIH L: VIL x VIH or VIL Write: IDID is Needed Read: IDOD is Needed The SDRAM can mask input/output data by means of DQMU/DQML. DQMU masks the upper byte and DQML masks the lower byte. During reading, the output buffer is set to Low-Z by setting DQMU/DQML to Low, enabling data output. On the other hand, when DQMU/DQML is set High, the output buffer becomes High-Z, disabling data output. During writing, data is written by setting DQMU/DQML to Low. When DQMU/DQML is set to High, the previous data is held ( the new data is not written). Desired data can be masked during burst read or burst write by setting DQMU/DQML. For more details, refer to the DQMU/DQML control section of the SDRAM operating instructions.
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
10
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
CKE Truth Table
CURRENT STATE Active Any Clock Suspend Idle Idle Idle Power down entry Self Refresh Power down Power down exit Self Refresh exit (SELFX) COMMAND Clock suspended mode entry Clock Suspend Clock Suspend mode exit Auto-refresh command (REF) Self-refresh entry (SELF)
N-1 N
48SD1616
RAS x x x L L H x H H x CAS x x x L L H x H H x WE x x x H H H x H H x ADDRESS x x x x x x x x x x
CS x x x L L L HL L L H
H L L H H H H L L L
L L H H L L L H H H
Note: H:VIH L:VIL x VIH or VIL
Memory
Clock suspend mode entry: The SDRAM enters clock suspend mode from active mode by setting CKE to Low. If a command is input in the clock suspend mode entry cycle, the command is valid. The clock suspend mode change depending on the current status (1 clock before) as described below. ACTIVE clock suspend: This suspend mode ignores inputs after the next clock by internally maintaining the bank active status. READ suspend and READ with Auto-precharge suspend: The data being output is held ( and continues to be output). WRITE suspend and WRIT with Auto-precharge suspended: In this mode, external signals are not accepted. However, the internal state is held. Clock suspend: During clock suspend mode, keep the CKE to Low. Clock suspend mode exit: The SDRAM exits from clock suspend mode by setting CKE to High during the clock suspend state. IDLE: In this state, all banks are not selected, and have completed precharge operation. Auto-refresh command (REF): When this command is input from the IDLE state, the SDRAM starts autorefresh operation. (The auto-refresh is the same as the CBR refresh of conventional DRAMs.) During the auto-refresh operation, refresh address and bank select address are generated inside the SDRAM. For every auto-refresh cycle, the internal address counter is updated. Accordingly, 8192 cycles are required to refresh the entire memory contents. Before executing the auto-refresh command, all the banks must be in
01.07.05 REV 4
All data sheets are subject to change without notice
11
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
48SD1616
the IDLE state. In addition, since the precharge for all banks is automatically performed after auto-refresh, no precharge command is required after auto-refresh. Self Refresh entry (SELF)1: When this command is input during the IDLE state, the SDRAM starts selfrefresh operation. After the execution of this command, self-refresh continues while CKE is Low. Since selfrefresh is performed internally and automatically, external refresh operations are unnecessary.1 Power down mode entry: When this command is executed during the IDLE state, the SDRAM enters power down mode. In power down mode, power consumption is suppresses by cutting off the initial input circuit. Self-refresh exit: When this command is executed during self-refresh mode, the SDRAM can exit from selfrefresh mode. After exiting from self-refresh mode, the SDRAM enters the IDLE state. Power down exit: When this command is executed at power down mode, the SDRAM can exit from power down mode. After exiting from power down mode, the SDRAM enters the IDLE state.
Memory
1. Self refresh should only be used at temperatures below 70 C.
01.07.05 REV 4
All data sheets are subject to change without notice
12
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Function Truth Table
48SD1616
The following function table shows the operations that are performed when each command is issued in each mode of the SDRAM. The following table assumes that CKE is High.
CURRENT STATE Precharge CS H L L L L L L L Idle H L L L L L L L Row active H L L L L L L L RAS x H H H L L L L x H H H L L L L x H H H L L L L CAS x H L L H H L L x H L L H H L L x H L L H H L L WE x H H L H L H L x H H L H L H L x H H L H L H L ADDRESS x x BA, CA, A10 BA, CA, A10 BA, RA BA, A10 x MODE x x BA, CA, A10 BA, CA, A10 BA, RA BA, A10 x MODE x x BA, CA, A10 BA, CA, A10 BA, RA BA, A10 x MODE COMMAND DESL NOP READ/READ A WRIT/WRIT A ACTV PRE, PALL REF, SELF MRS DESL NOP READ/READ A WRIT/WRIT A ACTV PRE, PALL REF, SELF MRS DESL NOP READ/READ A WRIT/WRIT A ACTV PRE, PALL REF, SELF MRS OPERATION Enter IDLE after tRP Enter IDLE after tRP ILLEGAL1 ILLEGAL1 ILLEGAL1 NOP2 ILLEGAL ILLEGAL
Memory
NOP NOP ILLEGAL3 ILLEGAL3 Bank and row active NOP Refresh Mode register set NOP NOP Begin read Begin write Other bank active ILLEGAL on same bank4 Precharge ILLEGAL ILLEGAL
01.07.05 REV 4
All data sheets are subject to change without notice
13
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
CURRENT STATE READ CS H L L L L L L L Read with autoprecharge H L L L L L L L Write H L L L L L L L RAS x H H H L L L L x H H H L L L L x H H H L L L L CAS x H L L H H L L x H L L H H L L x H L L H H L L WE x H H L H L H L x H H L H L H L x H H L H L H L ADDRESS x x BA, CA, A10 BA, CA, A10 BA, RA BA, A10 x MODE x x BA, CA, A10 BA, CA, A10 BA, RA BA, A10 x MODE x x BA, CA, A10 BA, CA, A10 BA, RA BA, A10 x MODE COMMAND DESL NOP READ/READ A WRIT/WRIT A ACTV PRE, PALL REF, SELF MRS DESL NOP READ/READ A WRIT/WRIT A ACTV PRE, PALL REF, SELF MRS DESL NOP READ/READ A WRIT/WRIT A ACTV PRE, PALL REF, SELF MRS
48SD1616
OPERATION Continue burst to end Continue burst to end Continue burst read to CAS latency and new read Term burst read/start write Other bank active ILLEGAL on same bank4 Term burst read and Precharge ILLEGAL ILLEGAL Continue burst to end and precharge Continue burst to end and precharge ILLEGAL1 ILLEGAL1 Other bank active ILLEGAL on same bank4 ILLEGAL1 ILLEGAL ILLEGAL Continue burst to end Continue burst to end Term burst and new read Term burst and new write Other bank active ILLEGAL on same bank4 Term burst write and precharge5 ILLEGAL ILLEGAL
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
14
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
CURRENT STATE Write with autoprecharge CS H L L L L L L L Refresh ( autorefresh) H L L L L L L RAS x H H H L L L L x H H H L L L CAS x H L L H H L L x H L L H H L WE x H H L H L H L x H H L H L H ADDRESS x x BA, CA, A10 BA, CA, A10 BA, RA BA, A10 x MODE x x BA, CA, A10 BA, CA, A10 BA, RA BA, A10 x MODE COMMAND DESL NOP READ/READ A WRIT/WRIT A ACTV PRE, PALL REF, SELF MRS DESL NOP READ/READ A WRIT/WRIT A ACTV PRE, PALL REF, SELF MRS
48SD1616
OPERATION Continue burst to end and precharge Continue burst to end and precharge ILLEGAL1 ILLEGAL1 Other bank active ILLEGAL on same bank4 ILLEGAL1 ILLEGAL ILLEGAL Enter IDLE after tRC Enter IDLE after tRC ILLEGAL3 ILLEGAL3
Memory
ILLEGAL3 ILLEGAL3 ILLEGAL ILLEGAL
L L L L 1. Illegal for same bank, except for another bank 2. NOP for same bank, except for another bank 3. Illegal for all banks 4. If tRRD is not satisfied, this operation is illegal
5. An interval of tDPL is required between the final valid data input and the precharge command
From PRECHARGE state, command operation To [DESL], [NOP]: When these commands are executed, the SDRAM enters the IDLE state after tRP has elapsed from the completion of precharge. From IDLE state, command operation To [DESL], [NOP], [PRE], or [PALL]: These commands result in no operation. To [ACTV]: The bank specified by the address pins and the ROW address is activated. To [REF], [SELF]: The SDRAM enters refresh mode (auto-refresh or self-refresh). To [MRS]: The synchronous DRAM enters the mode register set cycle. From ROW ACTIVE state, command operation To [DESL], [NOP]: These commands result in no operation. To [READ], [READ A]: A read operation starts. (However, an interval of tRCD is required.) To [WRIT], [WRIT A]: A write operation starts. (However, an interval of tRCD is required.)
01.07.05 REV 4
All data sheets are subject to change without notice
15
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
48SD1616
To [ACTV]: This command makes the other bank active. ( However, an interval of tRRD is required.) Attempting to make the currently active bank active results in an illegal command. To [PRE], [PALL]: These commands set the SDRAM to precharge mode. (However, an interval of tRAS is required.) From READ state, command operation To [DESL], [NOP]: These commands continue read operations until the operation is completed. To [READ], [READ A]: Data output by the previous read command continues to be output. After CAS latency, the data output resulting from the next command will start. To [WRIT], [WRIT A]: These commands stop a burst read, and start a write cycle. To [ACTV]: This command makes other banks bank active. (However, an interval of tRRD is required.) Attempting to make the currently active bank active results in an illegal command. To [PRE], [PALL]: These commands stop a burst read, and the SDRAM enters precharge mode. From READ with AUTO-PRECHARGE state, command operation To [DESL], [NOP]: These commands continue read operations until the burst operation is completed, and the SDRAM then enters precharge mode. To [ACTV]: This command makes other banks active. (However, an interval of tRRD is required.) Attempting to make the currently active bank active results in an illegal command. From WRITE state, command operation To [DESL], [NOP]: These commands continue write operations until the burst operation is completed. To [READ], [READ A]: These commands stop a burst and start a read cycle. To [WRIT], [WRIT A]: These commands stop a burst and start the next write cycle. To [ACTV]: This command makes the other bank active. (However, an interval of tRRD is required.) Attempting to make the currently active bank active results in an illegal command. To [PRE], [PALL]: These commands stop burst write and the SDRAM then enters precharge mode. From WRITE with AUTO-PRECHARGE state, command operation To [DESL], [NOP]: These commands continue write operations until the burst is completed, and the synchronous DRAM enters precharge mode. To [ACTV]: This command makes the other bank active. (However, an interval of tRRD is required.) Attempting to make the currently active bank active result in an illegal command. From REFRESH state, command operation To [DESL], [NOP]: After an auto-refresh cycle (after tRC) the SDRAM automatically enters the IDLE state.
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
16
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Simplified State Diagram
48SD1616
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
17
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Mode Register Configuration
48SD1616
The mode register is set by the input to the address pins (A0 to A12, BA0 and BA1) during mode register set cycles. The mode register consists of five sections, each of which is assigned to address pins. BA0, BA1, A11, A10, A12, A9, A8: (OPCODE): The SDRAM has two types of write modes. One is the burst write mode, and the other is the single write mode. These bits specify write mode. Burst read and burst write: Burst write is performed for the specified burst length starting from the column address specified in the write cycle. Burst read and single write: Data is only written to the column address specified during the write cycle, regardless of the burst length. A7: Keep this bit Low at the mode register set cycle. If this pin is high, the vender test mode is set.
Memory
A6, A5, A4: (LMODE): These pins specify the CAS latency. A3: (BT): A burst type is specified. A2, A1, A0: (BL): These pins specify the burst length.
01.07.05 REV 4
All data sheets are subject to change without notice
18
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Burst Sequence
48SD1616
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
19
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Operation of the SDRAM
The following section shows operation examples of 48SD1616.
48SD1616
Note: The SDRAM should be used according to the product capability ( See Pin Description and AC Characteristics.) Read/Write Operations: Bank Active: Before executing a read or write operation, the corresponding bank and the row address must be activated by the bank active (ACTV) command. An interval of tRCD is required between the bank active command input and the following read/write command input. Read operation: A read operation starts when a read command is input. The output buffer becomes Low-Z in the (CAS latency - 1) cycle after read command set. The SDRAM can perform a burst read operation.
Memory
The burst length can be set to 1, 2, 4, or 8. The start address for a burst read is specified by the column address and the bank select address (BA0/BA1) at the read command set cycle. In a read operation, data output starts after the number of clocks specified by the CAS latency. The CAS latency can be set to 2 or 3. When the burst length is 1, 2, 4, or 8, the DOUT buffer automatically becomes High-Z at the next clock after the successive burst-length data has been output. The CAS latency and burst length must be specified at the mode register.
01.07.05 REV 4
All data sheets are subject to change without notice
20
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
CAS Latency
48SD1616
Memory
Burst Length
01.07.05 REV 4
All data sheets are subject to change without notice
21
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
48SD1616
Write Operation: Burst write or single write mode is selected by the OPCODE (BA1, BA0, A12, A11, A10, A9, A8) of the mode register. 1. Burst write: A burst write operation is enabled by setting OPCODE (A9, A8) to (0, 0). A burst write starts in the same clock as a write command set. (The latency of data input is 0 clock.) The burst length can be set to 1, 2, 4, or 8, like burst read operations. The write start address is specified by the column address and the bank select address (BA0/BA1) at the write command set cycle.
Memory
2. Single write: A single write operation is enabled by setting OPCODE ( A9, A8) to (1, 0). In a single write operation, data is only written to the column address and the bank select address (BA0/BA1) specified by the write command set cycle without regard to the burst length setting. ( The latency of data input is 0 clock.)
01.07.05 REV 4
All data sheets are subject to change without notice
22
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Auto Precharge
48SD1616
Read with auto-precharge: In this operation, since precharge is automatically performed after completing a read operation, a precharge command need not be executed after each read operation. The command executed for the same bank after the execution of this command must be the bank active (ACTV) command. In addition, an interval defined by IARP is required before execution of the next command.
CAS latency
3 2
Precharge start cycle
2 cycles before the final data is output 1 cycle before the final data is output
Burst Read (Burst Length = 4)
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
23
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
48SD1616
Write with auto-precharge: In this operation, since precharge is automatically preformed after completing a burst write or single write operation, a precharge command need not be executed after each write operation. The command executed for the same bank after the execution of this command must be the bank active (ACTV) command. In addition, an interval of IAPW is required between the final valid data input and input of next command. Burst Write (Burst Length = 4)
Memory
Single Write
01.07.05 REV 4
All data sheets are subject to change without notice
24
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Command Intervals
READ command to READ command interval
48SD1616
1. Same bank, same ROW address: When another read command is executed at the same ROW address of the same bank as the preceding read command execution, the second read can be performed after an interval of no less than 1 clock. Even when the first command is a burst read that is not yet finished, the data read by second command will be valid. READ to READ Command Interval (Same ROW address in same bank)
Memory
2. Same bank, different ROW address: When the ROW address changes on the same bank, consecutive read commands cannot be executed; it is necessary to separate the two read commands with a precharge command and a bank-active command. 3. Different bank: When the bank changes, the second read can be performed after an interval of no less than 1 clock, provided that the other bank is in the bank-active state. Even when the first command is a burst read that is not yet finished, the data read by the second command will be valid. READ to READ Command Interval ( Different Bank)
01.07.05 REV 4
All data sheets are subject to change without notice
25
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Write command to Write command interval:
48SD1616
1. Same bank, same ROW address: When another write command is executed at the same ROW address of the same bank as the preceding write command, the second write can be performed after as interval of no less than 1 clock. In the case of burst writes, the second write command has priority. Write to Write Command Interval (Same ROW address in same bank)
Memory
2. Same bank, different ROW address: When the ROW address changes, consecutive write commands cannot be executed; it is necessary to separate the two write commands with a precharge command and a bank-active command. 3. Different bank: When the bank changes, the second write can be performed after an interval of no less than 1 clock, provided that the other bank is in the bank-active state. In the case of burst write, the second write command has priority. WRITE to WRITE Command Interval (Different bank)
01.07.05 REV 4
All data sheets are subject to change without notice
26
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Read command to Write command Interval:
48SD1616
1. Same bank, same ROW address: When the write command is executed at the same ROW address of the same bank as the preceding read command, the write command can be performed after an interval of no less than 1 clock. However, DQMU/DQML must be set High so the output buffer becomes High-Z before data input. READ to WRITE Command Interval (1)
Memory
READ to WRITE Command Interval (2)
2. Same bank, different ROW address: When the ROW address changes, consecutive write commands cannot be executed; it is necessary to separate the two commands with a precharge command and a bankactive command. 3. Different bank: When the bank changes, the write command can be performed after an interval of no less than 1 cycle, provided that the other bank is in the bank-active state. However, DQMU/DQML must be set High so that the output buffer becomes High-Z before data input.
01.07.05 REV 4
All data sheets are subject to change without notice
27
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Write command to READ command interval:
48SD1616
1. Same bank, same ROW address: When the read command is executed at the same ROW address of the same bank as the preceding write command, the read command can be performed after an interval of no less than 1 clock. However, in the case of a burst write, data will continue to be written until one clock before the read command is executed. WRITE to READ Command Interval (1)
Memory
Write to READ Command Interval (2)
2. Same bank, different ROW address: When the ROW address changes, consecutive read commands cannot be executed; it is necessary to separate the two commands with a precharge command and a bankactive command. 3. Different bank: When the bank changes, the read command can be performed after an interval of no less than 1 clock, provided that the other bank is in the bank-active state. However, in the case of a burst write, data will continue to be written until one clock before the read command is executed (as in the case of the same bank and the same address).
01.07.05 REV 4
All data sheets are subject to change without notice
28
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Read with Auto Precharge to READ command interval
48SD1616
1. Different bank: When some banks are in the active state, the second read command ( another bank) is executed. Even when the first read with auto-precharge is a burst read that is not yet finished, the data read by the second command is valid. The interval auto-precharge of one bank starts at the next clock of the second command. Read with Auto Precharge to Read Command Interval (Different Bank)
Memory
2. Same Bank: The consecutive read command (the same bank) is illegal. Write with Auto Precharge to Write command interval 1. Different bank: When some banks are in the active state, the second write command (another bank) is executed. In the case of burst writes, the second write command has priority. The internal auto-precharge of one bank starts at the next clock of the second command. Write with Auto Precharge to Write Command Interval (Different bank)
2. Same bank: The consecutive write command ( the same bank) is illegal.
01.07.05 REV 4
All data sheets are subject to change without notice
29
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Read with Auto Precharge to Write command interval
48SD1616
1. Different bank: When some banks are in the active state, the second write command (another bank) is executed. However, DQMU/DQML must be set High so that the output buffer becomes High-Z before data input. The internal auto-precharge of one bank starts at the next clock of the second command. Read with Auto Precharge to Write Command Interval (Different bank)
Memory
2. Same bank: The consecutive write command from read with auto precharge ( the same bank) is illegal. It is necessary to separate the two commands with a bank active command.
01.07.05 REV 4
All data sheets are subject to change without notice
30
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Write with Auto Precharege to Read command interval
48SD1616
1. Different bank: When some banks are in the active state, the second read command (another bank) is executed. However, in the case of a burst write, data will continue to be written until one clock before the read command is executed. The internal auto precharge of one bank starts at the next clock of the second command. Write with Auto Precharge to Read command Interval (Different bank)
Memory
2. Same Bank: The consecutive read command from write with auto precharge (the same bank) is illegal. It is necessary to separate the two commands with a bank active command.
01.07.05 REV 4
All data sheets are subject to change without notice
31
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Read command to Precharge command Interval (same bank)
48SD1616
When the precharge command is executed for the same bank as the read command that preceded it, the minimum interval between the two commands is one clock. However, since the output buffer than becomes High-Z after the clock defined by IHZP , there is a case of interruption to burst read data. Output will be interrupted if the precharge command is input during burst read. To read all data by burst read, the clocks defined by IEP must be assured as an interval from the final data output to precharge command execution. READ to PRECHARGE command Interval (same bank: To output all data) CAS Latency = 2, Burst Length = 4
Memory
CAS Latency = 3, Burst Length = 4
01.07.05 REV 4
All data sheets are subject to change without notice
32
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Read to Precharge command Interval (same bank): To stop output data CAS Latency = 2, Burst Length = 1, 2, 4, 8
48SD1616
CAS Latency = 3, Burst Length = 1, 2, 4, 8
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
33
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
48SD1616
Write command to Precharge command interval (same bank): When the precharge command is executed for the same bank as the write command that preceded it, the minimum interval between the two commands is 1 clock. However, if the burst write operation is unfinished, the data must be masked by means of DQMU/DQML for assurance of the clock defined by tDPL. WRITE to PRECHARGE Command Interval (same bank) Burst Length = 4 (To stop write operation)
Memory
Burst Length = 4 (To write to all data)
01.07.05 REV 4
All data sheets are subject to change without notice
34
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Bank active command interval:
48SD1616
1. Same bank: The interval between the two bank-active commands must be no less than tRC. 2. In the case of different bank-active commands: The interval between the two bank-active commands must be no less than tRRD. Bank Active to Bank Active for Same Bank
Memory
Bank Active to Bank Active for Different Bank
01.07.05 REV 4
All data sheets are subject to change without notice
35
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
48SD1616
Mode register set to Bank-active interval: The interval between setting the mode register and executing a bank-active command must be no less than IRSA.
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
36
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
DQMU/DQML Control
48SD1616
The DQMU and DQML mask the upper and lower bytes of the DQ data respectively. The timing of DQMU/ DQML is different during reading and writing. Reading: When data is read, the output buffer can be controlled by DQMU/DQML. By setting DQMU/DQML to Low, the output buffer becomes Low-Z, enabling data output. By setting DQMU/DQML to High, the output buffer becomes High-Z and the corresponding data is not output. However, internal reading operations continue. The latency of DQMU/DQML during reading is 2 clocks. Writing: Input data can be masked by DQMU/DQML. By setting DQMU/DQML to Low, data can be written. In addition, when DQMU/DQML is set to High, the corresponding data is not written, and previous data is held. The latency of DQMU/DQML during writing is 0 clock. Reading
Memory
Writing
01.07.05 REV 4
All data sheets are subject to change without notice
37
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Refresh
48SD1616
Auto-Refresh: All the banks must be precharged before executing an auto-refresh command. Since the auto-refresh command updates the internal counter every time it is executed and determines the banks and the ROW addresses to be refreshed, external address specification is not required. The refresh cycle is 8192 cycles/6.4 ms. (8192 cycles are requires to refresh all the ROW addresses.) The output buffer becomes High-Z after auto-refresh start. In addition, since a precharge has been completed by an internal operation after the auto-refresh, an additional precharge operation by the precharge command is not required. Self-refresh1: After executing a self-refresh command, the self-refresh operation continues while CKE is held Low. During self-refresh operation, all ROW addresses are refreshed by the internal refresh timer. A self-refresh is terminated by a self-refresh exit command. Before and after self-refresh mode, execute autorefresh to all refresh addresses in or within 6.4 ms period on the condition (1) and (2) below. (1) Enter self-refresh mode within 7.8 us after either burst refresh or distributed refresh at equal interval until all refresh addresses are completed. (2) Start burst refresh or distributed refresh at equal interval to all refresh addreses within 7.8 us after exiting from self-refresh mode. Others Power-down mode: The SDRAM enters power-down mode when CKE goes Low in the IDLE state. In power-down mode, power consumption is suppressed by deactivating the input initial circuit. Power-down mode continues while CKE is held Low. In addition, by setting CKE to High, the SDRAM exits from the power-down mode, and command input is enabled from the next clock. In this mode, internal refresh is not performed. Clock suspend mode: By driving CKE to Low during a bank-active or read/write operation, the SDRAM enters clock suspend mode. During clock suspend mode, external input signals are ignored and the internal state is maintained. When CKE is driven High, the SDRAM terminates clock suspend mode, and command input is enabled from the next clock. For more details, refer to the "CKE Truth Table". Power-up sequence: The SDRAM should use the following sequence during power-up: The CLK, CKE, CS, DQMU/DQML and DQ pins stay low until power stabilizes. The CLK pin is stable within 100ms after power stabilizes before the following initialization sequence. The CKE and DQMU/DQML is driven high between when power stabilizes and the initialization sequence. This SDRAM has VCC clamp diodes for CLK, CKE, CS, DQMU/DQML and DQ pins. If these pins go high before power up, the large current flows from these pins to VCC through the diodes.
Memory
1. Self refresh should only be used at temperatures below 70 C
01.07.05 REV 4
All data sheets are subject to change without notice
38
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
48SD1616
Initialization sequence: When 200ms or more has past after the power up sequence, all banks must be precharged using the precharge command (PALL). After tRP delay, set 8 or more auto refresh commands (REF). Set the mode register set command (MRS) to initialize the mode register. It is recommended that by keeping DQMU/DQML and CKE High, the output buffer becomes High-Z during initialization sequence, to avoid DQ bus contention on a memory system formed with a number of devices.
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
39
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
48SD1616
72-PIN RAK-PAK(R) FLAT PACKAGE
DIMENSION SYMBOL MIN A b c D E E1 E2 E3 e F1 F2 L Q S .017 .005 .030 .125 .136 .006 .006 1.035 .735 -.574 1.790 NOM .150 .008 .008 1.050 .748 -.580 1.808 .025 .035 .130 .400 .022 .096 .027 -.040 .135 MAX .164 .010 .010 1.065 .761 1.085 .586 1.813
Note: All dimensions in inches.
01.07.05 REV 4
48SD1616 Memory
All data sheets are subject to change without notice
40
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM
Important Notice:
48SD1616
These data sheets are created using the chip manufacturer's published specifications. Maxwell Technologies verifies functionality by testing key parameters either by 100% testing, sample testing or characterization. The specifications presented within these data sheets represent the latest and most accurate information available to date. However, these specifications are subject to change without notice and Maxwell Technologies assumes no responsibility for the use of this information. Maxwell Technologies' products are not authorized for use as critical components in life support devices or systems without express written approval from Maxwell Technologies. Any claim against Maxwell Technologies must be made within 90 days from the date of shipment from Maxwell Technologies. Maxwell Technologies' liability shall be limited to replacement of defective parts.
Memory
01.07.05 REV 4
All data sheets are subject to change without notice
41
(c)2005 Maxwell Technologies All rights reserved.
256Mb (4-Meg X 16-Bit X 4-Banks) SDRAM PRODUCT ORDERING OPTIONS
48SD1616
Model Number 48SD1616 RP F X Feature Option Details
Screening Flow
Hybrid1 K= Maxwell Self-Defined Class K H= Maxwell Self-Defined Class H I = Industrial (testing @ -55C, +25C, +125C) E = Engineering (testing @ +25C)
Memory
Package
F = Flat Pack
Radiation Feature
RP = RAD-PAK(R) package
Base Product Nomenclature
256Mb (4-Meg X 16-Bit X 4Banks) SDRAM
1) Products are manufatured to Maxwell Technologies self-defined Class H and Class K flows.
01.07.05 REV 4
All data sheets are subject to change without notice
42
(c)2005 Maxwell Technologies All rights reserved.


▲Up To Search▲   

 
Price & Availability of 48SD1616RPFK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X