Part Number Hot Search : 
BM324 LVCH16 40N25 B1200RU 1N5742C 60116 LVC157A 2SC5250
Product Description
Full Text Search
 

To Download 413101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 413101 Visible Light Detector with Analog and Digital Outputs
DESCRIPTION
The 413101 is a low cost 4-pin visible light sensor, with a current output which is directly proportional to the light level. It has a built in optical filter to provide a response which is close to the human eye, or "photopic". It also has a digital output to provide on/off switching, with hysteresis to prevent flicker. The output current can be converted to a voltage by connecting it in series with a resistor. The dynamic range is determined by the external resistor and power supply (e.g. 10K and 5V gives a range of 0 to over 250 Lux, but can be up to 1000 lux with a 1K resistor). The internal dark current cancellation enables high accuracy over the full temperature range, even at low light levels.
FEATURES
* * * * * * * * * * Near human eye photopic response High IR rejection - integrated optical filter Current output highly linear vs light level 1uA per lux current output External resistor sets linear lux range Temperature stable Integrated high gain photo-current amplifier Dark-current cancellation Digital output for on/off switching Hysteresis to prevent flicker close to switching threshold
APPLICATIONS
* * * * Dawn/dusk sensing Security lighting Night-lights LCD backlight control
1.0 Basic application & test circuit
Figure A Supply The 413101 is supplied as probed wafers.Failing die are marked with black ink-dots.
VDD 413101 ADJ VADJ RSS
DIG_OUT VSS On/Off Signal
Pin Description VDD - Positive supply ADJ - Adjust (analog output) VSS - Ground DIG_OUT - Digital output (on/off signal)
Preliminary Datasheet
Revision A
Page 1 of 12
This document is the property of Semefab (Scotland) Ltd and is furnished in confidence and upon the condition that it is neither copied nor released to a third party without prior consent.
413101 Visible Light Detector with Analog and Digital Outputs
2.0 FUNCTIONAL DESCRIPTION
Refer to the block diagram Figure B. Light falling on the 413101 is converted to current by the photodiode PD1. PD2 is also a photodiode but it is covered by a metal layer so that it will not respond to light. At normal temperatures the dark current is very low, however at high temperatures without the dark current cancelling circuit it would become a significant source of error especially at low light levels. The dark current from PD2 is subtracted from the dark current and photo-current of PD1, the resultant current is multiplied by a linear high gain current amplifier and the multiplied current is available as source current from the ADJ pin. The photodiodes are covered by a multi-layer optical filter, which removes the IR light. With this optical filter the 413101 has an approximately "eye like" or photopic spectral response. The primary function of the 413101 is to convert light to an output current at ADJ pin. The source current from the ADJ pin is proportional to the illumination on the device, at approximately 1uA per Lux. The 413101 has additional circuits to provide a digital ON/OFF output at the DIG_OUT pin in response to the voltage at the ADJ pin. The current out of the ADJ pin will normally be converted to a voltage by a resistor between ADJ and ground. A 10K resistor would provide a 10mV/lux output voltage at the ADJ pin. The internal resistor chain sets threshold voltages at the inputs of the comparators COMP1 and COMP2. The positive input of COMP1 is set to 0.15*VDD and the negative input of COMP2 to 0.1* VDD. When the voltage on the ADJ pin is less than 0.1*VDD the flip-flop (U1/U2) is set and the DIG_OUT pin is switched high. When the voltage on the ADJ pin is higher than 0.15* VDD, the flip-flop is reset and the DIG_OUT pin is switched low. This "hysteresis" prevents flickering of lamps or chattering of relays when the light level at the sensor is close to the switching threshold.
Preliminary Datasheet
Revision A
Page 2 of 12
This document is the property of Semefab (Scotland) Ltd. And is furnished in confidence and upon the condition that it is neither copied or released to a third party without prior consent.
413101 Visible Light Detector with Analog and Digital Outputs
Figure B - Block Diagram
3.0 ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply input voltage Supply current Operating Temperature, TO Storage Temperature, TS RATING -0.3 to 10 Internally limited -40C to +85C -40C to +100C UNITS V mA C C
Preliminary Datasheet
Revision A
Page 3 of 12
This document is the property of Semefab (Scotland) Ltd. And is furnished in confidence and upon the condition that it is neither copied or released to a third party without prior consent.
413101 Visible Light Detector with Analog and Digital Outputs
4.0 ELECTRICAL SPECIFICATION
The following parameters apply over the operating temperature range -40oC to +85 oC, and with RSS=10 K-Ohms and VDD= 5V, as per figure A.
Parameter Infra Red response Minimum operational voltage ADJUST current
Symbol
Test conditions 900nm
Min
Typ 1 1.8 1.3 300 100 10 <1 170
Max 5
Units % of peak V V uA uA uA nA nA
VDD-VSS IADJ
300 Lux, Iss= 300uA 50 Lux, Iss= 50uA 300 Lux 100 Lux 10 Lux 0 Lux, Ta=25oC 0 Lux, Ta=85 C
o
ADJUST Dark Current Gain Linearity Peak spectral response Sensitive area ADJUST threshold voltage for switching of DIG_OUT Low to high transition on DIG_OUT High to low transition on DIG_OUT DIG_OUT source current DIG_OUT sink current Useable light range
IADJ(DARK)
-10 520 0.054
10
% nm mm2
VLH VHL IOUT_SOURCE IOUT_SINK
Fading light level Increasing light level VDIG_OUT = VDD - 0.8V VDIG_OUT = 0.8V Vss & Vdd dependant 1
0.1 x VDD 0.15 x VDD 2.4 2.2 1000
V V mA mA Lux
Note that with a lower Rss resistance connected between the ADJ pin and ground, the linear light response range can be greatly increased - up to 1000 Lux. See graph on page 6.
Preliminary Datasheet
Revision A
Page 4 of 12
This document is the property of Semefab (Scotland) Ltd. And is furnished in confidence and upon the condition that it is neither copied or released to a third party without prior consent.
413101 Visible Light Detector with Analog and Digital Outputs
3.1 Characteristic Curves
Photopic
412101
Response vs wavelength
100% 90% 80%
Relative Response (%)
70% 60% 50% 40% 30% 20% 10% 0% 300 400 500 600 700 Wavelength (nm) 800 900 1000 1100
V ADJ vs Light Level V DD = 5V, RSS = 10kOhms 5 4.5 4 3.5 3
V SS (V)
2.5 2 1.5 1 0.5 0 0 50 100 150 200 Light Level (Lux) 250 300 350 400
Preliminary Datasheet
Revision A
Page 5 of 12
This document is the property of Semefab (Scotland) Ltd. And is furnished in confidence and upon the condition that it is neither copied or released to a third party without prior consent.
413101 Visible Light Detector with Analog and Digital Outputs
Vss versus Lux level Vdd= 5V, Rss= 1K Ohms
0.9 0.8 0.7 0.6
Vss (V)
0.5 0.4 0.3 0.2 0.1 0 0 200 400 Lux
5 Volts & 5 Lux, Rss = 10k 5 Volts & 50 Lux, Rss = 10k
600
800
1000
Vss vs Temperature 0.6 0.5 0.4
Vss (Volts)
0.3 0.2 0.1 0.0 0 10 20 30 40 50 60 70 80 90 Temperature (C)
Preliminary Datasheet
Revision A
Page 6 of 12
This document is the property of Semefab (Scotland) Ltd. And is furnished in confidence and upon the condition that it is neither copied or released to a third party without prior consent.
413101 Visible Light Detector with Analog and Digital Outputs
413101 Dark Leakage vs Temperature
200 180 160 140 120 100 80 60 40 20 0 0 20 40 Temp (C) 60 80
Preliminary Datasheet
leakage (nA)
Revision A
Page 7 of 12
This document is the property of Semefab (Scotland) Ltd. And is furnished in confidence and upon the condition that it is neither copied or released to a third party without prior consent.
413101 Visible Light Detector with Analog and Digital Outputs
DIG_OUT low (sinking)
6 5
I SINK (mA)
VDD= 3V VDD= 5V VDD= 10V
4 3 2 1 0 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
VDIG_OUT (V)
DIG_OUT high (sourcing)
6 5
I SOURCE (mA)
VDD= 3V VDD= 5V VDD= 10V
4 3 2 1 0 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
VDD - VDIG_OUT (V)
Preliminary Datasheet
Revision A
Page 8 of 12
This document is the property of Semefab (Scotland) Ltd. And is furnished in confidence and upon the condition that it is neither copied or released to a third party without prior consent.
413101 Visible Light Detector with Analog and Digital Outputs
4.0 Application Examples
Note : If the 413101 package has a lens in front of the chip then this will affect the photo sensitivity. The photo sensitivity will also be affected by factors relating to the location of the 413101 in the finished product plastic housings. In some applications the device may sit behind a domed lens which is part of the plastic housing. This lens will increase the photo current and may require a change to the resistor RSS which set the photo sensitivity or switching point. The resistors suggested in the application circuit examples assume that there is no lens on the package and no lens on the housing. Automatic Night Light The circuit in FIG1 shows how the 413101 can be used in a Night Light. The power supply to the ASIC is approximately 5VDC. The DIG_OUT pin will be high when the light on the sensor is less than the lower threshold VLH. The DIG_OUT pin will be low when the light on the sensor is higher than the upper threshold VHL. At the lower threshold VLH : IADJ * R1 = 0.1 * VDD (1) At the upper threshold VHL : IADJ * R1 = 0.15 * VDD (2) The output source current from the ADJ pin (IADJ) is approximately 1uA/Lux. Example. VDD = 5V. The light is required to switch ON when illumination at sensor < 20Lux, and switch OFF when illumination at sensor > 30 Lux With 20 Lux illumination on the sensor IADJ = 20uA, Using formula (1) above, R1 = 25K. R3 limits the current flow to the gate of the SCR. This circuit should be suitable for logic SCRs however the gate current should not be too high or it will hold down the VDD supply. LED Drivers FIG2A shows how the 413101 can be used to drive an LED. The output of the ASIC switches high and the LED is switched ON when the light level on the sensor generates a voltage on ADJ pin < VLH. R2 limits the base current into TR1. R3 sets the LED current according to the supply voltage. In this circuit, TR1 can be a low cost switching transistor because the 413101 output is a logic signal. The switching thresholds VLH and VHL are controlled by R1. At the lower threshold VLH : IADJ * R1 = 0.1 * VDD At the upper threshold VHL : IADJ * R1 = 0.15 * VDD It is assumed in the following example that IADJ = 1uA/lux. This will vary depending on the location and the use of lenses etc. Example :VDD = 5V. The lower threshold will be 30 lux, and the upper threshold will be 45 lux. 30 Lux will provide 30uA at the ADJ pin. 0.1 * VDD = 0.5 30uA * R1 = 0.5 R1 = 16.6K (nearest standard value = 18K) FIG 2B . In this circuit the LED will switch ON when light on the sensor is higher than VHL and switch off when the light on the sensor is lower than VLH. The PNP transistor TR1 switches ON when the ASIC output is low. Preliminary Datasheet Revision A Page 9 of 12
This document is the property of Semefab (Scotland) Ltd. And is furnished in confidence and upon the condition that it is neither copied or released to a third party without prior consent.
413101 Visible Light Detector with Analog and Digital Outputs
Relay Driver Fig 3A. The 413101 has a push-pull output (DIG_OUT) which switches high when the light is below VLH. DIG_OUT can source approximately 2mA with a 5V supply. R2 limits the base current into TR1. The switch ON threshold is calculated from IADJ * R1 = 0.1 * VDD , where IADJ = 1uA/lux The switch off threshold is calculated from IADJ * R1 = 0.15 * VDD The max value of IADJ is limited by R1 Fig 3B In this circuit the relay coil is energised when the DIG_OUT pin of 413101 is low. This will happen when the illumination > VHL Interface Circuit Examples Fig 4A shows a possible interface to a microprocessor circuit. The analogue output from the ADJ pin is connected to an A/D input port of the micro. The voltage across R1 will vary linearly with the light level. Without a lens, the source current from the ADJ pin is approximately 1uA/Lux so if R1 = 10K, the voltage at the A/D input will vary at 10mv/lux. The analogue port of the micro can then be programmed to read the light level at the sensor. The digital output from the ASIC is connected to a digital input port of the micro, which would allow the port to sense when the light changes between the upper and lower switching thresholds. Typical applications with a microprocessor input could be to control the backlight for the display of a laptop computer or mobile phone. Fig 4B. The 413101 has a push- pull CMOS digital output which allows it to interface directly to CMOS logic. The OUT pin is high when the voltage at ADJ < 0.1*VDD. The OUT pin is low when the voltage at ADJ is > 0.15VDD.
Preliminary Datasheet
Revision A
Page 10 of 12
This document is the property of Semefab (Scotland) Ltd. And is furnished in confidence and upon the condition that it is neither copied or released to a third party without prior consent.
413101 Visible Light Detector with Analog and Digital Outputs
413101
413101
413101
413101
413101
Preliminary Datasheet
Revision A
Page 11 of 12
This document is the property of Semefab (Scotland) Ltd. And is furnished in confidence and upon the condition that it is neither copied or released to a third party without prior consent.
413101 Visible Light Detector with Analog and Digital Outputs
413101
413101
Preliminary Datasheet
Revision A
Page 12 of 12
This document is the property of Semefab (Scotland) Ltd. And is furnished in confidence and upon the condition that it is neither copied or released to a third party without prior consent.


▲Up To Search▲   

 
Price & Availability of 413101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X