Part Number Hot Search : 
EVQWK D640S N10A0 EC000899 MAZL100H MAX17545 P4SMA51 63310
Product Description
Full Text Search
 

To Download 412MR2C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED SPECIFICATION 412MR2C
Features/
Single color/ High bright output/ Large view angle/ Low power consumption/ High reliability and long life/
Descriptions/
Dice material/AlGaInP Emitting Color/ Super Bright Red/ Device Outline/ 5mm Round Type/ 5mm Lens Type Water Clear/
Big Radiation Angle:
1. All dimensions are millimeters/mm. 2. Tolerance is +/-0.25mm unless otherwise noted/0.25mm.
Page: 1 of 3
LED SPECIFICATION
412MR2C
Absolute maximum ratings/Ta = 25
Parameter Reverse Voltage Forward Current Power Dissipation Pulse Current Operating Temperature Storage Temperature Symbol VR IF Pd Ipeak Topr Tstr Test Condition IR = 30A ------Duty=0.1mS1kHz ------Values Min. 5 ----------20 -25 Max. -30 75 100 +85 +100 Unit V mA mW mA
Electrical and optical characteristics/Ta = 25
Parameter Forward Voltage Reverse Current Dominate Wavelength Peak Wavelength Spectral Line half-width Luminous Intensity Symbol VF IR d p IV Test Condition IF=20mA VR=5V IF=20mA IF=20mA IF=20mA IF=20mA Values Min. ---------------100---Typ. 2.0 ---624 632 20 Max. 2.5 30 ---------200 Unit V A nm nm nm mcd
Half Intensity angle: 130~170 degree
Page: 2 of 3
LED SPECIFICATION
412MR2C
Typical electrical/optical characteristic curves/
Fig.1 Vs.
50
Fig.2 Vs.
2.5
Forward Current(mA)
40 30 20 10 0 1.5 2.1 2.3 1.7 1.9 Forward Voltage(V) 2.5
Luminous Intensity Relative Value at IF=20mA
2.0
1.5 1.0 0.5 0 0 10 20 30 40 IF-Forward Current (mA) 50
Fig.3 Vs.
Relative Luminous Intensity
20 40 60 80 100 50
Fig.4 Vs.
2.5 2.0 1.5 1.0 0.5 0 -30 -10 10 30 50 70 90 Ambient Temperature TA ( )
Forward Current(mA)
40
30 20 10 0 0
Ambient Temperature TA ( )
Fig.5 Vs.
Relative Luminous Intensity
100
75 50 25
0
450
500
550
600
650
700
750
Wavelength (nm)
Page: 3 of 3


▲Up To Search▲   

 
Price & Availability of 412MR2C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X