Part Number Hot Search : 
4LVCH LMV931 C120503 KT835 ZJ24B 0103M 93LC56A 24VDC
Product Description
Full Text Search
 

To Download 41200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
HE
L
ON
P
OINT
(R)
S
YSTEM
DO-10 Digital Output Interface Module Model 41200
w Seamlessly integrates digital actuators into interoperable LONWORKS networks w 4 digital outputs: 0-12VDC w Separate hand/off/auto switch and status LED for each output w Flash memory: download via network w Network access from front panel jack w Two-piece design cuts installation time, cost w LNS Plug-In w U.L. Listed, cU.L. Listed, CE Mark, FCC, LONMARK enthalpy calculations on two analog inputs to generate analog and digital outputs. Type Translator functional blocks convert any input network variable type to any output network variable type using a configurable translation table. Using the LonMaker tool, the user links together the functional blocks of the DO-10 Module, other LonPoint modules, and other LONMARK and LONWORKS devices, to create an open distributed control system. Network design and configuration is simplified by the Visio(R) interface of the LonMaker tool, which can both import and export AutoCAD(R) files and generate asbuilt documentation. The user configures the DO-10 Module using the simple and intuitive interface provided by the LonPoint Plug-In.
LonPoint System
The LonPoint System is a family of products designed to integrate new and legacy sensors and actuators, as well as LONMARK(R) devices, into cost-effective, interoperable, control systems for building and industrial applications. In contrast to traditional control networks, which use closed islands of control linked with proprietary gateways, the LonPoint System offers an open distributed system architecture in which every device performs some control processing and can be accessed from any location in the network. Distributing the processing throughout the network and providing open access to every device lowers the overall installation and life cycle costs, increases reliability by minimizing single points of failure, and provides the flexibility to adapt the system to a wide variety of applications. The system consists of the LonPoint Interface, Scheduler, Data Logger, Router Modules, LonPoint Application Programs, LNSTM based LonMakerTM for Windows(R) Integration Tool, LonPoint Plug-In and LNS DDE Server.
Network Access Jack; use with Echelon PCC-10 Cable Model 78303
LonPoint Interface Model and Software Revision DO-10 1 0
1 2 3 4 UL
C
DO-10 Module
The DO-10 Module is a LONMARK a device that provides 4 digital outputs, 0-12V, 100mA source/sink maximum on any one output, 110mA source/400mA sink on all outputs combined. Separate hand/off/auto front panel DIP switches, and status LEDs, are provided for each output. The module operates from 16 to 30VAC or VDC, allowing it to be powered from the same sources as the actuators. Resident within the module is a powerful, configurable application program. The program includes a variety of software functional blocks (LONMARK objects) that define how the module will function. Digital Output functional blocks provide configurable debouncing, inversion, time-based processing, preset, override, and heartbeat control of the digital outputs. Digital Encoder functional blocks encode up to four digital values to produce configurable digital and mode outputs. Analog Function Blocks perform configurable logic, math, or
UL
US
MODEL 41200 972 SW VERSION 1 .0 ID NUMBER
LISTED 178K ENERGY MANAGEMENT EQUIPMENT SUBASMBLY
DO-10 MODEL 41200ID NUMBER
Peel-Off Code 39 Format Bar Code of LonPoint Interface Neuron Chip ID Number
DO-10 MODEL 41200ID NUMBER
Service LED Service Switch
Hand/Off/Auto Switch 1 ON (Hand) 0 OFF (Off) Network Controlled (Auto) Digital Output 1 Switch Digital Output 2 Switch Digital Output 3 Switch Digital Output 4 Switch
Power/Wink LED: Power/On: Illuminated Continuously Wink: Flashing Digital Output Status LEDs (LED function is user-programmed) Digital Output 1 LED Digital Output 2 LED Digital Output 3 LED Digital Output 4 LED
Moves, adds, and changes can be easily accommodated by downloading configuration changes into the LonPoint module's flash memory--either locally or via remote LONWORKS or Internet network connection.
Service LED
LonPoint Module
Base Plate
4" Square Electrical Box
LonPoint Interface Module 4 Square by 2 Deep Electrical Box Mounting Configuration
Type 1 Base Plate -- Front View
A unique, two-piece design allows pre-wiring and cable testing by an electrician prior to installation of the electronics; technician time can be reserved for tasks such as device configuration. Power and network wiring are looped through the base plate, providing the ability to replace modules by hotplugging without disrupting network operation. Polarity-insensitive power and network connections minimize the chance of miswiring, and the free topology design allows wiring to be run via the most convenient route. A front panel jack accesses the twisted pair network without any disassembly, saving time when the network must be accessed for configuration or maintenance. A front panel bar code with the model, revision, and two removable Neuron(R) ID stickers is provided. When placed on the building or system design plans, these stickers can save installation time, especially for inaccessible devices.
Type 1D DIN Base Plate
Mounting
The DO-10 may be used with either a Type 1 Base Plate (for use with 4" square electrical boxes) or a Type 1D DIN Base Plate (for panel, wall, or 35mm DIN-rail mounting).
Specifications
Function Processor/memory Service function I/O I/O isolation I/O connector Transceiver type Input power Mounting Temperature Humidity EMI Safety agency Functional blocks Software configuration Description Neuron 3150(R) Chip, 10MHz, 56K flash memory Recessed service switch, service (wink) LED. Dual tear-off bar-code Neuron ID self-adhesive tag 4 digital outputs, 0-12V, 100mA source/sink maximum on any one output, 110mA source/400mA sink on all outputs combined; separate status LEDs for each output; separate hand/off/auto front panel DIP switches for each output 100V, transformer isolation. Outputs are isolated from the input power and the network but not from each other 9 screw terminal, non-removable, wire clamp style, supports 12-24AWG (2 to 0.5mm) wire FTT-10A with blocking capacitors for compatibility with link power channel 16-30VAC or DC @ 3.2 to 6.5VA (25mA per output) depending on load, internally isolated power supply Type 1 Base Plate or Type 1D DIN Base Plate -40 to +85C, operating and non-operating 10 to 95% RH @ 50C FCC A, CE Mark U.L. 916 Node object (1), digital output open-loop actuator objects (4), digital encoder controller objects (2), analog function block controller objects (2), type translators (6) LONMARK configuration properties configured by an LNS plug-in. The LNS plug-in is compatible with LNS tools supporting the LNS plug-in standard, including the LonMaker for Windows Integration Tool Certified to meet LONMARK Interoperability Guidelines
LONMARK status Dimensions
3.9 x 3.9 x 1 (10cm x 10cm x 2.5cm)
Copyright (c) 1997-1999, Echelon Corporation. Echelon, LON, LONWORKS, LonBuilder, Nodebuilder, LonManager, LONMARK, LonPoint, LonTalk, LonUsers, Neuron, 3120, 3150, the Echelon logo, and the LonUsers logo are trademarks of Echelon Corporation registered in the United States and other countries. LonLink, LNS, LonResponse, LonSupport, and LonMaker are trademarks of Echelon Corporation. Other trademarks belong to their respective corporations. Disclaimer Neuron Chips, Free Topology Twisted Pair Transceiver Modules, and other OEM Products were not designed for use in equipment or systems which involve danger to human health or safety or a risk of property damage and Echelon assumes no responsibility or liability for use of the Neuron Chips or Free Topology Twisted Pair Transceiver Modules in such applications. ECHELON MAKES AND YOU RECEIVE NO WARRANTIES OR CONDITIONS, EXPRESS, IMPLIED, STATUTORY OR IN ANY COMMUNICATION WITH YOU, AND ECHELON SPECIFICALLY DISCLAIMS ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. Part # 003-0135-01C
www.echelon.com


▲Up To Search▲   

 
Price & Availability of 41200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X