![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
4117-2 Patent No. 29.6x18x20 Features Twin structure of 4117 type. Small size, light weight. Low coil power consumption. 95319882.0 PC board mounting. Ordering Information 4117-2 2C S 12VDC 1 2 3 4 3 EnclosureS: Sealed typeZ: Dust cover 4 Coil rated Voltage(V)DC:3,5,6,9,12,18,24 1 Part number4117-2 2 Contact arrangement2A:2A2C:2C 2U:2U2W:2W Contact Data Contact Arrangement Contact Material Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation Electrical life Mechanical 2A DPSTNO f2C DPDT(B-M) f2U DPSTNODM f2W DPDTNC-NO AgNi Ag SnO2 AgCdO 2Af2C: 10A/120VAC,28VDC ; 2Uf2W: 2x10A/120VAC, 28VDC 280W 1200VA 75VDC 380VAC Max. Switching Current:10A 50m Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7 Coil Parameter Coil voltage VDC Pickup voltage VDC(max) (75%of rated voltage ) 2.25 3.75 4.50 6.75 9.00 13.5 18.0 release voltage VDC(min) (10% of rated voltage) 0.3 0.5 0.6 0.9 1.2 1.8 2.4 2y1.0 10 5 Dash numbers Coil resistance 10% Coil power consumption W Operate Time ms Release Time ms Rated 003-1000 005-1000 006-1000 009-1000 012-1000 018-1000 024-1000 3 5 6 9 12 18 24 Max. 3.9 6.5 7.8 11.7 15.6 23.4 31.2 9y2 25y2 36y2 85y2 145 y2 324y2 576y2 CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. 117 www.dblectro.com 4117-2 Operation condition Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 100M min (at 500VDC) Item 7 of IEC255-5 Item 6 Item 6 1.27mm of IEC255-5 of IEC255-5 50Hz 750V 50Hz 1500V 100m/s2 11ms 10~40Hz double amplitude 10N 235x2 3x0.5s -40~85 85% (at 40) 20g IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca Qualification inspection: Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. Dimensions (Unit: mm) Dimensions Mounting (Bottom views) mm 0.3 1.4 2.1 2.4 3.81 4.0 5.08 8.89 10.16 18 20 29.6 >acCa 0.012 0.055 0.083 0.094 0.150 0.157 0.200 0.350 0.400 0.709 0.787 1.165 Wiring diagram(Bottom views) NOTES 1).Dimensions are in millimeter. 2).Inch equivalents are given for general information only. Reference Data www.dblectro.com |
Price & Availability of 4117-22WZ9VDC
![]() |