Part Number Hot Search : 
FF600 TDZ27J L7805T 1UC12 6020169 YAAMUA BD45231 ML9266
Product Description
Full Text Search
 

To Download 40D951K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATIONS
PRODUCT TYPE MODEL CITATION REVISION TOTAL PAGES RELEASED DATE
VARISTOR GNR40D K
M
B01 5 Feb. 06, 2002
PAGE1/5
REVISION HISTORY
NO 1 2 3 4 5 6 7 8 9 10 11 12 REV. DATE Feb. 06,2002 DCR NO. DESCRIPTION OF CHANGE NEW RELEASE REV. B01
Approved by
Checked by
Edited by
Yu-Chang Huang
Cloud Chen
Andy Chiang
TYPE CITATION SUBJECT
!
MODEL
!
PAGE
2/5
!
DATE REV.
! !
QUALITY APPROVAL and STRUCTURE
1. QUALITY SYSTEM APPROVAL
ISO9001 Certificate of approval No.97-HOU-AQ-1382
2. STRUCTURE
NO. 2.1 2.2 2.3 2.4 ITEM Main Material Marking Appearance Zinc Oxide GNR, Part number Without dirt and crack, marking should be clear
D(max.) H(max.) T(max.) F T 48.0 60.2
DESCRIPTION
Coating Material Epoxy Resin
(1)
25.4 0.5 0.5 0.1 16.5 3.18 7.0
2.5
Dimensions
L(min.) C(max.) W1(max.)
Unit: mm
(1) See Page 3, Dimensions Table
TYPE CITATION SUBJECT
!
MODEL
!
PAGE
3/5
!
DATE REV.
!
DIMENSIONS
Part No. 40D201K 40D241K 40D271K 40D331K 40D361K 40D391K 40D431K 40D471K 40D511K 40D621K 40D681K 40D751K 40D781K 40D821K 40D911K 40D951K 40D102K 40D112K
TABLE
Tmax. 7.8 8.2 8.6 9.0 9.3 9.6 10.0 10.5 10.7 11.4 11.9 12.5 12.7 13.2 14.0 14.5 15.0 16.0 Unit:mm
!
TYPE CITATION
!
MODEL
!
PAGE
4/5
!
DATE
!
SUBJECT
ELECTRICAL CHARACTERISTICS
REV.
!
3. ELECTRICAL CHARACTERISTICS
N0. ITEM PERFORMANCE TEST METHODS Unless otherwise specified, all tests are made under environmental conditions as given below: Temperature: 535 Relative humidity: 4585 % RH Maximum continuous sine wave(RMS) or DC voltage which may be applied. Voltage across the varistor measured at CmA DC.
VCmA at 85 VCmA at 25 VCmA at 25 x 1 60 x 100
3.0
Standard Conditions
3.1 3.2 3.3 3.4
Maximum Allowable Voltage Varistor Voltage Varistor Voltage Temperature Coefficient Max. Clamping Voltage
AC : (2) Vrms DC : (2) V V1mA : (2) V 0 -0.05 %/ (2) V at (2) A
3.5
Withstanding Surge Current
(2) A
3.6
Energy
(2) Joule
3.7
Surge Life
(2) A
Peak voltage across the varistor with a specified peak impulse current of 8x 20s waveform. The max. current within the varistor voltage change of less than 10% when one impulse current (8x 20s) applied. The max. current with a varistor voltage change of less than 10% when two times impulse current (8x 20s) are applied at intervals of 5 minutes. The max. energy absorbed with a varistor voltage change of less than 10% when one impulse(10 x 1000s) is applied. The max. current with a varistor voltage change of less than 10% when 10,000 times impulse current (8x 20s) are applied at intervals of 20 seconds at room temperature.
(2) See Page 5
TYPE CITATION
!
MODEL
!
PAGE
5/5
!
DATE
!
SUBJECT
ELECTRICAL CHARACTERISTICS
MAXIMUM ALLOWABLE VOLTAGE ACrms(V) DC(V) 170 200 225 275 300 320 350 385 415 505 560 615 640 670 745 765 825 895 VARISTOR VOLTAGE CLAMPING VOLTAGE (MAX.) (V) 340 395 455 550 595 650 710 775 845 1025 1120 1240 1290 1355 1500 1570 1650 1815 Ip(A) SURGE CURRENT (8/20s) Itm(A)
1 TIME 2 TIMES
REV.
!
PART NUMBER
MAXIMUM SURG ENERGY (10/1000s) Wtm(joule) 310 360 390 460 475 490 550 600 640 720 750 780 820 900 960 1000 1055 1155 E LIFE (A)
(V) 185225 216264 243297 297363 324396 351429 387473 423517 459561 558682 612748 675825 702858 738902 8191001 8851045 9001100 9901210
40D201K 40D241K 40D271K 40D331K 40D361K 40D391K 40D431K 40D471K 40D511K 40D621K 40D681K 40D751K 40D781K 40D821K 40D911K 40D951K 40D102K 40D112K
130 150 175 210 230 250 275 300 320 385 420 460 485 510 550 575 625 680
250
40000 25000
500


▲Up To Search▲   

 
Price & Availability of 40D951K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X