Part Number Hot Search : 
295V5 C8881 40008 K4042 PC400 01QRA 15KPA70A LM4041
Product Description
Full Text Search
 

To Download 400UR80D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I2059 rev. C 03/03
400U(R) SERIES
STANDARD RECOVERY DIODES Stud Version
Features
Wide current range High surge current capabilities Stud cathode and stud anode version Standard JEDEC types
400A
Typical Applications
Converters Power supplies Machine tool controls High power drives
Major Ratings and Characteristics
Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz I2t @ 50Hz @ 60Hz V RRM range TJ
400U/R
400 120 630 8250 8640 340 311 800 to 1600 - 40 to 200
Units
A C A A A KA2s KA2s V C
case style DO-205AB (DO-9)
www.irf.com
1
400U(R) Series
Bulletin I2059 rev. C 03/03
ELECTRICAL SPECIFICATIONS Voltage Ratings
Voltage Type number Code
80 400U(R) 120 160
VRRM , maximum repetitive peak reverse voltage V
800 1200 1600
VRSM , maximum nonrepetitive peak rev. voltage V
900 1300 1700
IRRM max.
@ TJ = TJ max.
mA
15
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Case temperature I F(RMS) Max. RMS forward current I FSM Max. peak, one-cycle forward, non-repetitive surge current
400U(R)
400 120 630 8250 8640 6940 7270
Units Conditions
A C A DC @ 110C case temperature t = 10ms A t = 8.3ms t = 10ms t = 8.3ms t = 10ms KA2s t = 8.3ms t = 10ms t = 8.3ms KA2s No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = TJ max. 180 conduction, half sine wave
I 2t
Maximum I2t for fusing
340 311 241 220
I 2 t
Maximum I2t for fusing
3400 0.77
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max.
V F(TO)1 Low level value of threshold voltage V F(TO)2 High level value of threshold voltage r f1 r f2 V FM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop
V 0.85 (I > x IF(AV)),TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. m 0.49 1.62 V (I > x IF(AV)),TJ = TJ max. Ipk= 1500A, TJ = TJ max, tp = 10ms sinusoidal wave
0.49
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC RthCS T wt Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Max. allowed mounting torque 10% Approximate weight Case style
400U(R)
-40 to 200 -40 to 200 0.15 0.04 27 250
Units
C
Conditions
K/W Nm g
DC operation Mounting surface, smooth, flat and greased Not lubricated threads
DO-205AB (DO-9)
See Outline Table
2
www.irf.com
400U(R) Series
Bulletin I2059 rev. C 03/03
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
0.020 0.023 0.029 0.042 0.073
Rectangular conduction Units
0.013 0.023 0.031 0.044 0.074 K/W
Conditions
TJ = TJ max.
Ordering Information Table
Device Code
40
1
0
2
U
3
R
4
160
5
D
6
1 2 3 4 5 6
-
40 0 U
= Essential Part Number = Standard Recovery Device = Stud Normal Polarity (Cathode to Stud)
None = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) Voltage code: Code x 10 = VRRM (See Voltage Ratings table) Diffused diode NOTE: For Metric device M16 x 1.5 Contact Factory
Outline Table
Conforms to JEDEC DO-205AB (DO-9)
All dimensions in millimeters (inches)
* FOR METRIC DEVICE: M16 X 1.5 CONTACT FACTORY
www.irf.com
3
400U(R) Series
Bulletin I2059 rev. C 03/03
Maximum Allowable Case Temperature (C)
200 190 180 170 160 150 140 130 120 110 100 90 80 0
Maximum Allowable Case Temperature (C)
200 190 180 170 160 150 140 130 120
30 60 90 120 DC 180
400U/R
400U/R
Conduction Angle
Conduction Period
180 120 30 60 90
110 0 100 200 300 400 500
Average Forward Current (A) Fig. 2 - Current Ratings Characteristics
50 100 150 200 250 300 350 400 450
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Maximum Average Forward Power Loss (W)
550 500 450 400 350 300 250 200 150 100
Conduction Angle 180 120 90 60 30 RMS Limit
1 0.
= SA Rth
0. 2
W K/
K/ W
0.3 K/ W 0.4 K/W
/W 4K 0.0 R elta -D
0.6 K/W
1 K/ W
1.8 K/W
50 400U/R 0 10 50 100 150 200 250 300 350 400 450 30 50 70 90 110 130 150 170 190
Average Forward Current (A) Maximum Allowable Ambient Temperature (C) Fig. 3 - Forward Power Loss Characteristics
Maximum Average Forward Power Loss (W)
800 700 600 500 400 300 200 100 0 50 150 250 350
400U/R
RMS Limit Conduction Period DC 180 120 90 60 30
A hS Rt = /W 4K 0.0 aR elt -D
0.1 K/ W
0.2 K/ W
0.3 K/W 0.4 K/W 0.6 K/W 1 K/W
1.8 K/W
450
550
650 30 50 70 90 110 130 150 170 190 10
Maximum Allowable Ambient Temperature (C)
Average Forward Current (A)
Fig. 4 - Forward Power Loss Characteristics
4
www.irf.com
400U(R) Series
Bulletin I2059 rev. C 03/03
Peak Half Sine Wave Forward Current (A)
8000 7000 6000 5000 4000 3000 2000 1
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = 190C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
9000 8000 7000 6000 5000 4000 3000 2000
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial Tj = 190C No Voltage Reapplied Rated Vrrm Reapplied
400U/R
400U/R
10
100
1000 0.01
0.1
Pulse Train Duration (s)
1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
10000
Instantaneous Forward Current (A)
400U/R
1000
Tj = 25C Tj = 190C
100 0.5
1
1.5
2
2.5
Instantaneous Forward Voltage (V) Fig. 7 - Forward Voltage Drop Characteristics
Transient Thermal Impedance ZthJC (K/W)
1
Steady State Value: RthJC = 0.15 K/W (DC Operation)
0.1
0.01
400U/R
0.001 0.001
0.01
0.1
Square Wave Pulse Duration (s)
1
10
Fig. 8 - Thermal Impedance Z thJC Characteristic
www.irf.com
5
400U(R) Series
Bulletin I2059 rev. C 03/03
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/03
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 400UR80D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X