Part Number Hot Search : 
EPVP6300 GABJ506 P1252 10010 65110 SN102 A473Y HCPL2411
Product Description
Full Text Search
 

To Download 3KP220CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
3KP180 - 3KP220CA
Pb
3000W TRANSIENT VOLTAGE SUPPRESSOR
Features
! ! ! ! ! ! ! Glass Passivated Die Construction A 3000W Peak Pulse Power Dissipation 180V - 220V Standoff Voltage A B Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Plastic Case Material has UL Flammability Classification Rating 94V-O D
C
Mechanical Data
! ! ! !
!
!
Case: P-600, Molded Plastic Terminals: Axial Leads, Solderable per MIL-STD-750, Method 2026 Polarity: Cathode Band Except Bi-Directional Marking: Type Number Weight: 2.10 grams (approx.) Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 5
P-600 Dim Min Max 25.4 -- A 8.60 9.10 B 1.20 1.30 C 8.60 9.10 D All Dimensions in mm "C" Suffix Designates Bi-directional Devices "A" Suffix Designates 5% Tolerance Devices No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics
Characteristic Peak Pulse Power Dissipation at TA = 25C (Note 1, 2, 5) Figure 3 Peak Forward Surge Current (Note 3) Peak Pulse Current on 10/1000S Waveform (Note 1) Figure 1 Steady State Power Dissipation (Note 2, 4) Operating and Storage Temperature Range
@TA=25C unless otherwise specified
Symbol PPPM IFSM IPPM PM(AV) Tj, TSTG
Value 3000 Minimum 250 See Table 1 8.0 -55 to +175
Unit W A A W C
Note: 1. Non-repetitive current pulse per Figure 1 and derated above TA = 25C per Figure 4. 2. Mounted on 20mm2 copper pad. 3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum. 4. Lead temperature at 75C. 5. Peak pulse power waveform is 10/1000S.
3KP180 - 3KP220CA
1 of 5
(c) 2006 Won-Top Electronics
100,000
IP, PEAK PULSE CURRENT (%Ipp)
tr = 10s
Tj = 25C
Cj, CAPACITANCE (pF)
100
Peak Value Ipp
10,000
Measured at Zero Bias
Half Value Ipp/2
50
1000
Measured at Stand-Off Voltage VR
tp
0
10 X 1000 Waveform as defined by R.E.A.
100
0
1
2
3
1
10
100
200
t, TIME (ms) Fig. 1 Pulse Waveform
VRWM, REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Junction Capacitance
1000 PP, PEAK PULSE POWER (kW)
100
10
1.0 0.1 1.0 10 100 1000 10,000 TP, PULSE WIDTH (s) Fig. 3 Pulse Derating Curve
PD , STEADY STATE POWER DISSIPATION (W)
100
8.0
Single Phase Half-Wave 60Hz Resistive or Inductive Load
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
75
6.0
50
4.0
L = 9.5 mm
25 10 X 1000 Waveform as defind by REA 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 4 Pulse Derating Curve
2.0
20 x 20 x 1 mm Cu
0 0 25 50 75 100 125 150 175 200 TL , LEAD TEMPERATURE (C) Fig. 5 Steady State Power Derating
3KP180 - 3KP220CA
2 of 5
(c) 2006 Won-Top Electronics
UNI-DIRECTIONAL 3000 WATT AXIAL LEAD TVS
UNI-DIRECTIONAL PART NUMBER
3KP180 3KP180A 3KP190 3KP190A 3KP200 3KP200A 3KP210 3KP210A 3KP220 3KP220A
REVERSE STAND-OFF VOLTAGE VRWM (V)
180.00 180.00 190.00 190.00 200.00 200.00 210.00 210.00 220.00 220.00
BREAKDOWN VOLTAGE VBR (V) MIN. @IT
198.00 198.00 209.00 209.00 220.00 220.00 231.00 231.00 242.00 242.00
BREAKDOWN VOLTAGE VBR (V) MAX. @IT
253.80 230.40 267.90 243.20 282.00 256.00 296.10 268.80 310.20 281.60
TEST PEAK PULSE REVERSE MAXIMUM CLAMPING CURRENT CURRENT LEAKAGE VOLTAGE @Ipp Vc (V) IT (mA) Ipp (A) @VRWM IR (uA)
1 1 1 1 1 1 1 1 1 1 322.0 292.0 340.0 308.0 358.0 324.0 376.0 340.0 394.0 356.0 9.3 10.3 8.8 9.7 8.4 9.3 7.8 8.8 7.6 8.4 5 5 5 5 5 5 5 5 5 5
BI-DIRECTIONAL 3000 WATT AXIAL LEAD TVS
BI-DIRECTIONAL PART NUMBER
3KP180C 3KP180CA 3KP190C 3KP190CA 3KP200C 3KP200CA 3KP210C 3KP210CA 3KP220C 3KP220CA
REVERSE STAND-OFF VOLTAGE VRWM (V)
180.00 180.00 190.00 190.00 200.00 200.00 210.00 210.00 220.00 220.00
BREAKDOWN VOLTAGE VBR (V) MIN. @IT
198.00 198.00 209.00 209.00 220.00 220.00 231.00 231.00 242.00 242.00
BREAKDOWN VOLTAGE VBR (V) MAX. @IT
253.80 230.40 267.90 243.20 282.00 256.00 296.10 268.80 310.20 281.60
TEST PEAK PULSE REVERSE MAXIMUM CLAMPING CURRENT CURRENT LEAKAGE VOLTAGE @Ipp Vc (V) IT (mA) Ipp (A) @VRWM IR (uA)
1 1 1 1 1 1 1 1 1 1 322.0 292.0 340.0 308.0 358.0 324.0 376.0 340.0 394.0 356.0 9.3 10.3 8.8 9.7 8.4 9.3 7.8 8.8 7.6 8.4 5 5 5 5 5 5 5 5 5 5
3KP180 - 3KP220CA
3 of 5
(c) 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
0.8mm MAX
10mm
Cathode
3KPxx WTE
3KPxx WTE
= Polarity Band Except = Bi-Directional Types = Device Number = Manufacturer's Logo
1.2mm MAX
6mm 52.4mm Cathode Tape: Red Anode Tape: White
0.8mm MAX
PACKAGING INFORMATION
TAPE & REEL
BULK
330mm
50mm 210mm
85mm
Product ID Label
805mm
Packaging TAPE & REEL BULK
Reel Diameter / Box Size (mm) 330 210 x 85 x 50
Quantity (PCS) 800 250
Carton Size (mm) 370 x 370 x 420 500 x 255 x 275
Quantity (PCS) 4,000 7,000
Approx. Gross Weight (KG) 12.0 17.0
Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E.
3KP180 - 3KP220CA
4 of 5
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
3KPxx-T3 3KPxx
1. 2. 3.
Package Type
P-600 P-600
Shipping Quantity
800/Tape & Reel 250 Units/Box
Products listed in bold are WTE Preferred devices. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version, add "-LF" suffix to part number above. For example, 3KP180-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
3KP180 - 3KP220CA
5 of 5
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of 3KP220CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X