Part Number Hot Search : 
470M1 M62712ML XHXXXX MJF127 4HCT3 STM32 000CFN16 GS1AE
Product Description
Full Text Search
 

To Download 3KP06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
3KP SERIES
Pb
3000W TRANSIENT VOLTAGE SUPPRESSOR
Features
! ! ! ! ! ! ! Glass Passivated Die Construction A 3000W Peak Pulse Power Dissipation 5.0V - 170V Standoff Voltage A B Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Plastic Case Material has UL Flammability Classification Rating 94V-O D
C
Mechanical Data
! ! ! !
!
!
Case: P-600, Molded Plastic Terminals: Axial Leads, Solderable per MIL-STD-750, Method 2026 Polarity: Cathode Band Except Bi-Directional Marking: Type Number Weight: 2.10 grams (approx.) Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 6
P-600 Dim Min Max 25.4 -- A 8.60 9.10 B 1.20 1.30 C 8.60 9.10 D All Dimensions in mm "C" Suffix Designates Bi-directional Devices "A" Suffix Designates 5% Tolerance Devices No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics
Characteristic Peak Pulse Power Dissipation at TA = 25C (Note 1, 2, 5) Figure 3 Peak Forward Surge Current (Note 3) Peak Pulse Current on 10/1000S Waveform (Note 1) Figure 1 Steady State Power Dissipation (Note 2, 4) Operating and Storage Temperature Range
@TA=25C unless otherwise specified
Symbol PPPM IFSM IPPM PM(AV) Tj, TSTG
Value 3000 Minimum 250 See Table 1 8.0 -55 to +175
Unit W A A W C
Note: 1. Non-repetitive current pulse per Figure 1 and derated above TA = 25C per Figure 4. 2. Mounted on 20mm2 copper pad. 3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum. 4. Lead temperature at 75C. 5. Peak pulse power waveform is 10/1000S.
3KP SERIES
1 of 6
(c) 2006 Won-Top Electronics
100,000
IP, PEAK PULSE CURRENT (%Ipp)
tr = 10s
Tj = 25C
Cj, CAPACITANCE (pF)
100
Peak Value Ipp
10,000
Measured at Zero Bias
Half Value Ipp/2
50
1000
Measured at Stand-Off Voltage VR
tp
0
10 X 1000 Waveform as defined by R.E.A.
100
0
1
2
3
1
10
100
200
t, TIME (ms) Fig. 1 Pulse Waveform
VRWM, REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Junction Capacitance
1000 PP, PEAK PULSE POWER (kW)
100
10
1.0 0.1 1.0 10 100 1000 10,000 TP, PULSE WIDTH (s) Fig. 3 Pulse Derating Curve
PD , STEADY STATE POWER DISSIPATION (W)
100
8.0
Single Phase Half-Wave 60Hz Resistive or Inductive Load
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
75
6.0
50
4.0
L = 9.5 mm
25 10 X 1000 Waveform as defind by REA 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 4 Pulse Derating Curve
2.0
20 x 20 x 1 mm Cu
0 0 25 50 75 100 125 150 175 200 TL , LEAD TEMPERATURE (C) Fig. 5 Steady State Power Derating
3KP SERIES
2 of 6
(c) 2006 Won-Top Electronics
UNI-DIRECTIONAL 3000 WATT AXIAL LEAD TVS
UNI-DIRECTIONAL PART NUMBER
3KP5.0 3KP5.0A 3KP6.0 3KP6.0A 3KP6.5 3KP6.5A 3KP7.0 3KP7.0A 3KP7.5 3KP7.5A 3KP8.0 3KP8.0A 3KP8.5 3KP8.5A 3KP9.0 3KP9.0A 3KP10 3KP10A 3KP11 3KP11A 3KP12 3KP12A 3KP13 3KP13A 3KP14 3KP14A 3KP15 3KP15A 3KP16 3KP16A 3KP17 3KP17A 3KP18 3KP18A 3KP20 3KP20A 3KP22 3KP22A 3KP24 3KP24A 3KP26 3KP26A 3KP28 3KP28A 3KP30 3KP30A 3KP33 3KP33A 3KP36 3KP36A 3KP40 3KP40A 3KP43 3KP43A 3KP45 3KP45A 3KP48 3KP48A 3KP51 3KP51A 3KP54 3KP54A 3KP58 3KP58A 3KP60 3KP60A 3KP64 3KP64A 3KP70 3KP70A 3KP75 3KP75A 3KP78 3KP78A 3KP85 3KP85A 3KP90 3KP90A 3KP100 3KP100A 3KP110 3KP110A 3KP120 3KP120A 3KP130 3KP130A 3KP150 3KP150A 3KP160 3KP160A 3KP170 3KP170A
REVERSE STAND-OFF VOLTAGE VRWM (V)
5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00
BREAKDOWN VOLTAGE VBR (V) MIN. @IT
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.99 8.99 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00
BREAKDOWN VOLTAGE VBR (V) MAX. @IT
7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.30 10.23 11.92 10.82 12.60 11.50 14.10 12.80 15.40 14.00 16.90 15.30 18.20 16.50 19.80 17.90 21.10 19.20 22.60 20.50 23.90 21.70 25.30 23.30 28.10 25.50 30.90 28.00 33.80 30.70 36.60 33.20 39.40 35.80 42.20 38.30 46.50 42.20 50.70 46.00 56.30 51.10 60.50 54.90 63.30 57.50 67.50 61.30 71.80 65.20 76.00 69.00 81.60 74.10 84.50 76.70 90.10 81.80 98.60 89.50 105.70 95.80 109.80 99.70 119.20 108.20 126.50 115.50 141.00 128.00 154.50 140.50 169.00 153.00 182.50 165.50 211.50 192.50 226.00 205.00 239.50 217.50
TEST PEAK PULSE REVERSE MAXIMUM CLAMPING CURRENT CURRENT LEAKAGE VOLTAGE @Ipp Vc (V) IT (mA) Ipp (A) @VRWM IR (uA)
10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.6 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 269.0 243.0 287.0 259.0 304.0 275.0 312.5 326.0 263.2 291.3 243.9 267.9 225.6 250.0 209.8 232.6 220.0 220.6 188.8 208.4 177.4 194.8 159.6 176.4 149.2 184.8 136.4 150.6 126.0 139.4 116.2 129.4 111.6 123.0 104.2 115.4 98.4 106.6 93.2 102.8 83.8 92.6 76.2 84.4 69.8 77.2 64.4 71.2 60.0 66.0 56.0 62.0 50.4 56.2 46.6 51.6 42.0 46.4 39.2 43.2 37.4 41.2 35.0 38.8 37.0 36.4 31.2 34.4 29.2 32.0 28.0 31.0 26.4 29.2 24.0 26.6 22.4 24.8 21.6 22.8 19.8 20.8 18.8 20.6 16.6 18.6 15.4 16.8 14.0 15.6 13.0 14.4 11.2 12.4 10.4 11.6 9.8 11.0 1000 1000 1000 1000 500 500 200 200 100 100 50 50 25 25 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
3KP SERIES
3 of 6
(c) 2006 Won-Top Electronics
BI-DIRECTIONAL 3000 WATT AXIAL LEAD TVS
BI-DIRECTIONAL PART NUMBER
3KP5.0C 3KP5.0CA 3KP6.0C 3KP6.0CA 3KP6.5C 3KP6.5CA 3KP7.0C 3KP7.0CA 3KP7.5C 3KP7.5CA 3KP8.0C 3KP8.0CA 3KP8.5C 3KP8.5CA 3KP9.0C 3KP9.0CA 3KP10C 3KP10CA 3KP11C 3KP11CA 3KP12C 3KP12CA 3KP13C 3KP13CA 3KP14C 3KP14CA 3KP15C 3KP15CA 3KP16C 3KP16CA 3KP17C 3KP17CA 3KP18C 3KP18CA 3KP20C 3KP20CA 3KP22C 3KP22CA 3KP24C 3KP24CA 3KP26C 3KP26CA 3KP28C 3KP28CA 3KP30C 3KP30CA 3KP33C 3KP33CA 3KP36C 3KP36CA 3KP40C 3KP40CA 3KP43C 3KP43CA 3KP45C 3KP45CA 3KP48C 3KP48CA 3KP51C 3KP51CA 3KP54C 3KP54CA 3KP58C 3KP58CA 3KP60C 3KP60CA 3KP64C 3KP64CA 3KP70C 3KP70CA 3KP75C 3KP75CA 3KP78C 3KP78CA 3KP85C 3KP85CA 3KP90C 3KP90CA 3KP100C 3KP100CA 3KP110C 3KP110CA 3KP120C 3KP120CA 3KP130C 3KP130CA 3KP150C 3KP150CA 3KP160C 3KP160CA 3KP170C 3KP170CA
REVERSE STAND-OFF VOLTAGE VRWM (V)
5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00
BREAKDOWN VOLTAGE VBR (V) MIN. @IT
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.99 8.99 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00
BREAKDOWN VOLTAGE VBR (V) MAX. @IT
7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.30 10.23 11.92 10.82 12.60 11.50 14.10 12.80 15.40 14.00 16.90 15.30 18.20 16.50 19.80 17.90 21.10 19.20 22.60 20.50 23.90 21.70 25.30 23.30 28.10 25.50 30.90 28.00 33.80 30.70 36.60 33.20 39.40 35.80 42.20 38.30 46.50 42.20 50.70 46.00 56.30 51.10 60.50 54.90 63.30 57.50 67.50 61.30 71.80 65.20 76.00 69.00 81.60 74.10 84.50 76.70 90.10 81.80 98.60 89.50 105.70 95.80 109.80 99.70 119.20 108.20 126.50 115.50 141.00 128.00 154.50 140.50 169.00 153.00 182.50 165.50 211.50 192.50 226.00 205.00 239.50 217.50
TEST PEAK PULSE REVERSE MAXIMUM CLAMPING CURRENT CURRENT LEAKAGE VOLTAGE @Ipp Vc (V) IT (mA) Ipp (A) @VRWM IR (uA)
10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.6 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 269.0 243.0 287.0 259.0 304.0 275.0 312.5 326.0 263.2 291.3 243.9 267.9 225.6 250.0 209.8 232.6 220.0 220.6 188.8 208.4 177.4 194.8 159.6 176.4 149.2 184.8 136.4 150.6 126.0 139.4 116.2 129.4 111.6 123.0 104.2 115.4 98.4 106.6 93.2 102.8 83.8 92.6 76.2 84.4 69.8 77.2 64.4 71.2 60.0 66.0 56.0 62.0 50.4 56.2 46.6 51.6 42.0 46.4 39.2 43.2 37.4 41.2 35.0 38.8 37.0 36.4 31.2 34.4 29.2 32.0 28.0 31.0 26.4 29.2 24.0 26.6 22.4 24.8 21.6 22.8 19.8 20.8 18.8 20.6 16.6 18.6 15.4 16.8 14.0 15.6 13.0 14.4 11.2 12.4 10.4 11.6 9.8 11.0 2000 2000 2000 2000 1000 1000 400 400 200 200 100 100 50 50 20 20 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
3KP SERIES
4 of 6
(c) 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
0.8mm MAX
10mm
Cathode
3KPxx WTE
3KPxx WTE
= Polarity Band Except = Bi-Directional Types = Device Number = Manufacturer's Logo
1.2mm MAX
6mm 52.4mm Cathode Tape: Red Anode Tape: White
0.8mm MAX
PACKAGING INFORMATION
TAPE & REEL
BULK
330mm
50mm 210mm
85mm
Product ID Label
805mm
Packaging TAPE & REEL BULK
Reel Diameter / Box Size (mm) 330 210 x 85 x 50
Quantity (PCS) 800 250
Carton Size (mm) 370 x 370 x 420 500 x 255 x 275
Quantity (PCS) 4,000 7,000
Approx. Gross Weight (KG) 12.0 17.0
Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E.
3KP SERIES
5 of 6
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
3KPxx-T3 3KPxx
1. 2. 3.
Package Type
P-600 P-600
Shipping Quantity
800/Tape & Reel 250 Units/Box
Products listed in bold are WTE Preferred devices. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version, add "-LF" suffix to part number above. For example, 3KP5.0-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
3KP SERIES
6 of 6
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of 3KP06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X