Part Number Hot Search : 
HMC968 1N5927B SMPJ175 1200E70 L6918D L4959 BF1109WR PT6608
Product Description
Full Text Search
 

To Download 3D7424D-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3D7424
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7424)
FEATURES
* * * * * * * * * * * Four indep't programmable lines on a single chip All-silicon CMOS technology Low quiescent current (5mA typical) Leading- and trailing-edge accuracy Vapor phase, IR and wave solderable Increment range: 0.75ns through 400ns Delay tolerance: 3% or 2ns (see Table 1) Line-to-line matching: 1% or 1ns typical Temperature stability: 1.5% typical (-40C to 85C) Vdd stability: 0.5% typical (4.75V to 5.25V) Minimum input pulse width: 10% of total delay
I1 SC I2 I3 I4 SI GND 1 2 3 4 5 6 7
PACKAGES
14 13 12 11 10 9 8 VDD AL O1 SO O2 O3 O4
I1 SC I2 I3 I4 SI GND 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD AL O1 SO O2 O3 O4
DIP-14 3D7424-xx
SOIC-14 3D7424D-xx
For mechanical dimensions, click here. For package marking details, click here.
FUNCTIONAL DESCRIPTION
The 3D7424 device is a small, versatile, quad 4-bit programmable monolithic delay line. Delay values, programmed via the serial interface, can be independently varied over 15 equal steps. The step size (in ns) is determined by the device dash number. Each input is reproduced at the corresponding output without inversion, shifted in time as per user selection. For each line, the delay time is given by: TDn = T0 + An * TI
PIN DESCRIPTIONS
I1-I4 O1-O4 AL SC SI SO VDD GND Signal Inputs Signal Outputs Address Latch In Serial Clock In Serial Data In Serial Data Out 5.0V Ground
where T0 is the inherent delay, An is the delay address of the n-th line and TI is the delay increment (dash number). The desired addresses are shifted into the device via the SC and SI inputs, and the addresses are latched using the AL input. The serial interface can also be used to enable/disable each delay line. The 3D7424 operates at 5 volts and has a typical T0 of 6ns. The 3D7424 is TTL/CMOS-compatible, capable of sourcing or sinking 4mA loads, and features both rising- and falling-edge accuracy. The device is offered in a standard 14-pin autoinsertable DIP and a space saving surface mount 14-pin SOIC.
TABLE 1: PART NUMBER SPECIFICATIONS
Part Number 3D7424-.75 3D7424-1 3D7424-1.5 3D7424-2 3D7424-4 3D7424-5 3D7424-10 3D7424-15 3D7424-20 3D7424-40 3D7424-50 3D7424-100 3D7424-200 3D7424-400 DELAYS & TOLERANCES (NS) Delay Inherent Total Relative Step Delay Delay Tolerance .75 0.19 6.0 2.0 17.25 2.0 3% or 0.50ns 1.0 0.25 6.0 2.0 21.0 2.0 3% or 0.50ns 1.5 0.38 6.0 2.0 28.5 2.0 3% or 0.50ns 2.0 0.50 6.0 2.0 36.0 2.0 3% or 0.75ns 4.0 1.00 6.0 2.0 66.0 2.0 3% or 0.75ns 5.0 1.25 6.0 2.0 81.0 2.5 3% or 0.75ns 10 2.50 6.0 2.0 156 5.0 3% or 1.25ns 15 3.75 6.0 2.0 231 7.5 3% or 1.88ns 20 5.00 6.0 2.0 306 10 3% or 2.50ns 40 10.0 6.0 2.0 606 20 3% or 5.00ns 50 10.0 6.0 2.0 756 25 3% or 6.25ns 100 12.5 6.0 2.0 1506 50 3% or 12.5ns 200 20.0 6.0 2.0 3006 100 3% or 25.0ns 400 40.0 6.0 2.0 6006 200 3% or 50.0ns INPUT RESTRICTIONS Max Frequency Min Pulse Width Recom'd Absolute Recom'd Absolute 19 MHz 166 MHz 26 ns 3.0 ns 16 MHz 166 MHz 32 ns 3.0 ns 12 MHz 111 MHz 43 ns 4.5 ns 9.2 MHz 83 MHz 54 ns 6.0 ns 5.0 MHz 83 MHz 99 ns 6.0 ns 4.1 MHz 66 MHz 122 ns 7.5 ns 2.1 MHz 33 MHz 234 ns 15.0 ns 1.4 MHz 22 MHz 347 ns 22.5 ns 1.0 MHz 16 MHz 459 ns 30.0 ns 550 KHz 8.3 MHz 909 ns 60.0 ns 440 KHz 6.6 MHz 1.2 us 75.0 ns 220 KHz 3.3 MHz 2.3 us 150 ns 110 KHz 1.6 MHz 4.5 us 300 ns 55 KHz 833 KHz 9.0 us 600 ns
NOTE: Any increment between 0.75ns and 400ns not shown is also available as standard See page 4 for details regarding input restrictions 2006 Data Delay Devices
Doc #06019
6/5/2006
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
1
3D7424
APPLICATION NOTES
THEORY OF OPERATION
The quad 4-bit programmable 3D7424 device architecture is comprised of four independently operating delay lines. Each delay line produces at its output a replica of the signal present at its input, shifted in time. A single delay line is comprised of a number of delay cells connected in series. Delay selection is achieved by routing one output in each string of cells to its respective output pin (O1-O4). The delay of each of the four lines can be controlled independently, via the serial interface, as described in the next section. The change in delay from one address setting to the next is called the increment, or LSB. It is nominally equal to the device dash number. The minimum delay, achieved by setting the address of a line to zero, is called the inherent delay. For best performance, it is essential that the power supply pin be adequately bypassed and filtered. In addition, the power bus should be of as low an impedance construction as possible. Power planes are preferred. Also, signal traces should be kept as short as possible.
DELAY LINE DELAY LINE DELAY LINE DELAY LINE
ADDR4 AL SI SC ADDR3 ADDR2 ADDR1 ENABLES
PROGRAMMED DELAY INTERFACE
Figure 1 illustrates the main functional blocks of the 3D7424 device. Since the device is a CMOS design, all unused input pins must be returned to well defined logic levels (VDD or GND). The delays are adjusted by first shifting a 20-bit programming word into the device via the SC and SI pins, then strobing the AL signal to latch the values. The bit sequence is shown in Table 2, and the associated timing diagram is shown in Figure 2. Each line has associated with it an enable bit. Setting this bit low will force the corresponding delay line output to a high impedance state, while setting it high returns the line to its normal operation. The device contains an SO output, which can be used to cascade multiple devices, as shown in Figure 3. TABLE 2: BIT SEQUENCE
Bit 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Delay Line 4 3 2 1 1 Function Output Enable Output Enable Output Enable Output Enable Address Bit 3 Address Bit 2 Address Bit 1 Address Bit 0 Address Bit 3 Address Bit 2 Address Bit 1 Address Bit 0 Address Bit 3 Address Bit 2 Address Bit 1 Address Bit 0 Address Bit 3 Address Bit 2 Address Bit 1 Address Bit 0
I4
O4
2
I3
O3
I2
O2
3
I1
O1
4
20-BIT LATCH 20-BIT SHIFT REGISTER
SO
Figure 1: Functional block diagram
tLW
LATCH (AL) CLOCK (SC) SERIAL INPUT (SI) SERIAL OUTPUT (SO) DELAY TIMES
tCW
tCW
tCSL
tDSC
NEW BIT 1
tDHC
NEW BIT 2 NEW BIT 20
tPCQ
OLD BIT 1 OLD BIT 2 OLD BIT 20 NEW BIT 1
tLDX
PREVIOUS VALUES
tLDV
NEW VALUES
Figure 2: Serial interface timing diagram
Doc #06019
6/5/2006
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
2
3D7424
APPLICATION NOTES (CONT'D)
DELAY ACCURACY
There are a number of ways of characterizing the delay accuracy of a programmable line. The first is the differential nonlinearity (DNL), also referred to as the increment error. It is defined as the deviation of the delay step at a given address from its nominal value. For all dash numbers, the DNL is within 1/4 LSB at every address (see Table 1: Delay Step). The integrated nonlinearity (INL) is determined by first constructing the least-squares best fit straight line through the delay-versus-address data. The INL is then the deviation of a given delay from this line. For all dash numbers, the INL is within 1.0 LSB at every address. The relative error is defined as follows: erel = (Ti - T0) - i * Tinc where i is the address, Ti is the measured delay at the i'th address, T0 is the measured inherent delay, and Tinc is the nominal increment. It is very similar to the INL, but simpler to calculate. For most dash numbers, the relative error is less than 1/8 LSB at every address (see Table 1: Relative Tolerance). The absolute error is defined as follows: eabs = Ti - (Tinh + i * Tinc) where Tinh is the nominal inherent delay. The absolute error tolerance is given for addresses 0 and 15 (see Table 1: Inherent Delay, Total Delay, respectively). At any intermediate address, the tolerance can be found via linear interpolation of the address 0 & address 15 tolerances. The matching error is a measure of how well the delay of the four lines track each other when they are all programmed to the same address. The lines are typically matched to within 1% or 1ns, whichever is greater, for all addresses and all dash numbers.
DELAY STABILITY
The delay of CMOS integrated circuits is strongly dependent on power supply and temperature. The 3D7424 utilizes novel compensation circuitry to minimize the delay variations induced by fluctuations in power supply and/or temperature. With regard to stability, the delay of the 3D7424 at a given address, i, can be split into two components: the inherent delay (T0) and the relative delay (Ti - T0). These components exhibit very different stability coefficients, both of which must be considered in very critical applications. The thermal coefficient of the relative delay is limited to 250 PPM/C, which is equivalent to a variation, over the -40C to 85C operating range, of 1.5% from the room-temperature delay settings. This holds for dash numbers greater than 1. For smaller dash numbers, the thermal drift will be larger and will always be positive. The thermal coefficient of the inherent delay is nominally +15ps/C for all dash numbers. The power supply sensitivity of the relative delay is 0.5% over the 4.75V to 5.25V operating range, with respect to the delay settings at the nominal 5.0V power supply. This holds for all dash numbers greater than 1. For smaller dash numbers, the voltage sensitivity will be greater and will always be negative. The sensitivity of the inherent delay is nominally -1ps/mV for all dash numbers.
SI
3D7424
AL
SO
SI
3D7424
AL
SO
SI
3D7424
AL
SO
FROM WRITING DEVICE
SC
SC
SC
TO NEXT DEVICE
Figure 3: Cascading Multiple Devices
Doc #06019
6/5/2006
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
3
3D7424
APPLICATION NOTES (CONT'D)
INPUT SIGNAL CONSIDERATIONS
The frequency and/or pulse width (high or low) of operation may adversely impact the specified delay and increment accuracy of the particular device. The reasons for the dependency of the output delay accuracy on the input signal characteristics are varied and complex. Therefore, a recommended and an absolute maximum operating input frequency and a recommended and an absolute minimum operating pulse width have been specified. OPERATING FREQUENCY The absolute maximum operating frequency specification, tabulated in Table 1, determines the highest frequency of the delay line input signal that can be reproduced, shifted in time at the device output, with acceptable duty cycle distortion. The recommended maximum operating frequency specification determines the highest frequency of the delay line input signal for which the output delay accuracy is guaranteed. Operation above the recommended maximum frequency will cause the delays to shift slighty with respect to their values at low-frequency operation. The magnitudes of these deviations will increase as the absolute maximum frequency is approached. However, if the input frequency and pulse width remain constant, the device will exhibit the same delays from one period to the next (ie, no appreciable jitter). OPERATING PULSE WIDTH The absolute minimum operating pulse width (high or low) specification, tabulated in Table 1, determines the smallest pulse width of the delay line input signal that can be reproduced, shifted in time at the device output, with acceptable pulse width distortion. The minimum operating pulse width (high or low) specification determines the smallest pulse width of the delay line input signal for which the output delay accuracy tabulated in Table 1 is guaranteed. Operation below the recommended minimum pulse width will cause the delays to shift slighty with respect to their values at long-pulse-width operation. The magnitudes of these deviations will increase as the absolute minimum pulse width is approached. However, if the input pulse width and frequency remain constant, the device will exhibit the same delays from one period to the next (ie, no appreciable jitter).
PROGRAMMED DELAY UPDATE
A delay line is a memory device. It stores information present at the input for a time equal to the delay setting before presenting it at the output. Each 4-bit delay line in the 3D7424 is represented by 15 serially connected delay elements (individually addressed by the programming data), each capable of storing data for a time equal to the device increment (step time). The delay line memory property, in conjunction with the operational requirement of "instantaneously" connecting the delay element addressed by the programming data to the output, may inject spurious information onto the output data stream. In order to ensure that spurious outputs do not occur, it is essential that the input signal be idle (held high or low) for a short duration prior to updating the programmed delay. This duration is given by the maximum programmable delay. Satisfying this requirement allows the delay line to "clear" itself of spurious edges. Once the new address is loaded, the input signal can begin to switch.
Doc #06019
6/5/2006
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
4
3D7424
DEVICE SPECIFICATIONS
TABLE 3: ABSOLUTE MAXIMUM RATINGS
PARAMETER DC Supply Voltage Input Pin Voltage Input Pin Current Storage Temperature Lead Temperature SYMBOL VDD VIN IIN TSTRG TLEAD MIN -0.3 -0.3 -10 -55 MAX 7.0 VDD+0.3 10 150 300 UNITS V V mA C C NOTES
25C 10 sec
TABLE 4: DC ELECTRICAL CHARACTERISTICS
(-40C to 85C, 4.75V to 5.25V) PARAMETER Static Supply Current* High Level Input Voltage Low Level Input Voltage High Level Input Current Low Level Input Current High Level Output Current Low Level Output Current Output Rise & Fall Time SYMBOL IDD VIH VIL IIH IIL IOH IOL TR & TF MIN 2.0 -0.1 -0.1 0.0 0.0 -8.0 7.5 2 0.8 0.1 0.1 -6.0 TYP 5.0 MAX 7.0 UNITS mA V V A A mA mA ns NOTES VDD = 5.25V VIH = VDD VIL = 0V VDD = 4.75V VOH = 2.4V VDD = 4.75V VOL = 0.4V CLD = 5 pf
6.0
*IDD(Dynamic) = 4 * CLD * VDD * F where: CLD = Average capacitance load/line (pf) F = Input frequency (GHz)
Input Capacitance = 10 pf typical Output Load Capacitance (CLD) = 25 pf max
TABLE 5: AC ELECTRICAL CHARACTERISTICS
(-40C to 85C, 4.75V to 5.25V) PARAMETER Latch Width Data Setup to Clock Data Hold from Clock Clock Width (High or Low) Clock Setup to Latch Clock to Serial Output Latch to Delay Valid Latch to Delay Invalid Input Pulse Width Input Period Input to Output Delay SYMBOL TLW tDSC tDHC tCW tCSL tPCQ tLDV tLDX tWI Period tPLH, tPHL MIN 10 10 1 15 20 TYP MAX UNITS ns ns ns ns ns ns ns ns % of Total Delay % of Total Delay ns NOTES
12 35 5 10 20
20 45
1 1 See Table 1 See Table 1 See Text
NOTES: 1 - Refer to PROGRAMMED DELAY UPDATE section
Doc #06019
6/5/2006
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
5
3D7424
SILICON DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT: Ambient Temperature: 25oC 3oC Supply Voltage (VDD): 5.0V 0.1V Input Pulse: High = 3.3V 0.1V Low = 0.0V 0.1V Source Impedance: 50 Max. Rise/Fall Time: 3.0 ns Max. (measured between 0.6V and 2.7V ) Pulse Width: PWIN = 1.25 x Total Delay Period: PERIN = 2.5 x Total Delay OUTPUT: Rload: Cload: Threshold: 10K 10% 5pf 10% 1.65V (Rising & Falling)
Device Under Test
10K 5pf
Digital Scope
470
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
COMPUTER SYSTEM
PRINTER
REF PULSE GENERATOR OUT TRIG IN1 DEVICE UNDER IN2 TEST (DUT) IN3 IN4 OUT1 OUT2 OUT3 OUT4 IN TRIG DIGITAL SCOPE/ TIME INTERVAL COUNTER
Figure 4: Test Setup
PERIN PW IN tRISE INPUT SIGNAL
2.7V 1.65V 0.6V
tFALL VIH
2.7V 1.65V 0.6V
VIL tPHL
tPLH OUTPUT SIGNAL
1.65V
VOH
1.65V
VOL
Figure 5: Timing Diagram
Doc #06019
6/5/2006
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
6


▲Up To Search▲   

 
Price & Availability of 3D7424D-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X