Part Number Hot Search : 
100R2 TA7060 AUK11Y48 25FR10M NSLC420 4BC30K LN61C NTE3044
Product Description
Full Text Search
 

To Download 3B31-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Isolated Voltage Input 3B30 / 3B31
FEATURES
Interfaces, amplifies, & filtersanalog input voltages. Narrow-bandwidth (3Hz) single-channel single conditioning. Module provides simultaneous precision voltage and current outputs. Module circuitry can withstand 220v rms at the input screwterminals Current output withstands 130V rms without damage. All 3B30 & 3B31 series modules are mix-and-match and Hot Swappable
Figure 1. 3B30 & 3B31 Functional Block Diagram
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS
Industrial signal conditioning Industrial signal isolation Industrial signal filtering
Output modules accept 0 to +10V (or +10V) single-ended signals and provide an isolated 4-20 mA (or 0-20 mA) process signal. All modules feature a universal pin-out and may be readily hot-swapped under full power and interchanged without disrupting field wiring. The Analog Devices 3B Series Signal Conditioning Subsystem is designed to easily handle signal conditioning problems in measurement and control applications. Some typical uses are in microcomputer-based data acquisition systems, programmable controllers, analog recorders, dedicated control systems, and any other applications where monitoring of temperature, pressure, flow and analog signals are required. Since each input module features two simultaneous outputs, the voltage output can be used to provide an input to a microprocessor-based data acquisition or control system while the current output can be used for analog transmission, operator interface, or an analog backup system. Each input module is a single-channel signal conditioner which plugs into a socket on the backplane and accepts its signal from the input screw terminals. All input modules provide input protection, amplification and filtering of the input signal, accuracy of +0.1%, low drift of +1 uV/oC (low-level input modules), and feature two high-level analog outputs that are compatible with most process instrumentation. The isolated input modules also provide +1500 V peak isolation. The choice of a specific 3B module depends upon the type of input signal. Input modules are available to accept millivolt, volt, process current, thermocouple, RTD, AC and DC strain gage, frequency and LVDT inputs. The voltage output of each module is available from the system I/O connector while the current output is available on the output screw terminals.
PRODUCT OVERVIEW
The 3B Series of Signal Conditioning I/o Subsystems provide a low-cost, versatile method of transferring analog transducer signals to a data acquisition, monitoring or control system without the inherent noise, non-linearity, drift and extraneous voltages. The modules are designed to directly accept analog signals from Thermocouples, RTD's, AC and DC Strain Gages, Torque Transducers, Frequency Transducers, LVDTs, millivolt or process current signals. The modules amplify, isolate, linearize and convert the transducer output signals to standardized analog inputs for high-level analog I/O subsystems. The 3B Series Subsystem consists of a 10" relay rack with universal mounting backplane and a family of plug-in (up to 16 per rack) input and output signal conditioning modules. Eight and four channel backplanes are also available. Each backplane incorporates screw terminals for sensor inputs and current outputs and a 26-pin connector for high-level singleended voltage outputs to the user's equipment. The input modules feature complete signal conditioning circuitry optimized for specific sensors or analog signals and provide two simultaneous high-level analog outputs: 0 to +10V (or +10V) and 4-20 mA (or 0-20 mA).
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. www.analog.com Tel: 781.329.4700 Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
3B30 / 3B31 GENERAL DESCRIPTION
The 3B30 & 3B31 are narrow-bandwidth (3Hz) single-channel signal conditioning modules which amplify, isolate, filter and protect analog input voltages and provide simultaneous precision voltage and current outputs. Each module performs complete signal conditioning, including isolating (+1500V peak input-to-output and power) and protecting their computer side outputs from damage and loss of signal integrity, and shielding their inputs from damage from field-side over-voltage faults up to 220V rms. The current output withstands 130V rms without damage and interfaces user equipment through screw terminals located on the 3B Series backplane. Each plug-in, mix-andmatch, hot-swappable module is easily field calibrated via frontpanel zero and span adjustments for both voltage and current outputs. 3B Series Custom-Ranging Program - Externallyprogrammable Models 3B30-00 and 3B31-00, enable the user to configure a special input range by using the optional plug-on AC1310 ranging card, which houses user-supplied resistors to determine zero and span. To facilitate selecting resistors, a Windows program, 3B-CUSTOM, calculates resistor values based on the user-desired input/output ranges. A chopper-stabilized low-drift (+1uV/oC) input amplifier assures stable long-term stability. At the amplifier input, a stable, zero-scale input voltage is subtracted from the input signal to . set the zero-scale value. Zero suppression can exceed 100% of the input range. This is ideal fro expanded-scale applications requiring high-resolution measurement of a selected portion of an input signal. For users convenience, the zero and span can be factory configured to meet custom range needs (Models 3B30CUSTOM and 3B31-CUSTOM) or can be externally programmed (Models 3B30-00 and 3B31-00) via user supplied resistors inserted in the optional AC1310 plug-on ranging card. Internal low-pass filtering with a 4Hz cutoff (-3dB) two-pole Butterworth filter enhances both 60dB normal-mode and 160 dB common-mode rejection at 50/60 Hz, enabling accurate measurement of small signals in high electrical noise.
Signal isolation is accomplished by transformer coupling with a proprietary modulation technique for linear, stable and reliable performance. The differential input circuit on the field side is fully floating, eliminating the need for any input grounding. A demodulator on the computer side of the signal transformer recovers the original signal, which is then filtered and buffered to provide a low-noise, low-impedance output voltage; this output also drives a voltage-to-current (V/I) converter to provide a simultaneous current output for interfacing versatility.
.
Figure 2
Rev. 0 | Page 2 of 8
3B30 / 3B31
3B30 and 3B31 Models Available
Model 3B30-00 3B30-01 3B30-02 3B30-03 3B30-Custom 3B31-00 3B31-01 3B31-02 3B31-03 3B31-Custom
1 2
Input Range Externally Programmable2 -10 mV to +10 mV -50 mV to +50 mV -100 mV to +100 mV * Externally Programmable2 -1 V to +1 V -5 V to +5 V -10 V to +10 V *
Output Ranges1 -10 V to +10 V & 0 mA to 20 mA -10 V to +10 V & 0 mA to 20 mA -10 V to +10 V & 0 mA to 20 mA -10 V to +10 V & 0 mA to 20 mA * -10 V to +10 V & 0 mA to 20 mA -10 V to +10 V & 0 mA to 20 mA -10 V to +10 V & 0 mA to 20 mA -10 V to +10 V & 0 mA to 20 mA -10 V to +10 V & 0 mA to 20 mA
Output current range may be user programmed to 4 mA to 20 mA using jumper supplied. Requires AC1310 ranging card. * Custom Input/Output ranges are available. Refer to configuration guide.
3B30 and 3B31 Specifications (typical @ +25C and 15 V dc, and +24 V dc Power)
Description Input Range Standard Ranges Custom Ranges 10 mV to 100 mV 5 mV to 500 mV Output Range Voltage (RL > 2 K) Current (RL = 0 to 850)1 Maximum Current Output Span -10 V to +10 V 4 mA to 20 mA or 0 mA to 20 mA 0 mA to 31 mA Accuracy Initial @ +25C Nonlinearity 0.1% Span 0.01% Span
2
Model 3B30
Model 3B31
1 V to 10 V 0.5 V to 20 V
* * *
* *
Stability vs. Temperature Voltage Output Zero Span Current Output Zero Span Zero and Span Adjustment Range
4 3
1 V/C (RTI) 25 ppm of Reading/C
25 ppm of Span/C *
25 ppm of Span/C 25 ppm of Reading/C 5% of Span
* * *
Rev. 0 | Page 3 of 8
3B30 / 3B31
Input Bias Current Input Resistance +3 nA 15 M Noise Input, 0.1 Hz to 10 Hz Bandwidth Output, 100 kHz Bandwidth Bandwidth, -3 dB Output Rise Time, 10% to 90% Span 0.2 V rms 50 V rms 3 Hz 200 ms Common-Mode Voltage (CMV) Input-to-Output, Continuous Transient 1500 V peak, maximum ANSI/IEEE C37.90.1-1989 Common Mode Rejection (CMR) 1 k Source Imbalance, 50/60 Hz Normal Mode Rejection, 50/60 Hz 160 dB 60 dB Input Protection Continuous Transient Voltage Output Protection Current Output Protection 220 V rms maximum ANSI/IEEE C37.90.1-1989 Continuous Short to Ground 130 V rms, continuous Power Supply Voltages 15 V dc Supplies Rated Operation Current Sensitivity +24 V dc Loop Supply Rated Operation Current Sensitivity Mechanical Dimensions +12 V dc to +30 V dc +27 mA @ lout = 20 mA 0.0002% span/V 3.15" x 3.395" x 0.775" 80.0 mm x 86.2 mm x 19.7 mm) Environmental Temperature Range Rated Performance Storage Relative Humidity, 24 hours RFI Susceptibility -25C to +85C -55C to +85C 0 to 95% @ +60C non-condensing 0.5% Span error @ 400 MHz, 5 Watt, 3 ft * * * * * * * * (11.5 V dc to 16.5 V dc) 10 mA 0.01% span/V * * *
5
* 650 k
* * * *
* *
160 dB 150 dB (3B31-02); 145 dB (3B31-03) *
* * * *
* Specifications same as model 3B30. 1 For a 0 to 20 mA range, a typical minimum output current is 10 A. 2 Includes the combined effects of repeatability, hysteresis, and nonlinearity. 3 With respect to the voltage output. 4 A wide range of custom zero suppression and span is available with the 3B30-00 and 3B31-00 models, using the AC1310 ranging card. 5 +24 V dc loop power is required for driving the current output at loads up to 850. If a current output load of 400 or less is applied, +15 V dc is sufficient for loop power. If only voltage output is used, loop power is not required. Specifications subject to change without notice.
Rev. 0 | Page 4 of 8
3B30 / 3B31 PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 3B30 & 3B31Input Field Connections
Table 1. Pin Function Descriptions--
Pin No. 1 2 3 4 Description n/c HI LO n/c
Figure 4 . Model 3B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. 0 | Page 5 of 8
3B30 / 3B31 OUTLINE DIMENSIONS
Figure 5. Outline Dimensions
Rev. 0 | Page 6 of 8
3B30 / 3B31 NOTES
Rev. 0 | Page 7 of 8
3B30 / 3B31 NOTES
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective companies. D05093-0-9/04(0)
Rev. 0 | Page 8 of 8


▲Up To Search▲   

 
Price & Availability of 3B31-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X