|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PROTECTORS CIRCUIT PROTECTORS No. 398 / MP Modul Protector (R) , 65 V leadfree For Short Circuit Protection of Sensitive Electronic Components and Assemblies T ime-Current Characteristic Medium Time Lag (M) cULus Recognized Maximum continuous current: IC > Ioperating max x F T time lag Maximum melting integral: I 2 t MP < I 2 t semiconductor (warm) Minimum fault current: IFault > 3 x I C Maximum fault current: IFault < 50A at 65VAC/DC Specifications Packaging Materials 000: Tape/Ammopack (1400 pcs.) Base/Cap: Brown Thermoplastic Polyamide PA 6.6, UL 94 V-0 Round Pins: Copper, Sn plated -40 C to +85 C (consider de-rating) -40 C/+85 C/21 days (EN 60068-1,-2-1,-2-2,-78) +10 C to +60 C relative humidity 75 % yearly average, without dew, maximum value for 30 days-95 % 24 cycles at 15 min. each (EN 60068-6) 10 - 60 Hz at 0.75 mm amplitude 60 - 2000 Hz at 10 g acceleration 10 N (EN 60068-2-21) Approvals Temperature Operating Temperature Climatic Category Stock Conditions Operating Criteria Dimensions (mm) 8,5 max. 8 max. 4 Vibration Resistance 0,5 min 18,8 0,6 1,5 Lead Pull Strength Solderability 5,08 1 +0,1 Features Holes in PCB For worldwide applications Reduced PCB space requirements Highly defined cut-off times Irreversible physical separation Low internal resistance Flame resistant encapsulated casing 260 C, 3 s (Wave) 350 C, 3 s (Soldering iron) 260C, 10 sec. (IEC 60068-2-20) , Type Soldering Heat Resistance Marking Unit Weight 0.60 g (approx.) 125mA 250mA 315mA 400mA 500mA 630mA 800mA 1.00A 1.25A 1.60A 2.00A 2.50A 3.15A 4.00A MP 13 MP 25 MP 32 MP 40 MP 50 MP 63 MP 80 MP100 MP125 MP160 MP200 MP250 MP315 MP400 0125 0250 0315 0400 0500 0630 0800 1100 1125 1160 1200 1250 1315 1400 65V 65V 65V 65V 65V 65V 65V 65V 65V 65V 65V 65V 65V 65V 50A / 65 V AC/DC 50-60 Hz cos = 1.0 900 355 260 186 155 115 85 65 48 34 26 21 16 12 50 50 60 75 90 120 140 170 210 320 425 550 650 1000 0.0093 0.045 0.081 0.18 0.2 0.37 0.64 1.1 2.3 4.5 7.8 13 23 40 Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand. Order Information 032906 Qty. OrderNumber Series 398 Amp Code Packaging Specifications are subject to change without notice In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio. www.littelfuse.com cURus * * * * * * * * * * * * * * Permissible continuous operating current is 10 0 % at ambient temperature of 23 C (73.4 F). 100 Continous Type Amp Voltage Fault Cold Resistance Power Dissipation Melting Integral Current Code Rating Current 0.1 x IC 1.0 x IC 10 x IC IC max. typ. (m) max. (mW) typ. (A2s) Approvals PROTECTORS CIRCUIT PROTECTORS MP / No. 398 I-t Characteristics (Min-Max Limit) Test value Time (sec.) 00 0,0 10 ,00 10 0 0 1,0 0 10 0 10 1 0.1 1 0.0 01 0.0 1 1.5 2 3 4 5 6 7 8 9 10 15 IFault / I Rated Contact Littelfuse for individual I-t curves 032906 In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio. www.littelfuse.com |
Price & Availability of 398 |