Part Number Hot Search : 
1N961B MC3303PT E1010 18X16 S1280 P4KE180 LA101 75SERIES
Product Description
Full Text Search
 

To Download 375024B00032 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Standard Products Found
Page 1 of 3
TAPE Attachment Method
Part Number: 375024B00032
(Vis Number: 037809)
This part is in stock and available for immediate delivery:
Contact your local sales rep BGA Surface Tape Type Heat Sink Finish Part Class Metal T405 Black Anodize A
Features and Benefits
* Configurations are available for a wide range of BGA package sizes * Tape mounted versions eliminate the need for mounting holes in the PC Board * These Heat Sinks can be used with either plastic or metal/ceramic BGA Packages depending on tape used * These Heat Sinks are compatible with Ther-a-grip tapes
Width Length Height
Fin Thickness Fin Thickness # of fins # of fins Base Thickness Across Width Across Length across width across length
40mm 40mm 18mm
1.4mm
1.56mm
1.5mm
12
12
Mechanical Outline Drawing
Unless otherwise shown, tolerances are 0.38(.015)
http://www.aavidthermalloy.com/bin/bga_disp_print.pl?partnum=037809&attach=&size=...
2/25/2003
Standard Products Found
Page 2 of 3
http://www.aavidthermalloy.com/bin/bga_disp_print.pl?partnum=037809&attach=&size=...
2/25/2003
Standard Products Found
Page 3 of 3
Thermal Performance
*n **f 12.2 4.34
*Natural convection thermal resistance is based on a 75 C heat sink temperature rise. **Forced convection thermal resistance based on an entering 1.0 m/s (200 lfm) airflow. Due to various heat dissipation paths within a BGA device, please test the heat sink in your application.
This data sheet represents only one of a broad range of products we make to cool electronics. Our representatives can help you configure a complete cooling solution for your individual applications.
Visit us at www.aavidthermalloy.com * info@aavid.com * (c)2002 Aavid Thermalloy, LLC
http://www.aavidthermalloy.com/bin/bga_disp_print.pl?partnum=037809&attach=&size=...
2/25/2003


▲Up To Search▲   

 
Price & Availability of 375024B00032

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X